Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC78632RE Datasheet(PDF) 8 Page - Sanyo Semicon Device

Part # LC78632RE
Description  Compact Disk Player DSP
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC78632RE Datasheet(HTML) 8 Page - Sanyo Semicon Device

  LC78632RE Datasheet HTML 1Page - Sanyo Semicon Device LC78632RE Datasheet HTML 2Page - Sanyo Semicon Device LC78632RE Datasheet HTML 3Page - Sanyo Semicon Device LC78632RE Datasheet HTML 4Page - Sanyo Semicon Device LC78632RE Datasheet HTML 5Page - Sanyo Semicon Device LC78632RE Datasheet HTML 6Page - Sanyo Semicon Device LC78632RE Datasheet HTML 7Page - Sanyo Semicon Device LC78632RE Datasheet HTML 8Page - Sanyo Semicon Device LC78632RE Datasheet HTML 9Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Pin Functions
Note:
Of the general-purpose I/O ports, any unused input ports must be connected to 0 V, or set to be output ports.
No. 5826-8/9
LC78632RE
Pin No.
Symbol
I/O
Function
1
VPDO
O
Test output
2
PDO2
O
Double-speed and quad-speed mode playback PLL charge pump output. Must be left open if unused.
3
PDO1
O
Normal-speed mode playback PLL charge pump output
4
AVSS
Analog system ground. Must be connected to 0 V.
5
FR
Built-in VCO frequency range setting resistor connection
6
AVDD
Analog system power supply
7
ISET
PDO1 and PDO2 output current setting resistor connection
8
TAI
I
Test input. A pull-down resistor is built in. Must be connected to 0 V.
9
EFMO
O
EFM signal output
10
VSS
Digital system ground. Must be connected to 0 V.
11
EFMI
I
EFM signal input
12
TEST1
I
Test input. A pull-down resistor is built in. Must be connected to 0 V.
13
CLV+
O
Spindle servo control output. CLV+ outputs a high level for acceleration, and CLVoutputs a high level for
14
CLV
O
deceleration.
15
V/P
O
Rough servo/phase control automatic switching monitor output. A high-level output indicates rough servo, and a
low-level output indicates phase control.
16
TEST2
I
Test input. A pull-down resistor is built in. Must be connected to 0 V.
17
TEST3
I
Test input. A pull-down resistor is built in. Must be connected to 0 V.
18
P4
I/O
I/O port
19
HFL
I
Track detection signal input. This is a Schmitt input.
20
TES
I
Tracking error signal input. This is a Schmitt input.
21
PCK
O
EFM data playback bit clock monitor. Outputs 4.3218 MHz when the phase is locked in normal-speed mode
playback.
22
FSEQ
O
Synchronization signal detection output. Outputs a high level when the synchronization signal detected from the
EFM signal matches the internally generated synchronization signal.
23
TOFF
O
Tracking off output
24
TGL
O
Tracking gain switching output. Increase the gain when this pin outputs a low level.
25
THLD
O
Tracking hold output
26
TEST4
I
Test input. A pull-down resistor is built in. Must be connected to 0 V.
27
VDD
Digital system power supply
28
JP+
O
Track jump output. JP+ outputs a high level both for acceleration during outward direction jumps and for
deceleration during inward direction jumps. JPoutputs a high level both for acceleration during inward direction
29
JP
O
jumps and for deceleration during outward direction jumps.
30
SLD+
O
Sled output. This pin can be set to 1 of 4 levels by commands sent from the system control microprocessor.
31
SLD
O
32
EMPH
O
De-emphasis monitor. A high level indicates that a disk requiring de-emphasis is being played.
33
P5
I/O
I/O port
34
LRCKO
O
LR clock output
35
DFLRO
O
Digital filter outputs
LR data output. The digital filter can be turned off with the DFOFF command.
36
DACKO
O
Bit clock output
37
CONT1
O
Output port
38
P0/DFCK
I/O
I/O port. DF bit clock input in antishock mode.
39
P1/DFIN
I/O
I/O port. DF data input in antishock mode.
40
P2
I/O
I/O port. Used as the de-emphasis filter on/off switching pin in antishock mode. The de-emphasis filter is turned
on when this pin is high.
41
P3/DFLR
I/O
I/O port output or digital filter LR clock input (when anti-shock mode)
42
LRSY
O
LR clock output
43
CK2
O
Bit clock output. The polarity can be inverted with the CK2CON command.
44
ROMXA
O
ROMXA pins
Interpolated data output. Data that has not been interpolated can be output by issuing
the ROMXA command.
45
C2F
O
C2 flag output
46
MUTEL
O
Left channel mute output
47
LVDD
Left channel power supply
48
LCHP
O
One-bit D/A
Left channel P output
49
LCHN
O
converter pins
Left channel N output
50
LVSS
Left channel ground. Must be connected to 0V.
Continued on next page.


Similar Part No. - LC78632RE

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC7863 SANYO-LC7863 Datasheet
1Mb / 18P
   DIGITAL SIGNAL PROCESSOR FOR COMPACT DISC PLAYERS
LC78630 SANYO-LC78630 Datasheet
433Kb / 33P
   Compact Disk Player DSP
LC78630E SANYO-LC78630E Datasheet
433Kb / 33P
   Compact Disk Player DSP
LC78631 SANYO-LC78631 Datasheet
503Kb / 34P
   Compact Disk Player DSP
LC78631E SANYO-LC78631E Datasheet
503Kb / 34P
   Compact Disk Player DSP
More results

Similar Description - LC78632RE

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC78631E SANYO-LC78631E Datasheet
503Kb / 34P
   Compact Disk Player DSP
LC78630E SANYO-LC78630E Datasheet
433Kb / 33P
   Compact Disk Player DSP
LC78622E SANYO-LC78622E Datasheet
379Kb / 29P
   Compact Disc Player DSP
LC78624E SANYO-LC78624E Datasheet
358Kb / 27P
   Compact Disc Player DSP
LC78622NE SANYO-LC78622NE Datasheet
325Kb / 31P
   Compact Disc Player DSP
LC78621E SANYO-LC78621E Datasheet
418Kb / 34P
   Compact Disc Player DSP
LC78620E SANYO-LC78620E Datasheet
478Kb / 34P
   Compact Disc Player DSP
LC78625E SANYO-LC78625E Datasheet
440Kb / 35P
   Compact Disc Player DSP
LC78626E SANYO-LC78626E Datasheet
475Kb / 32P
   DSP for Compact Disk Players
logo
List of Unclassifed Man...
YM3805 ETC1-YM3805 Datasheet
73Kb / 2P
   Signal Processor Controller for Compact Disk Player
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com