Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCP1623 Datasheet(PDF) 5 Page - Microchip Technology

Part # MCP1623
Description  Low-Voltage Input Boost Regulator for PIC짰 Microcontrollers
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1623 Datasheet(HTML) 5 Page - Microchip Technology

  MCP1623_11 Datasheet HTML 1Page - Microchip Technology MCP1623_11 Datasheet HTML 2Page - Microchip Technology MCP1623_11 Datasheet HTML 3Page - Microchip Technology MCP1623_11 Datasheet HTML 4Page - Microchip Technology MCP1623_11 Datasheet HTML 5Page - Microchip Technology MCP1623_11 Datasheet HTML 6Page - Microchip Technology MCP1623_11 Datasheet HTML 7Page - Microchip Technology MCP1623_11 Datasheet HTML 8Page - Microchip Technology MCP1623_11 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
© 2011 Microchip Technology Inc.
DS41420C-page 5
MCP1623/24
2.0
TYPICAL PERFORMANCE CURVES
Note: Unless otherwise indicated, VIN = EN = 1.2V, COUT =CIN =10 µF, L =4.7 µH, VOUT =3.3V, ILOAD =15 mA, TA =+25°C.
FIGURE 2-1:
VOUT IQ vs. Ambient
Temperature in PFM Mode.
FIGURE 2-2:
VOUT IQ vs. Ambient
Temperature in PWM Mode.
FIGURE 2-3:
MCP1623/24 IOUTMAX vs.
VOUT.
FIGURE 2-4:
MCP1624 Efficiency vs.
IOUT, VOUT = 2.0V.
FIGURE 2-5:
MCP1624 Efficiency vs.
IOUT, VOUT = 3.3V.
FIGURE 2-6:
MCP1624 Efficiency vs.
IOUT, VOUT = 5.0V.
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein are
not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
10.0
12.5
15.0
17.5
20.0
22.5
25.0
27.5
-40
-25
-10
5
20
35
50
65
80
Ambient Temperature (°C)
VOUT = 2.0V
V
OUT = 5.0V
V
OUT = 3.3V
VIN = 1.2V
150
175
200
225
250
275
300
-40
-25
-10
5
20
35
50
65
80
Ambient Temperature (°C)
VOUT = 3.3V
VOUT = 5.0V
VIN = 1.2V
0
50
100
150
200
250
300
350
0.51
1.5
2
2.53
3.54
4.5
5
Input Voltage (V)
VOUT = 3.3V
VOUT = 2.0V
V
OUT = 5.0V
0
10
20
30
40
50
60
70
80
90
100
0.01
0.1
1
10
100
1000
IOUT (mA)
V
IN = 0.8V
V
IN = 1.2V
V
IN = 1.6V
0
10
20
30
40
50
60
70
80
90
100
0.01
0.1
1
10
100
1000
I
OUT (mA)
V
IN = 0.8V
VIN = 1.2V
VIN = 2.5V
0
10
20
30
40
50
60
70
80
90
100
0.01
0.1
1
10
100
1000
IOUT (mA)
V
IN = 3.6V
V
IN = 1.2V
V
IN = 1.8V


Similar Part No. - MCP1623_11

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP1623 MICROCHIP-MCP1623_10 Datasheet
543Kb / 26P
   Low-Voltage Input Boost Regulator for PIC짰 Microcontrollers
2010
MCP1623 MICROCHIP-MCP1623_16 Datasheet
485Kb / 30P
   Low-Voltage Input Boost Regulator for PIC짰 Microcontrollers
06/23/16
More results

Similar Description - MCP1623_11

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP1623 MICROCHIP-MCP1623_10 Datasheet
543Kb / 26P
   Low-Voltage Input Boost Regulator for PIC짰 Microcontrollers
2010
MCP1623 MICROCHIP-MCP1623_16 Datasheet
485Kb / 30P
   Low-Voltage Input Boost Regulator for PIC짰 Microcontrollers
06/23/16
MCP1623 MICROCHIP-MCP1623 Datasheet
571Kb / 26P
   Low-Voltage Input Boost Regulator for PIC짰 Microcontrollers
2010
PIC16F527 MICROCHIP-PIC16F527 Datasheet
5Mb / 12P
   8-bit PIC짰 Microcontrollers
03/12/14
DS41401A MICROCHIP-DS41401A Datasheet
687Kb / 42P
   F1 Evaluation Platform for Enhanced PIC짰 Microcontrollers
2009
DS41614A MICROCHIP-DS41614A Datasheet
4Mb / 44P
   F1 LV Evaluation Platform for Enhanced PIC짰 Microcontrollers
2011
logo
Micro Linear Corporatio...
ML4861 MICRO-LINEAR-ML4861 Datasheet
218Kb / 11P
   Low Voltage Boost Regulator
logo
RICOH electronics devic...
R1152N RICOH-R1152N Datasheet
411Kb / 21P
   High Input Voltage Tolerant Boost Voltage Regulator
logo
Micro Linear Corporatio...
ML4851 MICRO-LINEAR-ML4851 Datasheet
286Kb / 9P
   Low Current, Voltage Boost Regulator
logo
Semtech Corporation
SC120 SEMTECH-SC120_10 Datasheet
557Kb / 32P
   Low Voltage Synchronous Boost Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com