Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DSPIC33FJ32MC202 Datasheet(PDF) 4 Page - Microchip Technology

Part # DSPIC33FJ32MC202
Description  High-Performance, 16-bit Digital Signal Controllers
Download  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ32MC202 Datasheet(HTML) 4 Page - Microchip Technology

  DSPIC33FJ32MC202_11 Datasheet HTML 1Page - Microchip Technology DSPIC33FJ32MC202_11 Datasheet HTML 2Page - Microchip Technology DSPIC33FJ32MC202_11 Datasheet HTML 3Page - Microchip Technology DSPIC33FJ32MC202_11 Datasheet HTML 4Page - Microchip Technology DSPIC33FJ32MC202_11 Datasheet HTML 5Page - Microchip Technology DSPIC33FJ32MC202_11 Datasheet HTML 6Page - Microchip Technology DSPIC33FJ32MC202_11 Datasheet HTML 7Page - Microchip Technology DSPIC33FJ32MC202_11 Datasheet HTML 8Page - Microchip Technology DSPIC33FJ32MC202_11 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 320 page
background image
dsPIC33FJ32MC202/204 and dsPIC33FJ16MC304
DS70283H-page 4
© 2011 Microchip Technology Inc.
Motor Control Peripherals:
• 6-channel 16-bit Motor Control PWM:
- Three duty cycle generators
- Independent or Complementary mode
- Programmable dead time and output polarity
- Edge-aligned or center-aligned
- Manual output override control
- One Fault input
- Trigger for ADC conversions
- PWM frequency for 16-bit resolution
(@ 40 MIPS) = 1220 Hz for Edge-Aligned
mode, 610 Hz for Center-Aligned mode
- PWM frequency for 11-bit resolution
(@ 40 MIPS) = 39.1 kHz for Edge-Aligned
mode, 19.55 kHz for Center-Aligned mode
• 2-channel 16-bit Motor Control PWM:
- One duty cycle generator
- Independent or Complementary mode
- Programmable dead time and output polarity
- Edge-aligned or center-aligned
- Manual output override control
- One Fault input
- Trigger for ADC conversions
- PWM frequency for 16-bit resolution
(@ 40 MIPS) = 1220 Hz for Edge-Aligned
mode, 610 Hz for Center-Aligned mode
- PWM frequency for 11-bit resolution
(@ 40 MIPS) = 39.1 kHz for Edge-Aligned
mode, 19.55 kHz for Center-Aligned mode
• Quadrature Encoder Interface module:
- Phase A, Phase B and index pulse input
- 16-bit up/down position counter
- Count direction status
- Position Measurement (x2 and x4) mode
- Programmable digital noise filters on inputs
- Alternate 16-bit Timer/Counter mode
- Interrupt on position counter rollover/underflow
Analog-to-Digital Converters (ADCs):
• 10-bit, 1.1 Msps or 12-bit, 500 ksps conversion:
- Two and four simultaneous samples (10-bit ADC)
- Up to nine input channels with auto-scanning
- Conversion start can be manual or
synchronized with one of four trigger sources
- Conversion possible in Sleep mode
- ±2 LSb max integral nonlinearity
- ±1 LSb max differential nonlinearity
CMOS Flash Technology:
• Low-power, high-speed Flash technology
• Fully static design
• 3.3V (±10%) operating voltage
• Industrial and Extended temperature
• Low power consumption
Communication Modules:
• 4-wire SPI:
- Framing supports I/O interface to simple
codecs
- Supports 8-bit and 16-bit data
- Supports all serial clock formats and
sampling modes
•I2C™:
- Full Multi-Master Slave mode support
- 7-bit and 10-bit addressing
- Bus collision detection and arbitration
- Integrated signal conditioning
- Slave address masking
•UART:
- Interrupt on address bit detect
- Interrupt on UART error
- Wake-up on Start bit from Sleep mode
- 4-character TX and RX FIFO buffers
- LIN bus support
-IrDA® encoding and decoding in hardware
- High-Speed Baud mode
- Hardware Flow Control with CTS and RTS
Packaging:
• 28-pin SDIP/SOIC/QFN-S
• 44-pin QFN/TQFP
Note:
See Table 1 for the exact peripheral
features per device.


Similar Part No. - DSPIC33FJ32MC202_11

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
DSPIC33FJ32MC202EML MICROCHIP-DSPIC33FJ32MC202EML Datasheet
6Mb / 460P
   16-BIT DIGITAL SIGNAL CFONTROLLERS WITH MOTOR CONTROL PWM AND ADVANCED ANALOG
11/29/11
DSPIC33FJ32MC202EMM MICROCHIP-DSPIC33FJ32MC202EMM Datasheet
6Mb / 460P
   16-BIT DIGITAL SIGNAL CFONTROLLERS WITH MOTOR CONTROL PWM AND ADVANCED ANALOG
11/29/11
DSPIC33FJ32MC202EPT MICROCHIP-DSPIC33FJ32MC202EPT Datasheet
6Mb / 460P
   16-BIT DIGITAL SIGNAL CFONTROLLERS WITH MOTOR CONTROL PWM AND ADVANCED ANALOG
11/29/11
DSPIC33FJ32MC202ESO MICROCHIP-DSPIC33FJ32MC202ESO Datasheet
6Mb / 460P
   16-BIT DIGITAL SIGNAL CFONTROLLERS WITH MOTOR CONTROL PWM AND ADVANCED ANALOG
11/29/11
DSPIC33FJ32MC202ESP MICROCHIP-DSPIC33FJ32MC202ESP Datasheet
6Mb / 460P
   16-BIT DIGITAL SIGNAL CFONTROLLERS WITH MOTOR CONTROL PWM AND ADVANCED ANALOG
11/29/11
More results

Similar Description - DSPIC33FJ32MC202_11

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
DSPIC30F6010A MICROCHIP-DSPIC30F6010A_11 Datasheet
3Mb / 236P
   High-Performance, 16-bit Digital Signal Controllers
2011
DSPIC30F2010 MICROCHIP-DSPIC30F2010_08 Datasheet
2Mb / 204P
   High-Performance, 16-bit Digital Signal Controllers
2008
DSPIC33FJXXXMCX06A MICROCHIP-DSPIC33FJXXXMCX06A Datasheet
2Mb / 352P
   High-Performance, 16-bit Digital Signal Controllers
2009
DSPIC30F2011 MICROCHIP-DSPIC30F2011_08 Datasheet
3Mb / 206P
   High-Performance, 16-bit Digital Signal Controllers
2008
DSPIC33FJ12MC201MM MICROCHIP-DSPIC33FJ12MC201MM Datasheet
4Mb / 284P
   High-Performance, 16-Bit Digital Signal Controllers
2007
DSPIC30F6011 MICROCHIP-DSPIC30F6011_06 Datasheet
3Mb / 228P
   High-Performance, 16-Bit Digital Signal Controllers
2006
DSPIC30F6010 MICROCHIP-DSPIC30F6010_06 Datasheet
3Mb / 222P
   High-Performance, 16-Bit Digital Signal Controllers
2006
DSPIC30F6014A-30IPT MICROCHIP-DSPIC30F6014A-30IPT Datasheet
2Mb / 239P
   High-Performance, 16-Bit Digital Signal Controllers
10/19/06
DSPIC33FJ128GP802-I MICROCHIP-DSPIC33FJ128GP802-I Datasheet
2Mb / 403P
   High-Performance, 16-bit Digital Signal Controllers
03/26/09
DSPIC33FJ16GS502-E MICROCHIP-DSPIC33FJ16GS502-E Datasheet
5Mb / 346P
   High-Performance, 16-bit Digital Signal Controllers
02/04/09
DSPIC33FJ12GP202-E MICROCHIP-DSPIC33FJ12GP202-E Datasheet
3Mb / 242P
   High-Performance, 16-Bit Digital Signal Controllers
12/08/06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com