Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY24272ZXCT Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # CY24272ZXCT
Description  Rambus XDR??Clock Generator with Zero SDA Hold Time
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY24272ZXCT Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button CY24272ZXCT Datasheet HTML 4Page - Cypress Semiconductor CY24272ZXCT Datasheet HTML 5Page - Cypress Semiconductor CY24272ZXCT Datasheet HTML 6Page - Cypress Semiconductor CY24272ZXCT Datasheet HTML 7Page - Cypress Semiconductor CY24272ZXCT Datasheet HTML 8Page - Cypress Semiconductor CY24272ZXCT Datasheet HTML 9Page - Cypress Semiconductor CY24272ZXCT Datasheet HTML 10Page - Cypress Semiconductor CY24272ZXCT Datasheet HTML 11Page - Cypress Semiconductor CY24272ZXCT Datasheet HTML 12Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
CY24272
Document Number: 001-42414 Rev. *A
Page 8 of 16
DC Operating Conditions
Parameter
Description
Condition
Min
Max
Unit
VDDP
Supply Voltage for PLL
2.5 V ± 5%
2.375
2.625
V
VDDC
Supply Voltage for Core
2.5 V ± 5%
2.375
2.625
V
VDD
Supply Voltage for Clock Buffers
2.5 V ± 5%
2.375
2.625
V
VIHCLK
Input High Voltage, REFCLK/REFCLKB
0.6
0.95
V
VILCLK
Input Low Voltage, REFCLK/REFCLKB
–0.15
+0.15
V
VIXCLK[6]
Crossing Point Voltage, REFCLK/REFCLKB
200
550
mV
VIXCLK[6]
Difference in Crossing Point Voltage, REFCLK/REFCLKB
150
mV
VIH
Input Signal High Voltage at ID0, ID1, EN, and /BYPASS
1.4
2.625
V
VIL
Input Signal Low Voltage at ID0, ID1, EN, and /BYPASS
–0.15
0.8
V
VIH,SM
Input Signal High Voltage at SCL and SDA[7]
1.4
3.465
V
VIL,SM
Input Signal Low Voltage at SCL and SDA
–0.15
0.8
V
VTH[8]
Input Threshold Voltage for single-ended REFCLK
0.35
0.5 × VDD
V
VIH,SE
Input Signal High Voltage for single-ended REFCLK
VTH + 0.3
2.625
V
VIL,SE
Input Signal Low Voltage for single-ended REFCLK
–0.15
VTH – 0.3
V
TA
Ambient Operating Temperature
0
70
°C
Notes
6. Not 100% tested except VIXCLK and VIXCLK. Parameters guaranteed by design and characterizations, not 100% tested in production.
7. This range of SCL and SDA input high voltage enables the CY24272 for use with 3.3 V, 2.5 V, or 1.8 V SMBus voltages.
8. Single-ended operation guaranteed only when 0.8 < (VIH,SE – VTH)/(VTH – VIL,SE) < 1.2.
[+] Feedback


Similar Part No. - CY24272ZXCT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY24272ZXCT CYPRESS-CY24272ZXCT Datasheet
342Kb / 13P
   Rambus짰 XDR??Clock Generator with Zero SDA Hold Time
More results

Similar Description - CY24272ZXCT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY24272 CYPRESS-CY24272 Datasheet
342Kb / 13P
   Rambus짰 XDR??Clock Generator with Zero SDA Hold Time
logo
Texas Instruments
CDCD5704 TI-CDCD5704_07 Datasheet
309Kb / 19P
[Old version datasheet]   Rambus XDR CLOCK GENERATOR
logo
Cypress Semiconductor
CY24271 CYPRESS-CY24271_11 Datasheet
533Kb / 16P
   Rambus XDR??Clock Generator
logo
Integrated Circuit Syst...
ICS9214 ICST-ICS9214 Datasheet
216Kb / 16P
   Rambus XDR Clock Generator
logo
Texas Instruments
CDCD5704 TI-CDCD5704 Datasheet
306Kb / 17P
[Old version datasheet]   Rambus TM XDR TM CLOCK GENERATOR
logo
Macronix International
MX8335 MCNIX-MX8335 Datasheet
40Kb / 6P
   RAMBUS CLOCK GENERATOR
logo
Cypress Semiconductor
CY24271 CYPRESS-CY24271 Datasheet
322Kb / 13P
   Rambus짰 XDR??Clock Generator
W134S CYPRESS-W134S Datasheet
198Kb / 12P
   Direct Rambus Clock Generator
logo
Texas Instruments
CDCFR83A TI-CDCFR83A Datasheet
370Kb / 14P
[Old version datasheet]   DIRECT RAMBUS??CLOCK GENERATOR
logo
NXP Semiconductors
PCK2011 PHILIPS-PCK2011 Datasheet
62Kb / 11P
   Direct RAMbus Clock Generator
1999 Jan 19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com