Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY22381FXCT Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CY22381FXCT
Description  Three-PLL General Purpose FLASH Programmable Clock Generator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY22381FXCT Datasheet(HTML) 5 Page - Cypress Semiconductor

  CY22381FXCT Datasheet HTML 1Page - Cypress Semiconductor CY22381FXCT Datasheet HTML 2Page - Cypress Semiconductor CY22381FXCT Datasheet HTML 3Page - Cypress Semiconductor CY22381FXCT Datasheet HTML 4Page - Cypress Semiconductor CY22381FXCT Datasheet HTML 5Page - Cypress Semiconductor CY22381FXCT Datasheet HTML 6Page - Cypress Semiconductor CY22381FXCT Datasheet HTML 7Page - Cypress Semiconductor CY22381FXCT Datasheet HTML 8Page - Cypress Semiconductor CY22381FXCT Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
CY22381
CY223811
Document #: 38-07012 Rev. *H
Page 5 of 11
Maximum Ratings
Exceeding maximum ratings may shorten the useful life of the
device. User guidelines are not tested.
Supply Voltage................................................–0.5V to +7.0V
DC Input Voltage ..............................–0.5V to + (VDD + 0.5V)
Storage Temperature .................................. –65°C to +125°C
Junction Temperature .................................................. 125°C
Data Retention at Tj = 125°C ................................> 10 years
Maximum Programming Cycles........................................100
Package Power Dissipation...................................... 250 mW
Static Discharge Voltage
(per MIL-STD-883, Method 3015) ...........................
≥ 2000V
Latch up (per JEDEC 17) ....................................
±200 mA
Operating Conditions
Parameter
Description
Min
Typ
Max
Unit
VDD
Supply Voltage
3.135
3.3
3.465
V
TA
Commercial Operating Temperature, Ambient
0
+70
°C
Industrial Operating Temperature, Ambient
–40
+85
°C
CLOAD_OUT Max. Load Capacitance
15
pF
fREF
External Reference Crystal
8
30
MHz
External Reference Clock[2], Commercial
1–
166
MHz
External Reference Clock[2], Industrial
1–
150
MHz
tPU
Power up time for all VDD's to reach minimum specified voltage (power
ramps must be monotonic)
0.05
500
ms
Recommended Crystal Specifications
Parameter
Description
Description
Min
Typ.
Max
Unit
FNOM
Nominal crystal frequency
Parallel resonance, fundamental mode
8
30
MHz
CLNOM
Nominal load capacitance
8
20
pF
R1
Equivalent series resistance
(ESR)
Fundamental mode
50
Ω
DL
Crystal drive level
No external series resistor assumed
0.5
2
mW
Notes
1. Unless otherwise noted, Electrical and Switching Characteristics are guaranteed across these operating conditions.
2. External input reference clock must have a duty cycle between 40% and 60%, measured at VDD/2.
3. Guaranteed by design, not 100% tested.
Electrical Characteristics
Parameter
Description
Conditions[1]
Min
Typ
Max
Unit
IOH
Output High Current[3]
VOH = VDD – 0.5, VDD = 3.3 V
12
24
mA
IOL
Output Low Current[3]
VOL = 0.5V, VDD = 3.3 V
12
24
mA
CXTAL_MIN
Crystal Load Capacitance[3]
Capload at minimum setting
6
pF
CXTAL_MAX
Crystal Load Capacitance[3]
Capload at maximum setting
30
pF
CIN
Input Pin Capacitance[3]
Except crystal pins
7
pF
VIH
HIGH-level Input Voltage
CMOS levels,% of VDD
70%
VDD
VIL
LOW-level Input Voltage
CMOS levels,% of VDD
––
30%
VDD
IIH
Input HIGH Current
VIN = VDD – 0.3 V
<1
10
μA
IIL
Input LOW Current
VIN = +0.3 V
<1
10
μA
IOZ
Output Leakage Current
Three-state outputs
10
μA
[+] Feedback


Similar Part No. - CY22381FXCT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY22381FXCT CYPRESS-CY22381FXCT Datasheet
143Kb / 8P
   Three-PLL General Purpose FLASH Programmable Clock Generator
CY22381FXCT CYPRESS-CY22381FXCT Datasheet
346Kb / 9P
   Three-PLL General Purpose FLASH Programmable Clock Generator
CY22381FXCT CYPRESS-CY22381FXCT Datasheet
450Kb / 11P
   Three-PLL General Purpose FLASH Programmable Clock Generator
More results

Similar Description - CY22381FXCT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY22381 CYPRESS-CY22381 Datasheet
143Kb / 8P
   Three-PLL General Purpose FLASH Programmable Clock Generator
CY22392 CYPRESS-CY22392_08 Datasheet
344Kb / 9P
   Three-PLL General Purpose FLASH Programmable Clock Generator
CY22392 CYPRESS-CY22392_13 Datasheet
504Kb / 13P
   Three-PLL General Purpose Flash Programmable Clock Generator
CY22381 CYPRESS-CY22381_08 Datasheet
346Kb / 9P
   Three-PLL General Purpose FLASH Programmable Clock Generator
CY22392 CYPRESS-CY22392 Datasheet
157Kb / 8P
   Three-PLL General Purpose FLASH Programmable Clock Generator
CY22381_1105 CYPRESS-CY22381_1105 Datasheet
450Kb / 11P
   Three-PLL General Purpose FLASH Programmable Clock Generator
CY2291 CYPRESS-CY2291_02 Datasheet
133Kb / 14P
   Three-PLL General Purpose EPROM Programmable Clock Generator
CY2292 CYPRESS-CY2292_05 Datasheet
190Kb / 11P
   Three-PLL General-Purpose EPROM Programmable Clock Generator
CY2292 CYPRESS-CY2292 Datasheet
189Kb / 11P
   Three-PLL General-Purpose EPROM Programmable Clock Generator
CY2081 CYPRESS-CY2081 Datasheet
102Kb / 6P
   Three-PLL General-Purpose EPROM-Programmable Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com