Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY22381 Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # CY22381
Description  Three-PLL General Purpose FLASH Programmable Clock Generator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY22381 Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button CY22381 Datasheet HTML 3Page - Cypress Semiconductor CY22381 Datasheet HTML 4Page - Cypress Semiconductor CY22381 Datasheet HTML 5Page - Cypress Semiconductor CY22381 Datasheet HTML 6Page - Cypress Semiconductor CY22381 Datasheet HTML 7Page - Cypress Semiconductor CY22381 Datasheet HTML 8Page - Cypress Semiconductor CY22381 Datasheet HTML 9Page - Cypress Semiconductor CY22381 Datasheet HTML 10Page - Cypress Semiconductor CY22381 Datasheet HTML 11Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
CY22381
CY223811
Document #: 38-07012 Rev. *H
Page 8 of 11
Some product offerings are factory programmed customer specific devices with customized part numbers. The Possible Configura-
tions table shows the available device types, but not complete part numbers. Contact your local Cypress FAE or Sales Representative
for more information.
Possible Configurations
Ordering Code Definitions
Ordering Information
Ordering Code
Package Type
Operating Range
Operating Voltage
Pb-Free
CY223811FXI
8-SOIC with NiPdAu lead frame
Industrial (TA=–40°C to 85°C)
3.3V
CY22381FXC[9]
8-SOIC
Commercial (TA=0°C to 70°C)
3.3V
CY22381FXCT
8-SOIC – Tape and Reel
Commercial (TA=0°C to 70°C)
3.3V
CY22381FXI
8-SOIC
Industrial (TA=–40°C to 85°C)
3.3V
CY22381FXIT
8-SOIC – Tape and Reel
Industrial (TA=–40°C to 85°C)
3.3V
Programmer
CY3672-USB
Programmer
CY3699
CY22381F Adapter for CY3672-USB
Ordering Code
Package Type
Operating Range
Operating Voltage
CY22381SI-xxxT[7, 8]
8-SOIC – Tape and Reel
Industrial (TA=–40°C to 85°C)
3.3V
Pb-Free
CY22381SXC-xxx[7]
8-SOIC
Commercial (TA=0°C to 70°C)
3.3V
CY22381SXC-xxxT[7]
8-SOIC – Tape and Reel
Commercial (TA=0°C to 70°C)
3.3V
CY22381SXI-xxx[7]
8-SOIC
Industrial (TA=–40°C to 85°C)
3.3V
CY22381SXI-xxxT[7]
8-SOIC – Tape and Reel
Industrial (TA=–40°C to 85°C)
3.3V
Notes
7. The CY22381SI-xxx, CY22381SXC-xxx and CY22381SXI-xxx are factory programmed configurations. Factory programming is available for high-volume design
opportunities of 100Ku/year or more in production. For more details, contact your local Cypress FAE or Cypress Sales Representative.
8. Not recommended for new designs.
9. The CY22381FSZC and CY22381FXC are identical. For new designs, use CY22381FXC.
T = tape and reel, blank = tube
Configuration specific identifier (factory programmed)
Temperature Range: C = Commercial, I = Industrial
Package:
S = SOIC, leaded
SX = SOIC, Pb-free
X = SOIC, Pb-free
F = field programmable, blank = factory programmed
Lead finish:1 = NiPdAu, blank = unspecified
Part Identifier
Company Code: CY = Cypress Semiconductor
22381
CY
SX C (-xxx)
(1) (F)
(T)
[+] Feedback


Similar Part No. - CY22381

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY22381 CYPRESS-CY22381 Datasheet
143Kb / 8P
   Three-PLL General Purpose FLASH Programmable Clock Generator
CY22381 CYPRESS-CY22381 Datasheet
182Kb / 8P
   Universal Programmable Clock Generator (UPCG)
CY22381 CYPRESS-CY22381 Datasheet
346Kb / 9P
   Three-PLL General Purpose FLASH Programmable Clock Generator
CY22381 CYPRESS-CY22381 Datasheet
450Kb / 11P
   Three-PLL General Purpose FLASH Programmable Clock Generator
CY223811 CYPRESS-CY223811 Datasheet
450Kb / 11P
   Three-PLL General Purpose FLASH Programmable Clock Generator
More results

Similar Description - CY22381

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY22381 CYPRESS-CY22381 Datasheet
143Kb / 8P
   Three-PLL General Purpose FLASH Programmable Clock Generator
CY22392 CYPRESS-CY22392_08 Datasheet
344Kb / 9P
   Three-PLL General Purpose FLASH Programmable Clock Generator
CY22392 CYPRESS-CY22392_13 Datasheet
504Kb / 13P
   Three-PLL General Purpose Flash Programmable Clock Generator
CY22381 CYPRESS-CY22381_08 Datasheet
346Kb / 9P
   Three-PLL General Purpose FLASH Programmable Clock Generator
CY22392 CYPRESS-CY22392 Datasheet
157Kb / 8P
   Three-PLL General Purpose FLASH Programmable Clock Generator
CY22381_1105 CYPRESS-CY22381_1105 Datasheet
450Kb / 11P
   Three-PLL General Purpose FLASH Programmable Clock Generator
CY2291 CYPRESS-CY2291_02 Datasheet
133Kb / 14P
   Three-PLL General Purpose EPROM Programmable Clock Generator
CY2292 CYPRESS-CY2292_05 Datasheet
190Kb / 11P
   Three-PLL General-Purpose EPROM Programmable Clock Generator
CY2292 CYPRESS-CY2292 Datasheet
189Kb / 11P
   Three-PLL General-Purpose EPROM Programmable Clock Generator
CY2081 CYPRESS-CY2081 Datasheet
102Kb / 6P
   Three-PLL General-Purpose EPROM-Programmable Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com