Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CO-442 Datasheet(PDF) 2 Page - Vectron International, Inc

Part # CO-442
Description  Helping Customers Innovate, Improve & Grow
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

CO-442 Datasheet(HTML) 2 Page - Vectron International, Inc

  CO-442 Datasheet HTML 1Page - Vectron International, Inc CO-442 Datasheet HTML 2Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Copyright © 1997-2009 by Vectron International, Inc., A Dover Company.
Vectron International's Terms and Conditions.
The most recent change to this page occurred 02/11/2009
SCREEN TESTING OF ABOVE MODELS
SCREEN TEST
MIL-STD-883
METHOD
Standard
Options
CLASS
X
CLASS
D
CLASS
B
CLASS
S
Stabilization Bake
(150°C)
X
X
X
Class
S
screen
test
requirements
include
24
hour additional bake-out, 80
hour
additional
burn-in,
thermal shock, PIND test
and radiographic inspection
in
addition
to
Class
B
Screening. Has major cost
impact.
Seal Test
(Gross and Fine)
1014, Cond A2
X
X
X
Temperature Cycling
(Thermal Shock)
1010, Cond B
X
X
Burn-in, operating
160 hours @125°C
X
X
Acceleration
(5000g in Y1 axis)
2001, Cond A
X
top of page
Dimension in inches
Pinouts
Pin
1
7
8
14
Other
Function
*N/C
OV, case, gnd
Output
Supply +
N/C
top of page
Page 2 of 2
Vectron Products - HCMOS, ACMOS and FCT Clock Oscillators - CO-442
3/11/2009
http://www.vectron.com/products/xo/CO-442.htm


Similar Part No. - CO-442

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
CO-441 VECTRON-CO-441 Datasheet
64Kb / 2P
   CO-441 HCMOS, ACMOS and FCT Clock Oscillators
CO-446 VECTRON-CO-446 Datasheet
111Kb / 2P
   ACMOS and FCT Clock Oscillators
CO-447 VECTRON-CO-447 Datasheet
60Kb / 2P
   Helping Customers Innovate, Improve & Grow
CO-448 VECTRON-CO-448 Datasheet
64Kb / 2P
   Helping Customers Innovate, Improve & Grow
CO-449 VECTRON-CO-449 Datasheet
109Kb / 2P
   ACMOS and FCT Clock Oscillators
More results

Similar Description - CO-442

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
CO-431 VECTRON-CO-431 Datasheet
67Kb / 2P
   Helping Customers Innovate, Improve & Grow
CO-408 VECTRON-CO-408 Datasheet
65Kb / 3P
   Helping Customers Innovate, Improve & Grow
CO-447 VECTRON-CO-447 Datasheet
60Kb / 2P
   Helping Customers Innovate, Improve & Grow
CO-437 VECTRON-CO-437 Datasheet
61Kb / 3P
   Helping Customers Innovate, Improve & Grow
VX-501-0275-491M52 VECTRON-VX-501-0275-491M52 Datasheet
515Kb / 5P
   Helping Customers Innovate, Improve & Grow
CO-402 VECTRON-CO-402 Datasheet
69Kb / 3P
   Helping Customers Innovate, Improve & Grow
CO-434 VECTRON-CO-434 Datasheet
73Kb / 2P
   Helping Customers Innovate, Improve & Grow
CO-484 VECTRON-CO-484 Datasheet
63Kb / 3P
   Helping Customers Innovate, Improve & Grow
CO-484V VECTRON-CO-484V Datasheet
107Kb / 3P
   Helping Customers Innovate, Improve & Grow
CO-407 VECTRON-CO-407 Datasheet
61Kb / 3P
   Helping Customers Innovate, Improve & Grow
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com