Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CMR2U-06 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CMR2U-06
Description  SURFACE MOUNT ULTRA FAST RECOVERY SILICON RECTIFIER 2 AMP, 100 THRU 1000 VOLTS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMR2U-06 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CMR2U-06 Datasheet HTML 1Page - Central Semiconductor Corp CMR2U-06 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CMR2U-01
CMR2U-06
CMR2U-02
CMR2U-08
CMR2U-04
CMR2U-10
SURFACE MOUNT ULTRA FAST
RECOVERY SILICON RECTIFIER
2 AMP, 100 THRU 1000 VOLTS
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CMR2U-01 Series
2.0 Amp Surface Mount Silicon Ultra Fast Recovery
Rectifier is a high quality, well constructed, highly
reliable component designed for use in all types of
commercial, industrial, entertainment, computer, and
automotive applications. To order devices on 12mm
Tape and Reel (3000/13” Reel), add TR13 suffix to
part number.
FEATURES:
• Low cost
• Special selections available
• High reliability
• Superior lot to lot consistency
• Glass passivated chip
• “C” bend construction provides strain relief
when mounted on pc board
MAXIMUM RATINGS: (TA=25°C unless otherwise noted)
CMR2U CMR2U CMR2U CMR2U CMR2U CMR2U
SYMBOL
-01
-02
-04
-06
-08
-10
UNITS
Peak Repetitive Reverse Voltage
VRRM
100
200
400
600
800
1000
V
DC Blocking Voltage
VR
100
200
400
600
800
1000
V
RMS Reverse Voltage
VR(RMS)
70
140
280
420
560
700
V
Average Forward Current (TL=90°C)
IO
2.0
A
Peak Forward Surge Current, tp=8.3ms
IFSM
50
A
Operating and Storage
Junction Temperature
TJ, Tstg
-65 to +150
°C
Thermal Resistance
ΘJL
20
°C/W
ELECTRICAL CHARACTERISTICS: (TA=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
TYP
MAX
UNITS
IR
VR=Rated VRRM
10
µA
IR
VR=Rated VRRM, TA=100°C
200
µA
VF
IF=2.0A, (CMR2U-01, -02)
1.0
V
VF
IF=2.0A, (CMR2U-04)
1.4
V
VF
IF=2.0A, (CMR2U-06, -08, -10)
1.7
V
trr
IF=0.5A, IR=1.0A, Irr=0.25A (CMR2U-01, -02, -04)
50
ns
trr
IF=0.5A, IR=1.0A, Irr=0.25A 0.25A (CMR2U-06, -08, -10)
100
ns
CJ
VR=4.0V, f=1.0MHz
28
pF
MARKING CODE: SEE MARKING CODE TABLE ON
FOLLOWING PAGE
SMB CASE
R4 (21-October 2010)
www.centra lsemi.com


Similar Part No. - CMR2U-06

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMR2U-06 CENTRAL-CMR2U-06 Datasheet
253Kb / 2P
   ULTRA FAST RECOVERY RECTIFIER 2.0 AMP, 100 THRU 600 VOLTS
CMR2U-06 CENTRAL-CMR2U-06 Datasheet
296Kb / 2P
   SURFACE MOUNT ULTRA FAST RECOVERY SILICON RECTIFIER 2 AMP, 100 THRU 1000 VOLTS
CMR2U-06 CENTRAL-CMR2U-06_15 Datasheet
296Kb / 2P
   ULTRA FAST RECOVERY SILICON RECTIFIER
More results

Similar Description - CMR2U-06

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMR2U-7 CENTRAL-CMR2U-7 Datasheet
296Kb / 2P
   SURFACE MOUNT ULTRA FAST RECOVERY SILICON RECTIFIER 2 AMP, 100 THRU 1000 VOLTS
CMR1U-01M CENTRAL-CMR1U-01M_10 Datasheet
284Kb / 2P
   SURFACE MOUNT ULTRA FAST RECOVERY SILICON RECTIFIER 1 AMP, 100 THRU 1000 VOLTS
CMR3U-01M CENTRAL-CMR3U-01M Datasheet
219Kb / 2P
   SURFACE MOUNT ULTRA FAST RECOVERY SILICON RECTIFIER 3.0 AMP, 100 THRU 1000 VOLTS
CMR1U-01 CENTRAL-CMR1U-01_10 Datasheet
296Kb / 2P
   SURFACE MOUNT ULTRA FAST RECOVERY SILICON RECTIFIER 1 AMP, 100 THRU 1000 VOLTS
CMR1U-01M CENTRAL-CMR1U-01M_1 Datasheet
144Kb / 2P
   SURFACE MOUNT ULTRA FAST RECOVERY SILICON RECTIFIER 1.0 AMP, 100 THRU 1000 VOLTS
CMR1U-2 CENTRAL-CMR1U-2 Datasheet
303Kb / 2P
   SURFACE MOUNT SILICON ULTRA FAST RECOVERY RECTIFIERS 1 AMP, 100 THRU 1000 VOLTS
CMR1U-01 CENTRAL-CMR1U-01 Datasheet
118Kb / 2P
   ULTRA FAST RECOVERY RECTIFIER 1.0 AMP,100 THRU 1000 VOLTS
CMR3U-01 CENTRAL-CMR3U-01 Datasheet
116Kb / 2P
   ULTRA FAST RECOVERY RECTIFIER 3.0 AMP, 100 THRU 1000 VOLTS
logo
Solid States Devices, I...
SLC4-1B SSDI-SLC4-1B Datasheet
193Kb / 2P
   1 AMP ULTRA FAST RECOVERY SURFACE MOUNT RECTIFIER 100 - 1000 VOLTS
logo
Central Semiconductor C...
CMR1F-02M CENTRAL-CMR1F-02M_10 Datasheet
284Kb / 2P
   SURFACE MOUNT FAST RECOVERY SILICON RECTIFIER 1 AMP, 200 THRU 1000 VOLTS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com