Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CD-700 Datasheet(PDF) 5 Page - Vectron International, Inc

Part # CD-700
Description  Complete VCXO Based Phase Lock Loop
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

CD-700 Datasheet(HTML) 5 Page - Vectron International, Inc

  CD-700_09 Datasheet HTML 1Page - Vectron International, Inc CD-700_09 Datasheet HTML 2Page - Vectron International, Inc CD-700_09 Datasheet HTML 3Page - Vectron International, Inc CD-700_09 Datasheet HTML 4Page - Vectron International, Inc CD-700_09 Datasheet HTML 5Page - Vectron International, Inc CD-700_09 Datasheet HTML 6Page - Vectron International, Inc CD-700_09 Datasheet HTML 7Page - Vectron International, Inc CD-700_09 Datasheet HTML 8Page - Vectron International, Inc CD-700_09 Datasheet HTML 9Page - Vectron International, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Vectron International • 267 Lowell Road, Hudson, NH 03051 • Tel: 1-88-VECTRON-1 • http://www.vectron.com
Page 5 of 12
Loss of Signal, LOS and LOSIN
The LOS circuit provides an output alarm flag when the DATAIN input signal is lost. The LOS output is normally a logic low
and is set to a logic high after 256 consecutive clock periods on CLKIN with no detected DATAIN transitions. This signal can be
used to either flag external alarm circuits and/or drive the CD-700’s LOSIN input. When LOSIN is set to a logic high, the VCXO
control voltage (pin 16) is switched to an internal voltage which sets OUT1 and OUT2 to center frequency +/-75ppm. Also, LOS
automatically closes the op amp feedback which means the op-amp is a unity gain buffer and will produce a DC voltage equal to
the +op amp voltage (pin 15), usually VDD/2.
VCXO and Absolute Pull Range (APR) Specification
The CD-700’s VCXO is a varactor tuned crystal oscillator, which produces an output frequency proportional to the control voltage
(pin 16). The frequency deviation of the CD-700 VCXO is specified in terms of Absolute Pull Range (APR). APR provides the user
with a guaranteed specification for minimum available frequency deviation over all operating conditions. Operating conditions
include power supply variation, operating temperature range, and differences in output loading and changes due to aging.
A CD-700 VCXO with an APR of +/-50 ppm will track a +/-50 ppm reference source over all operating conditions. The fourth
character of the product code in Table 7 specifies absolute Pull Range (APR). Please see Vectron’s web site (www.vectron.com) for
the APR Application Note. APR is tested at 0.5 and 4.5 volts for the 5.0 volt option and 0.3 and 3.0 volts for the 3.3 volt option.
VCXO Aging
Quartz oscillators typically exhibit a part per million shift in output frequency during aging. The major factors, which lead to this
shift, are changes in the mechanical stress on the crystal and mass-loading on the crystal.
As the oscillator ages, relaxation of the crystal mounting stress or transfer of environmental stress through the package to the
crystal mounting arrangement can lead to frequency variations. VI has minimized these two effects through the use of a miniature
AT-cut strip resonator crystal which allows a superior mounting arrangement. This results in minimal relaxation and almost
negligible environmental stress transfer.
VI has eliminated the impact of mass loading by ensuring hermetic integrity and minimizing out-gassing by limiting the number
of internal components through the use of ASIC technology. Mass-loading on the crystal generally results in a frequency decrease
and is typically due to out-gassing of material within a hermetic package or from contamination by external material in a non-
hermetic package. Under normal operating conditions the CD-700 will typically exhibit 2 ppm aging in the first year of operation.
The device will then typically exhibit 1 ppm aging the following year with a logarithmic decline each year thereafter.
Frequency Divider Feature
The lowest available VCXO OUT1 frequency is 1.000 MHz. To achieve lower frequencies, OUT1 is divided by a 2n counter (n = 1 to
8) and is the OUT2 frequency. The divider values (2, 4, 8, 16, 32, 64, 128 and 256) are set at the factory, so it is user selectable upon
ordering only. In addition, a disabled OUT2 option is also available. To achieve 1.024 MHz, a CD-700 with OUT1 frequency equal
to 16.384 MHz and a divider value equal to 16 would be used. Additional external divider circuits can be used to further lower or
change the frequency.
Loop Filter
A PLL is a feedback system which forces the output frequency to lock in both phase and frequency to the input frequency. While
there will be some phase error, theory states there is no frequency error. The loop filter design will dictate many key parameters
such as jitter reduction, stability, lock range and acquisition time. Be advised that many textbook equations describing loop
dynamics, such as capture range are based on ideal systems. Such equations may not be accurate for real systems due to
nonlinearities, DC offsets, noise and do not take into account the limited VCXO bandwidth. This section deals with some real world
design examples. Also, there is loop filter software on the Vectron web site, plus a full staff of experienced applications engineers
who are eager to assist in this process. Common CD-700 PLL applications are shown in Figures 8, 9 (frequency translation), Figure
10 (clock recovery) and Figure 11 (clock smoothing).
Rev: 30Mar2009


Similar Part No. - CD-700_09

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
CD-700-KAC-GAB-77.760 VECTRON-CD-700-KAC-GAB-77.760 Datasheet
123Kb / 14P
   Complete VCXO Based Phase Lock Loop
logo
List of Unclassifed Man...
CD-700-KAC-GAB-XX.XXX ETC1-CD-700-KAC-GAB-XX.XXX Datasheet
147Kb / 14P
   Complete VCXO Based Phase Lock Loop
logo
Vectron International, ...
CD-700-KAC-GAC-77.760 VECTRON-CD-700-KAC-GAC-77.760 Datasheet
123Kb / 14P
   Complete VCXO Based Phase Lock Loop
CD-700-KAC-GAD-77.760 VECTRON-CD-700-KAC-GAD-77.760 Datasheet
123Kb / 14P
   Complete VCXO Based Phase Lock Loop
CD-700-KAC-GBB-77.760 VECTRON-CD-700-KAC-GBB-77.760 Datasheet
123Kb / 14P
   Complete VCXO Based Phase Lock Loop
More results

Similar Description - CD-700_09

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
CD-700 VECTRON-CD-700 Datasheet
123Kb / 14P
   Complete VCXO Based Phase Lock Loop
CD-700-SYNCE-25M0000000 VECTRON-CD-700-SYNCE-25M0000000 Datasheet
489Kb / 11P
   Complete VCXO Based Phase Lock Loop
logo
List of Unclassifed Man...
CD-700 ETC1-CD-700 Datasheet
147Kb / 14P
   Complete VCXO Based Phase Lock Loop
logo
Vectron International, ...
TRU050 VECTRON-TRU050 Datasheet
177Kb / 14P
   Complete VCXO based Phase-Locked Loop
TRU050 VECTRON-TRU050_09 Datasheet
184Kb / 15P
   Complete VCXO based Phase-Locked Loop
FX-702-SYNCE-156M250000 VECTRON-FX-702-SYNCE-156M250000 Datasheet
326Kb / 7P
   Complete VCSO Based Phase Lock Loop
logo
List of Unclassifed Man...
NE565 ETC1-NE565 Datasheet
348Kb / 6P
   Phase-Lock Loop
logo
National Semiconductor ...
74VHC4046 NSC-74VHC4046 Datasheet
283Kb / 14P
   CMOS Phase Lock Loop
logo
Fairchild Semiconductor
MM74HC4046 FAIRCHILD-MM74HC4046 Datasheet
250Kb / 17P
   CMOS Phase Lock Loop
74VHC4046 FAIRCHILD-74VHC4046 Datasheet
221Kb / 16P
   CMOS Phase Lock Loop
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com