Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CMR1-10 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CMR1-10
Description  SURFACE MOUNT GENERAL PURPOSE SILICON RECTIFIER 1 AMP, 200 THRU 1000 VOLTS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMR1-10 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CMR1-10 Datasheet HTML 1Page - Central Semiconductor Corp CMR1-10 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CMR1-02
CMR1-06
CMR1-04
CMR1-10
SURFACE MOUNT
GENERAL PURPOSE
SILICON RECTIFIER
1 AMP, 200 THRU 1000 VOLTS
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CMR1-02 Series
1.0 Amp Surface Mount Silicon Rectifier is a high
quality, well constructed, highly reliable component
designed for use in all types of commercial, industrial,
entertainment, computer, and automotive applications.
To order devices on 12mm Tape and Reel (3000/13”
Reel), add TR13 suffix to part number.
MARKING CODE: SEE MARKING CODE TABLE ON
FOLLOWING PAGE
FEATURES:
• Special selections available
• Low cost
• Superior lot to lot consistency
• High reliability
• “C” bend construction provides strain relief
when mounted on pc board
• Glass passivated chip
MAXIMUM RATINGS: (TA=25°C unless otherwise noted)
SYMBOL
CMR1-02 CMR1-04
CMR1-06
CMR1-10
UNITS
Peak Repetitive Reverse Voltage
VRRM
200
400
600
1000
V
DC Blocking Voltage
VR
200
400
600
1000
V
RMS Reverse Voltage
VR(RMS)
140
280
420
700
V
Average Forward Current (TA=75°C)
IO
1.0
A
Peak Forward Surge Current, tp=8.3ms
IFSM
30
A
Operating and Storage
Junction Temperature
TJ, Tstg
-65 to +175
°C
Thermal Resistance
ΘJL
20
°C/W
ELECTRICAL CHARACTERISTICS: (TA=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MAX
UNITS
IR
VR=Rated VRRM
10
µA
IR
VR=Rated VRRM, TA=125°C
50
µA
VF
IF=1.0A
1.1
V
SMB CASE
R5 (3-February 2010)
www.centra lsemi.com


Similar Part No. - CMR1-10

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMR1-10 CENTRAL-CMR1-10 Datasheet
190Kb / 2P
   GENERAL PURPOSE RECTIFIER 1.0 AMP, 200 THRU 1,000 VOLTS
CMR1-10 CENTRAL-CMR1-10 Datasheet
295Kb / 2P
   SURFACE MOUNT GENERAL PURPOSE SILICON RECTIFIER
CMR1-10M CENTRAL-CMR1-10M Datasheet
86Kb / 2P
   GENERAL PURPOSE RECTIFIER 1.0 AMP, 200 THRU 1,000 VOLTS
CMR1-10M CENTRAL-CMR1-10M Datasheet
284Kb / 2P
   SURFACE MOUNT GENERAL PURPOSE SILICON RECTIFIER 1 AMP
CMR1-10M CENTRAL-CMR1-10M Datasheet
301Kb / 3P
   SURFACE MOUNT SILICON GENERAL PURPOSE RECTIFIERS
More results

Similar Description - CMR1-10

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMMR1 CENTRAL-CMMR1_10 Datasheet
280Kb / 2P
   SURFACE MOUNT GENERAL PURPOSE SILICON RECTIFIER 1 AMP, 200 THRU 1000 VOLTS
CMMR1 CENTRAL-CMMR1 Datasheet
72Kb / 2P
   SURFACE MOUNT GENERAL PURPOSE SILICON RECTIFIER 1.0 AMP, 200 THRU 1000 VOLTS
CMR1F-02M CENTRAL-CMR1F-02M_10 Datasheet
284Kb / 2P
   SURFACE MOUNT FAST RECOVERY SILICON RECTIFIER 1 AMP, 200 THRU 1000 VOLTS
CLLRH CENTRAL-CLLRH_10 Datasheet
301Kb / 2P
   SURFACE MOUNT SILICON GENERAL PURPOSE RECTIFIER 0.5 AMP, 200 THRU 600 VOLTS
CMR3-02 CENTRAL-CMR3-02_11 Datasheet
280Kb / 2P
   SURFACE MOUNT GENERAL PURPOSE SILICON RECTIFIER 3 AMP, 200 THRU 1100 VOLTS
CBRLD1 CENTRAL-CBRLD1 Datasheet
527Kb / 2P
   SURFACE MOUNT LOW PROFILE SILICON BRIDGE RECTIFIER 1 AMP, 200 THRU 1000 VOLTS
CMSH1-40HE CENTRAL-CMSH1-40HE Datasheet
284Kb / 2P
   SURFACE MOUNT SILICON SCHOTTKY RECTIFIER 1 AMP, 40 THRU 200 VOLTS
CBR50-020P CENTRAL-CBR50-020P Datasheet
86Kb / 2P
   50 AMP SILICON BRIDGE RECTIFIER 200 thru 1000 VOLTS
CMMR1F-02 CENTRAL-CMMR1F-02 Datasheet
281Kb / 2P
   SURFACE MOUNT FAST RECOVERY SILICON RECTIFIER 1 AMP, 200 THRU 600 VOLTS
1N4383 CENTRAL-1N4383 Datasheet
60Kb / 1P
   1.0 AMP RECTIFIER 200 THRU 1000 VOLTS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com