Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC78602NE Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # LC78602NE
Description  Compact Disc Player DSP with Built-in Microcontroller
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC78602NE Datasheet(HTML) 4 Page - Sanyo Semicon Device

  LC78602NE Datasheet HTML 1Page - Sanyo Semicon Device LC78602NE Datasheet HTML 2Page - Sanyo Semicon Device LC78602NE Datasheet HTML 3Page - Sanyo Semicon Device LC78602NE Datasheet HTML 4Page - Sanyo Semicon Device LC78602NE Datasheet HTML 5Page - Sanyo Semicon Device LC78602NE Datasheet HTML 6Page - Sanyo Semicon Device LC78602NE Datasheet HTML 7Page - Sanyo Semicon Device LC78602NE Datasheet HTML 8Page - Sanyo Semicon Device LC78602NE Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
No. 6021-4/11
LC78602NE
Parameter
Symbol
Applicable pins
Conditions
Ratings
Unit
min
typ
max
Current drain
IDD
VDD, XVDD, L/RVDD, VVDD
35
55
mA
DEFI, 3 V/*5 V, EFMIN, TMOD, HFL,
High-level input current
IIH1
TES, PUIN, *KEYIN, RMTSL1 to 3,
VIN = VDD
5µA
REMOTE, CLOSE, *RES, DRF
IIH2
LASER, FSTA, EFBAL, SP8
VIN = VDD
250
500
1000
µA
DEFI, 3 V/*5 V, EFMIN, TMOD, HFL,
Low-level input current
IIL1
TES, RMTSL2 to 3, REMOTE, *RES,
VIN = 0 V
–5µA
DRF
IIL2
PUIN, *KEYIN, RMTSL1, CLOSE
VIN = 0 V
–25
–50
–100
µA
EFMO, CLV, TOFF, TGL, JP, LASER,
VOH1
FSTA, EFBAL, SP8, FSEQ, PCK,
IOH = –1 mA
0.8 VDD
V
High-level output voltage
SLOF, SLED+, SLED–, EFLG, FSX,
*AMUTE
VOH4
DOUT
IOH = –12 mA
0.9 VDD
V
EFMO, CLV, TOFF, TGL, JP, FSEQ,
VOL1
PCK, SLOF, SLED+, SLED–,
IOL = 1 mA
0.2 VDD
V
Low-level output voltage
*DIG1, *DIG2, EFLG, FSX, *AMUTE
VOL2
*SEG1 to 8, *PROG, *RANDOM
IOL = 8 mA
0.2 VDD
V
VOL5
DOUT
IOL = 12 mA
0.1 VDD
V
Output off leakage current
IOFFH
PDO, CLV, JP, *RANDOM
VOUT = VDD
5µA
IOFFL
PDO, CLV, JP, *RANDOM
VOUT = 0 V
–5µA
RPU1
PUIN, *KEYIN, RMTSL1, CLOSE,
100
k
Pull-up resistance
*DIG1, *DIG2, *PROG
RPU2
*SEG1 to 8
50
k
Pull-down resistance
RPD
LASER, FSTA, EFBAL, SP8
10
k
Charge pump output current
IPDOH
PDO
RISET = 68 kΩ
64
80
96
µA
IPDOL
PDO
RISET = 68 kΩ
–96
–80
–64
µA
Electrical Characteristics at Ta = –20 to +75°C, VDD = 4.5 to 5.5 V, VSS = 0 V
Parameter
Symbol
Applicable pins
Conditions
Ratings
Unit
min
typ
max
Total harmonic distortion
THD+N
LCHO, RCHO
1 kHz: 0dB data input
0.025
0.04
%
20kHz low-pass filter used (built-in AD725D)
Dynamic range
DR
LCHO, RCHO
1 kHz: –60dB data input
86
88
dB
20kHz low-pass filter and A filter used (built-in AD725D)
Signal-to-noise ratio
S/N
LCHO, RCHO
1 kHz: 0dB data input
90
92
dB
20kHz low-pass filter and A filter used (built-in AD725D)
Crosstalk
CT
LCHO, RCHO
1 kHz: 0dB data input
80
82
dB
20kHz low-pass filter used (built-in AD725D)
1-Bit D/A Converter Analog Characteristics at Ta = 25°C, VDD = L/RVDD = 5 V, VSS = L/RVSS = 0 V
Note: Measured in normal speed playback mode with the Sanyo 1-bit D/A converter block reference circuit.


Similar Part No. - LC78602NE

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC78601E SANYO-LC78601E Datasheet
146Kb / 11P
   Compact Disc Player DSP with Built-in Microcontroller
LC78605E SANYO-LC78605E Datasheet
89Kb / 11P
   Compact Disc Player DSP with Built-in Microcontroller
LC7860KA SANYO-LC7860KA Datasheet
1Mb / 18P
   DIGITAL SIGNAL PROCESSOR FOR COMPACT DISC PLAYERS
LC7860N SANYO-LC7860N Datasheet
1Mb / 18P
   DIGITAL SIGNAL PROCESSOR FOR COMPACT DISC PLAYERS
More results

Similar Description - LC78602NE

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC78605E SANYO-LC78605E Datasheet
89Kb / 11P
   Compact Disc Player DSP with Built-in Microcontroller
LC78601E SANYO-LC78601E Datasheet
146Kb / 11P
   Compact Disc Player DSP with Built-in Microcontroller
LC78628E SANYO-LC78628E Datasheet
241Kb / 40P
   Compact Disc Player DSP with Built-in HDCD Decoder
LC78622E SANYO-LC78622E Datasheet
379Kb / 29P
   Compact Disc Player DSP
LC78624E SANYO-LC78624E Datasheet
358Kb / 27P
   Compact Disc Player DSP
LC78622NE SANYO-LC78622NE Datasheet
325Kb / 31P
   Compact Disc Player DSP
LC78621E SANYO-LC78621E Datasheet
418Kb / 34P
   Compact Disc Player DSP
LC78620E SANYO-LC78620E Datasheet
478Kb / 34P
   Compact Disc Player DSP
LC78625E SANYO-LC78625E Datasheet
440Kb / 35P
   Compact Disc Player DSP
LC78630E SANYO-LC78630E Datasheet
433Kb / 33P
   Compact Disk Player DSP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com