Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C1310 Datasheet(PDF) 5 Page - Vectron International, Inc

Part # C1310
Description  Typical Applications
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

C1310 Datasheet(HTML) 5 Page - Vectron International, Inc

  C1310 Datasheet HTML 1Page - Vectron International, Inc C1310 Datasheet HTML 2Page - Vectron International, Inc C1310 Datasheet HTML 3Page - Vectron International, Inc C1310 Datasheet HTML 4Page - Vectron International, Inc C1310 Datasheet HTML 5Page - Vectron International, Inc C1310 Datasheet HTML 6Page - Vectron International, Inc C1310 Datasheet HTML 7Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
C1310
PXO
Vectron International · www.vectron.com
v.2007-03-09 · page 5 of 7
Vectron International
Headquarters
267 Lowell Road
Hudson, New Hampshire 03051
+1-888-328-7661 tel
+1-888-329-8328 fax
Vectron International LLC.
100 W atts Street
Mount Holly Springs, PA 17065
USA
+1-717-486-3411 tel
+1-717-486-5920 fax
Vectron international GmbH & Co. KG
Landstrasse
D-74924 Neckarbischofsheim
Germany
+49-07268-801-0 tel
+49-07268-801-281 fax
Vectron Asia Pacific Sales Office
1F-2F, No 8 W orkshop, No 308 Fenju Road,
W aiGaoQiao Free Trade Zone, Pudong,
Shanghai, P.R. China 200131
+86 21 5048 0777 tel.
+86 21 5048 1881 fax
Typical frequency stability vs temp
-15
-10
-5
0
5
10
-45
-25
-5
15
35
55
75
Temp. / °C
Standard Shipping Method
*bei W
≤ 24 mm nur untere Lochreihe
∗by W ≤ 24 mm only lower hole line
Gurtoberseite
Tape upper side
Gurtunterseite
Tape buttom side
Abwickelrichtung
Unwinding direction
Lage im Gurt
Position in tape
Pin 1
A
X
P
B
K
Production tolerance complying DIN IEC 286-3
Enclosure Type
Tape width
W [mm]
Quantity
per meter
Quantity
per reel
Dimension
P
G218B / G223B
24
83,3
850
12
Recommended Reflow Profile
Profile Feature
Pb-Free Assembly
/Sn-Pb Assembly
Profile Feature
Pb-Free Assembly
/Sn-Pb Assembly


Similar Part No. - C1310

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
C1310 VECTRON-C1310 Datasheet
192Kb / 5P
   Surface Mount Package Reflow Process Compatible AT-Cut Crystal SONET Minimum Clock Specification
logo
General Cable Technolog...
C1310 GENERAL-C1310 Datasheet
73Kb / 1P
   CONTROL CABLE
logo
Sumida Corporation
C13100 SUMIDA-C13100 Datasheet
152Kb / 2P
   ADSL Transformer< SMD Type: CEP Series>
logo
Ledil, Inc.
C13101 LEDIL-C13101 Datasheet
7Mb / 151P
   Lena Reflector
logo
Vectron International, ...
C1310A1 VECTRON-C1310A1 Datasheet
192Kb / 5P
   Surface Mount Package Reflow Process Compatible AT-Cut Crystal SONET Minimum Clock Specification
More results

Similar Description - C1310

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
HL1-HTM-AC240V PANASONIC-HL1-HTM-AC240V Datasheet
151Kb / 7P
   TYPICAL APPLICATIONS
logo
Vectron International, ...
C1300 VECTRON-C1300_09 Datasheet
144Kb / 4P
   Typical Applications
C4650 VECTRON-C4650_05 Datasheet
309Kb / 3P
   TYPICAL APPLICATIONS
logo
Panasonic Semiconductor
HG4-DC24V PANASONIC-HG4-DC24V Datasheet
2Mb / 9P
   TYPICAL APPLICATIONS
logo
Vectron International, ...
C1250 VECTRON-C1250_09 Datasheet
133Kb / 4P
   Typical Applications
C2260 VECTRON-C2260_06 Datasheet
149Kb / 6P
   Typical Applications
logo
Panasonic Semiconductor
AQP812 PANASONIC-AQP812 Datasheet
180Kb / 7P
   TYPICAL APPLICATIONS
logo
Rohm
BA3920 ROHM-BA3920 Datasheet
358Kb / 8P
   Block Diagram of Typical Applications
logo
DIYI Electronic Technol...
BT151 DYELEC-BT151 Datasheet
2Mb / 5P
   Typical applications include motor control
logo
List of Unclassifed Man...
FK-130RH ETC-FK-130RH Datasheet
31Kb / 1P
   Typical Applications / Office Automation Equipments
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com