Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TFS1575L Datasheet(PDF) 1 Page - Vectron International, Inc

Part # TFS1575L
Description  The filter is matched to 50 廓 single
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

TFS1575L Datasheet(HTML) 1 Page - Vectron International, Inc

  TFS1575L Datasheet HTML 1Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ltp:tfs3x3b
Version 1.0
14-03-2006
VI TELEFILTER
Application Note
TFS1575L
1/1
TELEFILTER GmbH
Potsdamer Straße18
D 14 513 TELTOW / Germany
Tel: (+49) 3328 4784-0 / Fax: (+49) 3328 4784-30
E-mail: tft@telefilter.com
VI TELEFILTER reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is
assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information.
1. General
The filter is matched to 50
Ω single ended at input and output.
2. Theoretical matching
The matching element values given below are valid theoretically. The values of the matching
elements are calculated from the input and output terminating impedance.
The termination impedances of the filter are:
input impedance:
80
Ω || 4 pF
output impedance:
80
Ω || 4 pF
L1 = 3,0 nH
L3 = 3,0 nH
L2 = - 2,0 nH
L4 = - 2,0 nH
3.
Matching on PCB ( tfs3x3b ): 1575 MHz
50
Ω test circuit:
L1 = 6,8 nH
L3 = 6,8 nH
L2 = 5,6 nH
L4 = 5,6 nH
If the parasitics on the customer board (mentioned parasitics, additional parasitics of active
parts) are different to this PCB the matching elements have to be slightly adjusted.
In case of questions please contact us to
6
2
1, 3, 4, 5, 7, 8
2
6
2, 3, 4, 6, 7,8
SAW
L1
L2
L4
L3
SAW
L1
L3
L4
L2


Similar Part No. - TFS1575L

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TFS1575 VECTRON-TFS1575 Datasheet
156Kb / 5P
   Filter specification
TFS1575A VECTRON-TFS1575A Datasheet
157Kb / 5P
   Filter specification
TFS1575AA VECTRON-TFS1575AA Datasheet
178Kb / 5P
   Vectron International Filter specification
TFS1575AB VECTRON-TFS1575AB Datasheet
89Kb / 5P
   Vectron International Filter specification
TFS1575D VECTRON-TFS1575D Datasheet
234Kb / 5P
   Filter specification
More results

Similar Description - TFS1575L

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BGA2870 NXP-BGA2870 Datasheet
174Kb / 18P
   MMIC wideband amplifier Internally matched to 50 廓
Rev. 2-29 April 2011
logo
Vectron International, ...
TFS1220 VECTRON-TFS1220_03 Datasheet
28Kb / 2P
   The filter is single ended driven
logo
Anaren Microwave
FB2425E50100A00 ANAREN-FB2425E50100A00 Datasheet
354Kb / 5P
   Ultra Low Profile Filter Balun 50廓 to 100廓 Balanced
logo
Mini-Circuits
SHP-25 MINI-SHP-25 Datasheet
130Kb / 1P
   High Pass Filter 50廓 27.5 to 800 MHz
SHP-300 MINI-SHP-300 Datasheet
131Kb / 1P
   High Pass Filter 50廓 290 to 3000 MHz
BHP-300 MINI-BHP-300 Datasheet
71Kb / 1P
   High Pass Filter 50廓 290 to 3000 MHz
BHP-800 MINI-BHP-800 Datasheet
127Kb / 1P
   High Pass Filter 50廓 780 to 3000 MHz
NHP-50 MINI-NHP-50 Datasheet
100Kb / 1P
   High Pass Filter 50廓 41 to 800 MHz
NHP-100 MINI-NHP-100 Datasheet
84Kb / 1P
   High Pass Filter 50廓 90 to 2000 MHz
NHP-600 MINI-NHP-600 Datasheet
101Kb / 1P
   High Pass Filter 50廓 600 to 3000 MHz
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com