Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TFS210G Datasheet(PDF) 1 Page - Vectron International, Inc

Part # TFS210G
Description  Application Note
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

TFS210G Datasheet(HTML) 1 Page - Vectron International, Inc

  TFS210G_03 Datasheet HTML 1Page - Vectron International, Inc TFS210G_03 Datasheet HTML 2Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Ltp: tft029
version 1.2
04.06.03
VI TELEFILTER
Application Note
TFS 210G
1/2
TELEFILTER GmbH
Potsdamer Straße 18
D 14 513 TELTOW / Germany
Tel: (+49) 3328 4784-0 / Fax: (+49) 3328 4784-30
E-Mail:
tft@telefilter.com
VI TELEFILTER reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is
assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information.
1. General
The filter is single ended driven. It is matched to 50
Ω.
The matching element values given below are valid on the test PCB. If the parasitics on the
customer PCB and on this PCB are different, the matching elements have to be optimised
regarding the circuit and PCB design.
The matching elements have been chosen from the E12- series (European standard series
with fixed tolerances).
2. Theoretical matching
The termination impedances of the filter are:
source impedance:
860
Ω || - 6,4 pF
load impedance:
1160
Ω || - 6,7 pF
The values of the matching elements which are given below are calculated from the source
and load impedance. If the values of the matching elements are not equal to standard values
the best standard values are given in brackets.
50
Ω test circuit
L2
Output
50 Ohm
C2
Input
50 Ohm
C1
L1
SAW
2,3,4,5,7,8,9,10
6
1
L1 = 100,8 nH
L2 = 96,4 nH
C1 =
30 pF
C2 = 33,8 pF


Similar Part No. - TFS210G_03

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TFS210G VECTRON-TFS210G_07 Datasheet
125Kb / 5P
   Filter specification
More results

Similar Description - TFS210G_03

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AN-236 AD-AN-236 Datasheet
164Kb / 3P
   APPLICATION NOTE
AN-686 AD-AN-686 Datasheet
55Kb / 2P
   APPLICATION NOTE
REV. 0
logo
Vectron International, ...
TFS211C VECTRON-TFS211C_03 Datasheet
40Kb / 2P
   Application Note
TFS199D VECTRON-TFS199D_08 Datasheet
25Kb / 1P
   Application Note
TFS380K VECTRON-TFS380K Datasheet
28Kb / 1P
   Application Note
TFS433K VECTRON-TFS433K_01 Datasheet
25Kb / 1P
   Application Note
logo
International Rectifier
AN-1070 IRF-AN-1070 Datasheet
241Kb / 14P
   Application Note
AN-1086 IRF-AN-1086 Datasheet
181Kb / 9P
   Application Note
logo
Vectron International, ...
TFS248E_0208 VECTRON-TFS248E_0208 Datasheet
13Kb / 1P
   Application Note
TFS321_0106 VECTRON-TFS321_0106 Datasheet
43Kb / 3P
   Application Note
logo
International Rectifier
AN-1204 IRF-AN-1204 Datasheet
916Kb / 11P
   Application Note
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com