Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

6825 Datasheet(PDF) 4 Page - Vectron International, Inc

Part # 6825
Description  Temperature Compensated Crystal Oscillators
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

6825 Datasheet(HTML) 4 Page - Vectron International, Inc

  6825 Datasheet HTML 1Page - Vectron International, Inc 6825 Datasheet HTML 2Page - Vectron International, Inc 6825 Datasheet HTML 3Page - Vectron International, Inc 6825 Datasheet HTML 4Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
pre-heating
60 to 90 sec.
at 150 ºC to 170ºC
reflow
20 to 40 sec.
at > 200ºC
www.vectron.com
Note: TCXO’s are precision subsystems with tolerances measured to ±0.01 ppm. Non-Hermetically sealed
TCXO’s should not be subjected to a wash process that will immerse the TCXO in solvents. NO CLEAN is the
recommended procedure. The Z5 series of TCXO’s has been designed for pick and place reflow soldering. The
suggested reflow profile is shown above. The TCXO may be reflowed two times. Typical frequency shift as a
result of reflow is <1.0 ppm per reflow. VI recommends waiting at least two hours after reflow before measuring the
unit.
6825
(±0.28 ppm -5ºC to +55ºC)
USA: Vectron International 267 Lowell Road, Hudson, NH 03051 . . . . .Tel: 1-88-VECTRON-1 Fax: 1-888-FAX-VECTRON
EUROPE: . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Tel: 49 (0) 3328 4784 17 * Fax: 49 (0) 3328 4784
30ASIA: . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Tel: +86 21 28909740 / 41 / 42 Fax: +86 21 28909240 / 28909999


Similar Part No. - 6825

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
6825 ALPHAWIRE-6825 Datasheet
106Kb / 4P
   Customer Specification
6825 ALPHAWIRE-6825 Datasheet
98Kb / 4P
   Customer Specification
2/20/2023
logo
TE Connectivity Ltd
68253-1 TEC-68253-1 Datasheet
328Kb / 5P
   AMPOWER Crimping Die Assemblies
logo
Tyco Electronics
68254-1 MACOM-68254-1 Datasheet
659Kb / 17P
   Pneumatic Tools
logo
Alpha Wire
6825 ALPHAWIRE-6825_V01 Datasheet
98Kb / 4P
   Customer Specification
2/20/2023
More results

Similar Description - 6825

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TC-210 VECTRON-TC-210 Datasheet
404Kb / 5P
   TEMPERATURE COMPENSATED CRYSTAL OSCILLATORS
logo
Kyocera Kinseki Corpota...
KT1612 KSS-KT1612 Datasheet
65Kb / 1P
   Temperature Compensated Crystal Oscillators
KT2016 KSS-KT2016_18 Datasheet
68Kb / 1P
   Temperature Compensated Crystal Oscillators
KT3225 KSS-KT3225 Datasheet
69Kb / 1P
   Temperature Compensated Crystal Oscillators
logo
Raltron Electronics Cor...
TX146 RALTRON-TX146 Datasheet
70Kb / 3P
   TEMPERATURE COMPENSATED CRYSTAL OSCILLATORS
TX045 RALTRON-TX045 Datasheet
67Kb / 3P
   Temperature Compensated Crystal Oscillators
logo
List of Unclassifed Man...
IQTCXO-250 ETC1-IQTCXO-250 Datasheet
49Kb / 2P
   Temperature compensated crystal oscillators
logo
Vectron International, ...
RCR7HYA17C160 VECTRON-RCR7HYA17C160 Datasheet
132Kb / 7P
   Temperature Compensated Crystal Oscillators
logo
Kyocera Kinseki Corpota...
KT5032 KSS-KT5032_18 Datasheet
69Kb / 1P
   Temperature Compensated Crystal Oscillators
logo
Raltron Electronics Cor...
TX100 RALTRON-TX100 Datasheet
68Kb / 3P
   TEMPERATURE COMPENSATED CRYSTAL OSCILLATORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com