Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

6797 Datasheet(PDF) 1 Page - Vectron International, Inc

Part # 6797
Description  Temperature Compensated Crystal Oscillators
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

6797 Datasheet(HTML) 1 Page - Vectron International, Inc

  6797 Datasheet HTML 1Page - Vectron International, Inc 6797 Datasheet HTML 2Page - Vectron International, Inc 6797 Datasheet HTML 3Page - Vectron International, Inc 6797 Datasheet HTML 4Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Product Data Sheet
Z5 Series P/N’s 6797 & 6798
Features
12.800 MHz output frequency
Low Current Draw Consumption: <20 mA
Aging to <4.0 ppm for 20 years
Package: 1.0“x 1.15”x 0.395“(25.40x29.21x10.03mm)
LS TTL output
+3.3 Vdc (operable over +3.135 Vdc to +5.5 Vdc)
For use with Semtech Chip ACS8510 SETS
SONET/SDH Network Timing Sources
Computer Telephony CT-BUS
The 6797 & 6798 have been optimized to work with
the Semtech Chip ACS8510 SETS to meet the
requirements of Bell Core specification GR-1244-
CORE and ITU G.813.
Both units have been designed to meet the
Frequency vs Supply requirement of
±0.05 ppm over
any
±5% change in Supply from a minimum of
+3.135 Vdc to a maximum of +5.5 Vdc.
Note: Other Stability and Output Options are available.
A data sheet explaining all the Z5 series options can
be downloaded from the TCXO section of our website
at:
www.stratum3.com
Temperature Compensated Crystal Oscillators


Similar Part No. - 6797

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
6797 FILTRAN-6797 Datasheet
171Kb / 1P
   CEPT Matching Transformer
logo
TE Connectivity Ltd
679754-1 TEC-679754-1 Datasheet
5Mb / 4P
   IT IS SUBJECT TO CHANGE AND THE CONTROLLING ENGINEERING ORGANIZATION
More results

Similar Description - 6797

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TC-210 VECTRON-TC-210 Datasheet
404Kb / 5P
   TEMPERATURE COMPENSATED CRYSTAL OSCILLATORS
6825 VECTRON-6825 Datasheet
457Kb / 4P
   Temperature Compensated Crystal Oscillators
logo
Kyocera Kinseki Corpota...
KT1612 KSS-KT1612 Datasheet
65Kb / 1P
   Temperature Compensated Crystal Oscillators
KT2016 KSS-KT2016_18 Datasheet
68Kb / 1P
   Temperature Compensated Crystal Oscillators
KT3225 KSS-KT3225 Datasheet
69Kb / 1P
   Temperature Compensated Crystal Oscillators
logo
Raltron Electronics Cor...
TX146 RALTRON-TX146 Datasheet
70Kb / 3P
   TEMPERATURE COMPENSATED CRYSTAL OSCILLATORS
TX045 RALTRON-TX045 Datasheet
67Kb / 3P
   Temperature Compensated Crystal Oscillators
logo
List of Unclassifed Man...
IQTCXO-250 ETC1-IQTCXO-250 Datasheet
49Kb / 2P
   Temperature compensated crystal oscillators
logo
Vectron International, ...
RCR7HYA17C160 VECTRON-RCR7HYA17C160 Datasheet
132Kb / 7P
   Temperature Compensated Crystal Oscillators
logo
Kyocera Kinseki Corpota...
KT5032 KSS-KT5032_18 Datasheet
69Kb / 1P
   Temperature Compensated Crystal Oscillators
logo
Raltron Electronics Cor...
TX100 RALTRON-TX100 Datasheet
68Kb / 3P
   TEMPERATURE COMPENSATED CRYSTAL OSCILLATORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com