Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

6755 Datasheet(PDF) 1 Page - Vectron International, Inc

Part # 6755
Description  TEMPERATURE COMPENSATED
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

6755 Datasheet(HTML) 1 Page - Vectron International, Inc

  6755 Datasheet HTML 1Page - Vectron International, Inc 6755 Datasheet HTML 2Page - Vectron International, Inc 6755 Datasheet HTML 3Page - Vectron International, Inc 6755 Datasheet HTML 4Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Product Data Sheet
Z5 Series P/N’s 6755 & 6756
Features
12.800 MHz output frequency
Low Current Draw Consumption: <20 mA
Aging to <4.0 ppm for 20 years
Package: 1.0“x 1.15”x 0.395“(25.40x29.21x10.03mm)
LS TTL output
+3.3 Vdc (operable over +3.135 Vdc to +5.5 Vdc)
For use with Semtech Chip ACS8510 SETS
SONET/SDH Network Timing Sources
Computer Telephony CT-BUS
The 6755 & 6756 have been optimized to work with
the Semtech Chip ACS8510 SETS to meet the
requirements of Bell Core specification GR-1244-
CORE and ITU G.813.
Both units have been designed to meet the
Frequency vs Supply requirement of
±0.05 ppm over
any
±5% change in Supply from a minimum of
+3.135 Vdc to a maximum of +5.5 Vdc.
Note: Other Stability and Output Options are available.
A data sheet explaining all the Z5 series options can
be downloaded from the TCXO section of our website
at:
www.stratum3.com
Temperature Compensated Crystal Oscillators


Similar Part No. - 6755

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
6755 FESTO-6755 Datasheet
91Kb / 1P
   Quick exhaust valve
4/11/22
logo
Fairchild Semiconductor
6755U FAIRCHILD-6755U Datasheet
1Mb / 17P
   mWSaver??PWM Controller
More results

Similar Description - 6755

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
095 ETC2-095 Datasheet
158Kb / 2P
   Temperature compensated
logo
TE Connectivity Ltd
82CV TEC-82CV Datasheet
251Kb / 5P
   Temperature Compensated
logo
Megawin Technology Co.,...
MG39U103AH-050 MEGAWIN-MG39U103AH-050 Datasheet
293Kb / 14P
   Temperature compensated
logo
TE Connectivity Ltd
154NCV TEC-154NCV Datasheet
144Kb / 5P
   Temperature Compensated
logo
M/A-COM Technology Solu...
1N4565-1 MA-COM-1N4565-1 Datasheet
731Kb / 5P
   Temperature Compensated
logo
Digitron Semiconductors
1N4565 DIGITRON-1N4565 Datasheet
131Kb / 3P
   6.4 VOLT TEMPERATURE COMPENSATED 6.4 VOLT TEMPERATURE COMPENSATED
logo
Teledyne Technologies I...
CMT-18-6007 TELEDYNE-CMT-18-6007 Datasheet
892Kb / 2P
   Temperature Compensated Amplifier
logo
Vectron International, ...
6661 VECTRON-6661 Datasheet
529Kb / 5P
   Temperature Compensated Crystal
logo
Teledyne Technologies I...
CMT-8-2003 TELEDYNE-CMT-8-2003 Datasheet
892Kb / 2P
   Temperature Compensated Amplifier
logo
ECS, Inc.
VC-TX0-30SM ECS-VC-TX0-30SM Datasheet
209Kb / 1P
   TEMPERATURE COMPENSATED OSCILLATOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com