Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NJM2842KH1-015 Datasheet(PDF) 10 Page - New Japan Radio

Part # NJM2842KH1-015
Description  Very Low Output Low Dropout Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM2842KH1-015 Datasheet(HTML) 10 Page - New Japan Radio

Back Button NJM2842KH1-015 Datasheet HTML 3Page - New Japan Radio NJM2842KH1-015 Datasheet HTML 4Page - New Japan Radio NJM2842KH1-015 Datasheet HTML 5Page - New Japan Radio NJM2842KH1-015 Datasheet HTML 6Page - New Japan Radio NJM2842KH1-015 Datasheet HTML 7Page - New Japan Radio NJM2842KH1-015 Datasheet HTML 8Page - New Japan Radio NJM2842KH1-015 Datasheet HTML 9Page - New Japan Radio NJM2842KH1-015 Datasheet HTML 10Page - New Japan Radio NJM2842KH1-015 Datasheet HTML 11Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
NJM2842
- 10 -
Ver.2011-02-18
0
Time:t(s)
468
10
-0.5
-12
2
-6
0-10
32
0
2-2
-4
4
0.5
-8
ON/OFF Transient Response Without Load
3.5
2.5
1.5
1
NJM2842_1.2V
Control Voltage
Output Voltage
@:Ta=25°C
VIN=2.2V
VBIAS=2.5V
Co=4.7uF
Io=0mA
0
Time:t(ms)
812
16
20
-0.5
-12
4
0-10
0.5
-8
1-6
2-2
-4
4
32
0
ON/OFF Transient Response
3.5
2.5
1.5
NJM2842_1.2V
Control Voltage
Output Voltage
@:Ta=25°C
VIN=2.2V
VBIAS=2.5V
Co=4.7uF
Io=30mA
0
NJM2842_1.2V
Load transient Response
1500
1.45
-1000
1.15
-1500
1.10
1.40
1000
1.35
500
1.30
0
1.25
-500
1.20
-2000
120
160
1.05
Time:t(µs)
-2500
200
40
80
Output Current
Output Voltage
@:Ta=25°C
VIN=2.2V
VBIAS=2.5V
Co=4.7uF
Io=500-
02
1.6
1.16
1
-2
0
-1
-3
Time:t(ms)
1.20
0.4
0.8
1.2
1.26
2
5
1.30
4
3
1.28
1.24
1.18
1.32
1.22
Line transient Response(Vbias Fixed)
NJM2842_1.2V
Input Voltage
Output Voltage
@:Ta=25°C
Vcont=VBIAS=2.5V
Co=4.7uF
Io=30mA
0
Line transient Response(Vin Fixed)
NJM2842_1.2V
1.28
1.24
1.18
1.32
1.22
6
1.30
5
4
1.26
3
1.20
0
-2
0.4
0.8
1.2
2
Time:t(ms)
1.6
1.16
2
-1
1
Input Voltage
Output Voltage
@:Ta=25°C
VIN=2.2V
Co=4.7uF
Io=30mA
NM2842_1.2V
Short Circuit Current vs.Temperature
0
500
1000
1500
2000
-50
0
50
100
150
Temperature Ta(°C)
@:Vin=2.2V
Vbias=Vcont=2.5V
Cin=4.7uF(Ceramic)
Cbias=0.1uF(Ceramic)
Co=4.7uF(Ceramic)


Similar Part No. - NJM2842KH1-015

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2841 NJRC-NJM2841 Datasheet
161Kb / 12P
   Low Output Voltage Low Dropout Regulator
Ver.2013-08-01
NJM2841F NJRC-NJM2841F Datasheet
161Kb / 12P
   Low Output Voltage Low Dropout Regulator
Ver.2013-08-01
NJM2841F008 NJRC-NJM2841F008 Datasheet
161Kb / 12P
   Low Output Voltage Low Dropout Regulator
Ver.2013-08-01
NJM2841F009 NJRC-NJM2841F009 Datasheet
161Kb / 12P
   Low Output Voltage Low Dropout Regulator
Ver.2013-08-01
NJM2841F010 NJRC-NJM2841F010 Datasheet
161Kb / 12P
   Low Output Voltage Low Dropout Regulator
Ver.2013-08-01
More results

Similar Description - NJM2842KH1-015

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1580 LINER-LT1580 Datasheet
308Kb / 16P
   7A, Very Low Dropout Regulator
LT1580 LINER-LT1580_15 Datasheet
244Kb / 16P
   7A, Very Low Dropout Regulator
logo
Analog Devices
LT3033 AD-LT3033 Datasheet
3Mb / 24P
   Very Low Dropout Linear Regulator
logo
Linear Technology
LT1580-2.5 LINER-LT1580-2.5_15 Datasheet
244Kb / 16P
   7A, Very Low Dropout Regulator
logo
Semtech Corporation
SC4212B SEMTECH-SC4212B Datasheet
839Kb / 11P
   Very Low Input /Very Low Dropout 1 Amp Regulator
logo
Samtec, Inc
SC1563ISK3.0TRT SAMTEC-SC1563ISK3.0TRT Datasheet
191Kb / 10P
   Very Low Dropout, Low Quiescent 500mA Regulator
SC1563ISK3.3TRT SAMTEC-SC1563ISK3.3TRT Datasheet
191Kb / 10P
   Very Low Dropout, Low Quiescent 500mA Regulator
logo
ON Semiconductor
NCV8674 ONSEMI-NCV8674 Datasheet
155Kb / 11P
   Very Low Iq Low Dropout Linear Regulator
November, 2008 ??Rev. 2
logo
Semtech Corporation
SC1563 SEMTECH-SC1563_06 Datasheet
187Kb / 10P
   VERY LOW DROPOUT, LOW QUIESCENT 500mA REGULATOR
logo
ON Semiconductor
NCV8664DT33RKG ONSEMI-NCV8664DT33RKG Datasheet
142Kb / 14P
   Very Low Iq Low Dropout Linear Regulator
September, 2010 ??Rev. 18
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com