Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NJU6314 Datasheet(PDF) 4 Page - New Japan Radio

Part # NJU6314
Description  High Frequency-Stability Fundamental Quartz Crystal Oscillator IC
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJU6314 Datasheet(HTML) 4 Page - New Japan Radio

  NJU6314 Datasheet HTML 1Page - New Japan Radio NJU6314 Datasheet HTML 2Page - New Japan Radio NJU6314 Datasheet HTML 3Page - New Japan Radio NJU6314 Datasheet HTML 4Page - New Japan Radio NJU6314 Datasheet HTML 5Page - New Japan Radio NJU6314 Datasheet HTML 6Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
2011/02/24 ( 4 / 6 )
NJU6314 Series
(VDD=3.3V,Ta=25°C)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
A version,fosc=16MHz,CL=15pF
3.5
B version,fosc=16MHz,CL=15pF
3.0
C version,fosc=16MHz,CL=15pF
2.5
D version,fosc=16MHz,CL=15pF
2.5
E version,fosc=16MHz,CL=15pF
2.5
F version,fosc=16MHz,CL=15pF
2.5
Operating Current
IDD
G version,fosc=16MHz,CL=15pF
2.5
mA
Oscillation Stopping
Current
ISTB
CONT=VSS, No load
1
uA
Stand-by Current
Ist
CONT=XT=VSS, No load Note4)
1
uA
VIH
2.31
3.3
V
Input Voltage
VIL
0
0.99
V
IOH
VOH=2.97V
6
mA
Output Current
IOL
VOL=0.33V
6
mA
CONT=0.8VDD
6.5
10
uA
Input Current
IIN
CONT=0.2VDD
0.5
1
uA
3-state Off Leakage
Current
IOZ
CONT=VSS, FOUT= VDD or VSS
±0.1
uA
Feedback Resistance
Rf
255
kΩ
Internal Capacitor
Cg/Cd
fosc=16MHz
8/9
pF
Maximum Oscillation
Frequency
FMAX
60
MHz
CL=15pF, @VDD/2
45
50
55
Output Signal
Symmetry
SYM
CL=30pF, @VDD/2
45
50
55
%
CL=15pF,10% to 90%
2.5
5
Output Signal Rise
Time
tr
CL=30pF,10% to 90%
4
8
ns
CL=15pF,90% to 10%
2.5
5
Output Signal Fall
Time
tf
CL=30pF,90% to 10%
4
8
ns
Output Disable time
tPLZ
CL=15pF,RUP=10kΩ
150
ns
Output Enable Time
tPZL
CL=15pF,RUP=10kΩ
150
ns
Note4) Excluding input current on CONT Terminal.


Similar Part No. - NJU6314

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU6315 NJRC-NJU6315 Datasheet
103Kb / 4P
   0.9V Operation Fundamental Quartz Crystal Oscillator IC
NJU6318 NJRC-NJU6318 Datasheet
235Kb / 5P
   QUARTZ CRYSTAL OSCILLATOR
NJU6319 NJRC-NJU6319 Datasheet
233Kb / 5P
   QUARTZ CRYSTAL OSCILLATOR
NJU6319A NJRC-NJU6319A Datasheet
233Kb / 5P
   QUARTZ CRYSTAL OSCILLATOR
NJU6319AC NJRC-NJU6319AC Datasheet
233Kb / 5P
   QUARTZ CRYSTAL OSCILLATOR
More results

Similar Description - NJU6314

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU6363 NJRC-NJU6363 Datasheet
100Kb / 6P
   Fundamental Quartz Crystal Oscillator
NJU6315 NJRC-NJU6315 Datasheet
103Kb / 4P
   0.9V Operation Fundamental Quartz Crystal Oscillator IC
NJU6360 NJRC-NJU6360 Datasheet
46Kb / 5P
   High Drive Fundamental Quartz Crystal Oscillator
NJU6215 NJRC-NJU6215 Datasheet
111Kb / 7P
   Low Operating Current Fundamental Quartz Crystal Oscillator IC
NJU6369 NJRC-NJU6369 Datasheet
55Kb / 6P
   1.5V Operation Fundamental Quartz Crystal Oscillator
NJU6214 NJRC-NJU6214 Datasheet
137Kb / 7P
   Small-Sized 1.8V Operating Voltage Fundamental Quartz Crystal Oscillator IC
logo
Nippon Precision Circui...
5041 NPC-5041 Datasheet
121Kb / 11P
   High-stability Crystal Oscillator IC with Frequency Adjustment Function
5042 NPC-5042 Datasheet
116Kb / 11P
   High-stability Crystal Oscillator IC with Frequency Adjustment Function
SM5003 NPC-SM5003 Datasheet
58Kb / 8P
   Quartz Crystal Oscillator IC
SM5004 NPC-SM5004 Datasheet
58Kb / 8P
   Quartz Crystal Oscillator IC
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com