Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY2305SXI-1HT Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # CY2305SXI-1HT
Description  Low Cost 3.3-V Zero Delay Buffer
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2305SXI-1HT Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button CY2305SXI-1HT Datasheet HTML 2Page - Cypress Semiconductor CY2305SXI-1HT Datasheet HTML 3Page - Cypress Semiconductor CY2305SXI-1HT Datasheet HTML 4Page - Cypress Semiconductor CY2305SXI-1HT Datasheet HTML 5Page - Cypress Semiconductor CY2305SXI-1HT Datasheet HTML 6Page - Cypress Semiconductor CY2305SXI-1HT Datasheet HTML 7Page - Cypress Semiconductor CY2305SXI-1HT Datasheet HTML 8Page - Cypress Semiconductor CY2305SXI-1HT Datasheet HTML 9Page - Cypress Semiconductor CY2305SXI-1HT Datasheet HTML 10Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
CY2305, CY2309
Document Number : 38-07140 Rev. *M
Page 6 of 19
t6B
Delay, REF rising edge to
CLKOUT rising edge[8]
Measured at VDD/2. Measured in
PLL Bypass Mode, CY2309 device
only.
15
8.7
ns
t7
Device-to-device skew[8]
Measured at VDD/2 on the
CLKOUT pins of devices
––
700
ps
tJ
Cycle-to-cycle jitter[8]
Measured at 66.67 MHz, loaded
outputs
–70
200
ps
tLOCK
PLL lock time[8]
Stable power supply, valid clock
presented on REF pin
––
1.0
ms
Switching Characteristics for CY2305SC-1H and CY2309SC-1H Commercial Temperature
Devices
Parameter[9]
Name
Description
Min
Typ.
Max
Unit
t1
Output frequency
30 pF load
10 pF load
10
10
–100
133.33
MHz
MHz
tDC
Duty cycle[8] = t2 ÷ t1
Measured at 1.4 V, Fout = 66.67 MHz
40.0
50.0
60.0
%
tDC
Duty cycle[8] = t2 ÷ t1
Measured at 1.4 V, Fout < 50 MHz
45.0
50.0
55.0
%
t3
Rise time[8]
Measured between 0.8 V and 2.0 V
1.50
ns
t4
Fall time[8]
Measured between 0.8 V and 2.0 V
1.50
ns
t5
Output-to-output skew[8]
All outputs equally loaded
85
250
ps
t6A
Delay, REF rising edge to
CLKOUT rising edge[8]
Measured at VDD/2
±350
ps
t6B
Delay, REF rising edge to
CLKOUT rising edge[8]
Measured at VDD/2. Measured in
PLL Bypass Mode, CY2309 device
only.
15
8.7
ns
t7
Device-to-device skew[8]
Measured at VDD/2 on the CLKOUT
pins of devices
––
700
ps
t8
Output slew rate[8]
Measured between 0.8 V and 2.0 V
using Test Circuit #2
1–
V/ns
tJ
Cycle-to-cycle jitter[8]
Measured at 66.67 MHz, loaded
outputs
–60
200
ps
tLOCK
PLL lock time[8]
Stable power supply, valid clock
presented on REF pin
––
1.0
ms
Operating Conditions for CY2305SI-XX and CY2309SI-XX Industrial Temperature Devices
Parameter
Description
Min
Max
Unit
VDD
Supply voltage
3.0
3.6
V
TA
Operating temperature (ambient temperature)
–40
85
°C
CL
Load capacitance, below 100 MHz
30
pF
CL
Load capacitance, from 100 MHz to 133 MHz
10
pF
CIN
Input capacitance
7
pF
Switching Characteristics for CY2305SC-1 and CY2309SC-1 Commercial Temperature
Devices
Parameter[9]
Name
Test Conditions
Min
Typ.
Max
Unit
Notes
8. Parameter is guaranteed by design and characterization. Not 100% tested in production.
9. All parameters specified with loaded outputs.
[+] Feedback


Similar Part No. - CY2305SXI-1HT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2305SXI-1HT CYPRESS-CY2305SXI-1HT Datasheet
210Kb / 14P
   Low-Cost 3.3V Zero Delay Buffer
CY2305SXI-1HT CYPRESS-CY2305SXI-1HT Datasheet
363Kb / 15P
   Low-Cost 3.3V Zero Delay Buffer
More results

Similar Description - CY2305SXI-1HT

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC962305 MOTOROLA-MPC962305 Datasheet
447Kb / 12P
   Low-Cost 3.3 V Zero Delay Buffer
MPC962308 MOTOROLA-MPC962308 Datasheet
414Kb / 12P
   3.3 V Zero Delay Buffer
logo
Cypress Semiconductor
CY2304 CYPRESS-CY2304_11 Datasheet
466Kb / 14P
   3.3 V Zero Delay Buffer
logo
ON Semiconductor
ASM5P2304A ONSEMI-ASM5P2304A Datasheet
119Kb / 8P
   3.3 V Zero Delay Buffer
August, 2011 ??Rev. 3
logo
Alliance Semiconductor ...
ASM5P2304A ALSC-ASM5P2304A Datasheet
300Kb / 15P
   3.3 V Zero Delay Buffer
logo
Cypress Semiconductor
CY2304 CYPRESS-CY2304_13 Datasheet
504Kb / 17P
   3.3 V Zero Delay Buffer
logo
ON Semiconductor
ASM5P2305A ONSEMI-ASM5P2305A Datasheet
144Kb / 12P
   3.3 V Zero Delay Buffer
August, 2011 ??Rev. 4
logo
Cypress Semiconductor
CY2308 CYPRESS-CY2308_12 Datasheet
604Kb / 18P
   3.3 V Zero Delay Buffer
logo
ON Semiconductor
ASM5P2308A ONSEMI-ASM5P2308A Datasheet
144Kb / 11P
   3.3 V Zero-Delay Buffer
August, 2011 ??Rev. 3
logo
Renesas Technology Corp
MPC962308 RENESAS-MPC962308 Datasheet
677Kb / 13P
   3.3 V Zero Delay Buffer
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com