Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY2305CSXI-1 Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY2305CSXI-1
Description  3.3 V Zero Delay Clock Buffer
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2305CSXI-1 Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY2305CSXI-1 Datasheet HTML 1Page - Cypress Semiconductor CY2305CSXI-1 Datasheet HTML 2Page - Cypress Semiconductor CY2305CSXI-1 Datasheet HTML 3Page - Cypress Semiconductor CY2305CSXI-1 Datasheet HTML 4Page - Cypress Semiconductor CY2305CSXI-1 Datasheet HTML 5Page - Cypress Semiconductor CY2305CSXI-1 Datasheet HTML 6Page - Cypress Semiconductor CY2305CSXI-1 Datasheet HTML 7Page - Cypress Semiconductor CY2305CSXI-1 Datasheet HTML 8Page - Cypress Semiconductor CY2305CSXI-1 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
CY2305C
CY2309C
3.3 V Zero Delay Clock Buffer
Cypress Semiconductor Corporation
198 Champion Court
San Jose
, CA 95134-1709
408-943-2600
Document Number: 38-07672 Rev. *K
Revised February 3, 2011
Features
10 MHz to 100–133 MHz operating range
Zero input and output propagation delay
Multiple low skew outputs
One input drives five outputs (CY2305C)
One input drives nine outputs, grouped as 4 + 4 + 1 (CY2309C)
50 ps typical cycle-to-cycle jitter (15 pF, 66 MHz)
Test mode to bypass phase locked loop (PLL) (CY2309C) only,
see Select Input Decoding for CY2309C on page 5
Available in space saving 16-pin 150 Mil small outline
integrated circuit (SOIC) or 4.4 mm thin shrunk small outline
package (TSSOP) packages (CY2309C), and 8-pin, 150 Mil
SOIC package (CY2305C)
3.3 V operation
Commercial, industrial and automotive-A flows available
Functional Description
The CY2305C and CY2309C are die replacement parts for
CY2305 and CY2309.
The CY2309C is a low-cost 3.3 V zero delay buffer designed to
distribute high speed clocks and is available in a 16-pin SOIC or
TSSOP package. The CY2305C is an 8-pin version of the
CY2309C. It accepts one reference input and drives out five low
skew clocks. The -1H versions of each device operate up to
100–133 MHz frequencies and have higher drive than the -1
devices. All parts have on-chip phase locked loops (PLLs) which
lock to an input clock on the REF pin. The PLL feedback is
on-chip and is obtained from the CLKOUT pad.
The CY2309C has two banks of four outputs each that are
controlled by the select inputs as shown in the Select Input
Decoding for CY2309C on page 5. If all output clocks are not
required, Bank B is three-stated. The input clock is directly
applied to the outputs by the select inputs for chip and system
testing purposes.
The CY2305C and CY2309C PLLs enter a power down mode
when there are no rising edges on the REF input. In this state,
the outputs are three-stated and the PLL is turned off. This
results in less than 12.0
A of current draw for commercial
temperature devices and 25.0
A for industrial and automotive-A
temperature parts. The CY2309C PLL shuts down in one
additional case as shown in the Select Input Decoding for
CY2309C on page 5.
In the special case when S2:S1 is 1:0, the PLL is bypassed and
REF is output from DC to the maximum allowable frequency. The
part behaves as a non-zero delay buffer in this mode and the
outputs are not three-stated.
The CY2305C or CY2309C is available in two or three different
configurations as shown in the Ordering Information on page 11.
The CY2305C-1 or CY2309C-1 is the base part. The CY2305-1H
or CY2309-1H is the high drive version of the -1. Its rise and fall
times are much faster than the -1.
Logic Block Diagram for CY2305C
CLKOUT
REF
CLK4
PLL
CLK1
CLK2
CLK3
[+] Feedback


Similar Part No. - CY2305CSXI-1

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2305CSXI-1 CYPRESS-CY2305CSXI-1 Datasheet
441Kb / 12P
   3.3V Zero Delay Clock Buffer
CY2305CSXI-1H CYPRESS-CY2305CSXI-1H Datasheet
441Kb / 12P
   3.3V Zero Delay Clock Buffer
CY2305CSXI-1HT CYPRESS-CY2305CSXI-1HT Datasheet
441Kb / 12P
   3.3V Zero Delay Clock Buffer
CY2305CSXI-1T CYPRESS-CY2305CSXI-1T Datasheet
441Kb / 12P
   3.3V Zero Delay Clock Buffer
More results

Similar Description - CY2305CSXI-1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB2305A ONSEMI-NB2305A_15 Datasheet
89Kb / 8P
   3.3 V Zero Delay Clock Buffer
May, 2015 ??Rev. 11
NB2305A ONSEMI-NB2305A Datasheet
133Kb / 8P
   3.3 V Zero Delay Clock Buffer
November, 2006 ??Rev. 5
NB2309A ONSEMI-NB2309A_15 Datasheet
89Kb / 9P
   3.3 V Zero Delay Clock Buffer
May, 2015 ??Rev. 11
NB2304A ONSEMI-NB2304A_10 Datasheet
155Kb / 7P
   3.3 V Zero Delay Clock Buffer
October, 2010 -- Rev. 9
NB2309A ONSEMI-NB2309A Datasheet
140Kb / 9P
   3.3 V Zero Delay Clock Buffer
November, 2006 ??Rev. 4
NB2304A ONSEMI-NB2304A Datasheet
125Kb / 10P
   3.3 V Zero Delay Clock Buffer
November, 2006 ??Rev. 5
logo
Cypress Semiconductor
CY2305 CYPRESS-CY2305_12 Datasheet
629Kb / 21P
   3.3 V Zero Delay Clock Buffer
logo
ON Semiconductor
NB2308AI1DTG ONSEMI-NB2308AI1DTG Datasheet
195Kb / 12P
   3.3 V Zero Delay Clock Buffer
October, 2010 -- Rev. 8
NB2308A ONSEMI-NB2308A Datasheet
161Kb / 12P
   3.3 V Zero Delay Clock Buffer
November, 2006 ??Rev. 3
logo
Motorola, Inc
MPC962308 MOTOROLA-MPC962308 Datasheet
414Kb / 12P
   3.3 V Zero Delay Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com