Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY220501 Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # CY220501
Description  One-PLL General-Purpose Flash-Programmable Clock Generator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY220501 Datasheet(HTML) 2 Page - Cypress Semiconductor

  CY220501 Datasheet HTML 1Page - Cypress Semiconductor CY220501 Datasheet HTML 2Page - Cypress Semiconductor CY220501 Datasheet HTML 3Page - Cypress Semiconductor CY220501 Datasheet HTML 4Page - Cypress Semiconductor CY220501 Datasheet HTML 5Page - Cypress Semiconductor CY220501 Datasheet HTML 6Page - Cypress Semiconductor CY220501 Datasheet HTML 7Page - Cypress Semiconductor CY220501 Datasheet HTML 8Page - Cypress Semiconductor CY220501 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
CY22050,
CY220501
Document #: 38-07006 Rev. *I
Page 2 of 11
Pin Configuration
Figure 1. 16-Pin TSSOP
Table 1. Pin Definitions
Name
Pin Number
Description
XIN
1
Reference Input. Driven by a crystal (8 MHz–30 MHz) or external clock (1 MHz–133 MHz).
Programmable input load capacitors allow for maximum flexibility in selecting a crystal, based on
manufacturer, process, performance, or quality.
VDD
2
3.3 V voltage supply
AVDD
3
3.3 V analog voltage supply
PWRDWN[1]
4
Power Down. When pin 4 is driven LOW, the CY22050 goes into shut down mode.
AVSS
5
Analog ground
VSSL
6
LCLK ground
LCLK1
7
Configurable clock output 1 at VDDL level (3.3 V or 2.5 V)
LCLK2
8
Configurable clock output 2 at VDDL level (3.3 V or 2.5 V)
LCLK3
9
Configurable clock output 3 at VDDL level (3.3 V or 2.5 V)
OE[1]
10
Output Enable. When pin 10 is driven LOW, all outputs are three-stated.
VDDL
11
LCLK voltage supply (2.5 V or 3.3 V)
LCLK4
12
Configurable clock output 4 at VDDL level (3.3 V or 2.5 V)
VSS
13
Ground
CLK5
14
Configurable clock output 5 (3.3 V)
CLK6
15
Configurable clock output 6 (3.3 V)
XOUT[2]
16
Reference output
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
VSS
VSSL
OE
LCLK1
XIN
XOUT
VDD
PWRDWN
AVSS
LCLK3
LCLK2
CLK6
CLK5
AVDD
VDDL
LCLK4
Notes
1. The CY22050 has no internal pull up or pull down resistors. PWRDWN and OE pins need to be driven as appropriate or tied to power or ground.
2. Float XOUT if XIN is driven by an external clock source.
[+] Feedback


Similar Part No. - CY220501

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY220501 CYPRESS-CY220501 Datasheet
282Kb / 10P
   One-PLL General Purpose Flash Programmable Clock Generator
CY220501KFZXI CYPRESS-CY220501KFZXI Datasheet
282Kb / 10P
   One-PLL General Purpose Flash Programmable Clock Generator
More results

Similar Description - CY220501

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY22050 CYPRESS-CY22050_09 Datasheet
282Kb / 10P
   One-PLL General Purpose Flash Programmable Clock Generator
CY22050 CYPRESS-CY22050 Datasheet
156Kb / 9P
   One-PLL General Purpose Flash Programmable Clock Generator
CY22150 CYPRESS-CY22150_11 Datasheet
443Kb / 18P
   One-PLL General-Purpose Flash-Programmable and I2C Programmable Clock Generator
CY22381 CYPRESS-CY22381_08 Datasheet
346Kb / 9P
   Three-PLL General Purpose FLASH Programmable Clock Generator
CY22381 CYPRESS-CY22381 Datasheet
143Kb / 8P
   Three-PLL General Purpose FLASH Programmable Clock Generator
CY22392 CYPRESS-CY22392_08 Datasheet
344Kb / 9P
   Three-PLL General Purpose FLASH Programmable Clock Generator
CY22392 CYPRESS-CY22392_13 Datasheet
504Kb / 13P
   Three-PLL General Purpose Flash Programmable Clock Generator
CY22381 CYPRESS-CY22381_11 Datasheet
344Kb / 11P
   Three-PLL General Purpose FLASH Programmable Clock Generator
CY22381_1105 CYPRESS-CY22381_1105 Datasheet
450Kb / 11P
   Three-PLL General Purpose FLASH Programmable Clock Generator
CY22392 CYPRESS-CY22392 Datasheet
157Kb / 8P
   Three-PLL General Purpose FLASH Programmable Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com