Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY2305SC-1T Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CY2305SC-1T
Description  Low Cost 3.3-V Zero Delay Buffer
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2305SC-1T Datasheet(HTML) 5 Page - Cypress Semiconductor

  CY2305SC-1T Datasheet HTML 1Page - Cypress Semiconductor CY2305SC-1T Datasheet HTML 2Page - Cypress Semiconductor CY2305SC-1T Datasheet HTML 3Page - Cypress Semiconductor CY2305SC-1T Datasheet HTML 4Page - Cypress Semiconductor CY2305SC-1T Datasheet HTML 5Page - Cypress Semiconductor CY2305SC-1T Datasheet HTML 6Page - Cypress Semiconductor CY2305SC-1T Datasheet HTML 7Page - Cypress Semiconductor CY2305SC-1T Datasheet HTML 8Page - Cypress Semiconductor CY2305SC-1T Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
CY2305, CY2309
Document Number : 38-07140 Rev. *M
Page 5 of 19
Absolute Maximum Conditions
Supply voltage to ground potential ...............–0.5 V to +7.0 V
DC input voltage (Except REF) .......... –0.5 V to VDD + 0.5 V
DC input voltage REF ........................................–0.5 V to 7 V
Storage temperature .................................. –65°C to +150°C
Junction temperature.................................................. 150°C
Static discharge voltage
(per MIL-STD-883, Method 3015) .......................... > 2,000 V
Operating Conditions for CY2305SC-XX and CY2309SC-XX Commercial Temperature Devices
Parameter
Description
Min
Max
Unit
VDD
Supply voltage
3.0
3.6
V
TA
Operating temperature (ambient temperature)
0
70
°C
CL
Load capacitance, below 100 MHz
30
pF
CL
Load capacitance, from 100 MHz to 133 MHz
10
pF
CIN
Input capacitance
7
pF
tPU
Power-up time for all VDDs to reach minimum specified voltage (power
ramps must be monotonic)
0.05
50
ms
Electrical Characteristics for CY2305SC-XX and CY2309SC-XX Commercial Temperature
Devices
Parameter
Description
Test Conditions
Min
Max
Unit
VIL
Input LOW voltage[6]
–0.8
V
VIH
Input HIGH voltage[6]
2.0
V
IIL
Input LOW current
VIN = 0 V
50.0
μA
IIH
Input HIGH current
VIN = VDD
100.0
μA
VOL
Output LOW voltage[7]
IOL = 8 mA (–1)
IOH = 12 mA (–1H)
–0.4
V
VOH
Output HIGH voltage[7]
IOH = –8 mA (–1)
IOL = –12 mA (–1H)
2.4
V
IDD (PD mode) Power-down supply current
REF = 0 MHz
12.0
μA
IDD
Supply current
Unloaded outputs at 66.67 MHz,
SEL inputs at VSS
–32.0
mA
Switching Characteristics for CY2305SC-1 and CY2309SC-1 Commercial Temperature
Devices
Parameter[9]
Name
Test Conditions
Min
Typ.
Max
Unit
t1
Output frequency
30-pF load
10-pF load
10
10
–100
133.33
MHz
MHz
tDC
Duty cycle[7] = t2 ÷ t1
Measured at 1.4 V, Fout =
66.67 MHz
40.0
50.0
60.0
%
t3
Rise time[7]
Measured between 0.8 V and 2.0 V
2.50
ns
t4
Fall time[7]
Measured between 0.8 V and 2.0 V
2.50
ns
t5
Output-to-output skew[7]
All outputs equally loaded
85
250
ps
t6A
Delay, REF rising edge to
CLKOUT rising edge[7]
Measured at VDD/2
0
±350
ps
Notes
6. REF input has a threshold voltage of VDD/2.
7. Parameter is guaranteed by design and characterization. Not 100% tested in production.
[+] Feedback


Similar Part No. - CY2305SC-1T

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2305SC-1T CYPRESS-CY2305SC-1T Datasheet
200Kb / 13P
   LOW-COST 3.3V ZERO DELAY BUFFER
CY2305SC-1T CYPRESS-CY2305SC-1T Datasheet
210Kb / 14P
   Low-Cost 3.3V Zero Delay Buffer
CY2305SC-1T CYPRESS-CY2305SC-1T Datasheet
363Kb / 15P
   Low-Cost 3.3V Zero Delay Buffer
CY2305SC-1T CYPRESS-CY2305SC-1T Datasheet
380Kb / 15P
   Low Cost 3.3V Zero Delay Buffer
More results

Similar Description - CY2305SC-1T

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC962305 MOTOROLA-MPC962305 Datasheet
447Kb / 12P
   Low-Cost 3.3 V Zero Delay Buffer
MPC962308 MOTOROLA-MPC962308 Datasheet
414Kb / 12P
   3.3 V Zero Delay Buffer
logo
Cypress Semiconductor
CY2304 CYPRESS-CY2304_11 Datasheet
466Kb / 14P
   3.3 V Zero Delay Buffer
logo
ON Semiconductor
ASM5P2304A ONSEMI-ASM5P2304A Datasheet
119Kb / 8P
   3.3 V Zero Delay Buffer
August, 2011 ??Rev. 3
logo
Alliance Semiconductor ...
ASM5P2304A ALSC-ASM5P2304A Datasheet
300Kb / 15P
   3.3 V Zero Delay Buffer
logo
Cypress Semiconductor
CY2304 CYPRESS-CY2304_13 Datasheet
504Kb / 17P
   3.3 V Zero Delay Buffer
logo
ON Semiconductor
ASM5P2305A ONSEMI-ASM5P2305A Datasheet
144Kb / 12P
   3.3 V Zero Delay Buffer
August, 2011 ??Rev. 4
logo
Cypress Semiconductor
CY2308 CYPRESS-CY2308_12 Datasheet
604Kb / 18P
   3.3 V Zero Delay Buffer
logo
ON Semiconductor
ASM5P2308A ONSEMI-ASM5P2308A Datasheet
144Kb / 11P
   3.3 V Zero-Delay Buffer
August, 2011 ??Rev. 3
logo
Renesas Technology Corp
MPC962308 RENESAS-MPC962308 Datasheet
677Kb / 13P
   3.3 V Zero Delay Buffer
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com