Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY2304NZZI-1 Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY2304NZZI-1
Description  Four Output PCI-X and General Purpose Buffer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2304NZZI-1 Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY2304NZZI-1 Datasheet HTML 1Page - Cypress Semiconductor CY2304NZZI-1 Datasheet HTML 2Page - Cypress Semiconductor CY2304NZZI-1 Datasheet HTML 3Page - Cypress Semiconductor CY2304NZZI-1 Datasheet HTML 4Page - Cypress Semiconductor CY2304NZZI-1 Datasheet HTML 5Page - Cypress Semiconductor CY2304NZZI-1 Datasheet HTML 6Page - Cypress Semiconductor CY2304NZZI-1 Datasheet HTML 7Page - Cypress Semiconductor CY2304NZZI-1 Datasheet HTML 8Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
CY2304NZ
Four Output PCI-X and
General Purpose Buffer
Cypress Semiconductor Corporation
198 Champion Court
San Jose
, CA 95134-1709
408-943-2600
Document Number: 38-07099 Rev. *E
Revised February 8, 2011
Four Output PCI-X and General Purpose Buffer
Features
One input to four output buffer/driver
General-purpose or PCI-X clock buffer
Buffers all frequencies from DC to 140 MHz
Output-to-output skew less than 100 ps
Space-saving 8-pin TSSOP package
3.3 V operation
60 ps typical output-output skew
Functional Description
The CY2304NZ is a low-cost buffer designed to distribute
high-speed clocks for PCI-X and other applications. The device
operates at 3.3 V and outputs can run up to 140 MHz.
Table 1. Function Table
Inputs
Outputs
BUF_IN
OE
Output [1:4]
L
H
L
H
L
L
H
H
L
L
L
H
Pin Description for CY2304NZ
Signal
Pin
Description
VDD
6
3.3 V voltage supply
GND
4
Ground
BUF_IN
1
Input clock
OUTPUT [1:4]
3, 5, 7, 8
Outputs
OE
2
Input pin for output enable, active HIGH.
Block Diagram
BUF_IN
OUTPUT2
OUTPUT3
OUTPUT4
OUTPUT1
OE
Logic
Control
Pin Configuration
1
2
3
4
5
6
7
8
BUF_IN
OE
OUTPUT1
GND
OUTPUT4
OUTPUT3
VDD
OUTPUT2
8-pin TSSOP
Top View
[+] Feedback


Similar Part No. - CY2304NZZI-1

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2304NZZI-1 CYPRESS-CY2304NZZI-1 Datasheet
71Kb / 5P
   Four Output PCI-X and General Purpose Buffer
CY2304NZZI-1 CYPRESS-CY2304NZZI-1 Datasheet
118Kb / 5P
   Four Output PCI-X and General Purpose Buffer
CY2304NZZI-1 CYPRESS-CY2304NZZI-1 Datasheet
345Kb / 8P
   Four Output PCI-X and General Purpose Buffer
CY2304NZZI-1 CYPRESS-CY2304NZZI-1 Datasheet
377Kb / 8P
   Four Output PCI-X and General Purpose Buffer
CY2304NZZI-1T CYPRESS-CY2304NZZI-1T Datasheet
71Kb / 5P
   Four Output PCI-X and General Purpose Buffer
More results

Similar Description - CY2304NZZI-1

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
ASM2P2304NZ ALSC-ASM2P2304NZ Datasheet
667Kb / 8P
   Four Output PCI-X and General Purpose Buffer
logo
Cypress Semiconductor
CY2304NZ CYPRESS-CY2304NZ Datasheet
71Kb / 5P
   Four Output PCI-X and General Purpose Buffer
CY2304NZ CYPRESS-CY2304NZ_12 Datasheet
345Kb / 8P
   Four Output PCI-X and General Purpose Buffer
logo
PulseCore Semiconductor
ASM2P2304NZ PULSECORE-ASM2P2304NZ Datasheet
175Kb / 9P
   Four Output PCI-X and General Purpose Buffer
logo
Cypress Semiconductor
CY2304NZ CYPRESS-CY2304NZ_13 Datasheet
377Kb / 8P
   Four Output PCI-X and General Purpose Buffer
CY2304NZ CYPRESS-CY2304NZ_05 Datasheet
118Kb / 5P
   Four Output PCI-X and General Purpose Buffer
logo
ON Semiconductor
ASM2P2304NZ ONSEMI-ASM2P2304NZ Datasheet
106Kb / 7P
   Four Output PCI-X and General Purpose Buffer
August, 2011 ??Rev. 3
logo
Integrated Circuit Syst...
ICS9DB104 ICST-ICS9DB104 Datasheet
105Kb / 13P
   Four Output Differential Buffer for PCI-Express
logo
Renesas Technology Corp
9DB401C RENESAS-9DB401C Datasheet
321Kb / 18P
   Four Output Differential Buffer for PCI Express
1/27/11
logo
Integrated Device Techn...
ICS9DB401C IDT-ICS9DB401C Datasheet
244Kb / 17P
   Four Output Differential Buffer for PCI Express
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com