Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY14E101J1-SXI Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CY14E101J1-SXI
Description  1 Mbit (128 K 횞 8) Serial (I2C) nvSRAM
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY14E101J1-SXI Datasheet(HTML) 5 Page - Cypress Semiconductor

  CY14E101J1-SXI Datasheet HTML 1Page - Cypress Semiconductor CY14E101J1-SXI Datasheet HTML 2Page - Cypress Semiconductor CY14E101J1-SXI Datasheet HTML 3Page - Cypress Semiconductor CY14E101J1-SXI Datasheet HTML 4Page - Cypress Semiconductor CY14E101J1-SXI Datasheet HTML 5Page - Cypress Semiconductor CY14E101J1-SXI Datasheet HTML 6Page - Cypress Semiconductor CY14E101J1-SXI Datasheet HTML 7Page - Cypress Semiconductor CY14E101J1-SXI Datasheet HTML 8Page - Cypress Semiconductor CY14E101J1-SXI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
PRELIMINARY
CY14C101J
CY14B101J, CY14E101J
Document #: 001-54050 Rev. *D
Page 5 of 32
Data Validity
The data on the SDA line must be stable during the HIGH period
of the clock. The state of the data line can only change when the
clock on the SCL line is LOW for the data to be valid. There are
only two conditions under which the SDA line may change state
with SCL line held HIGH, that is, START and STOP condition.
The START and STOP conditions are generated by the master
to signal the beginning and end of a communication sequence
on the I2C bus.
START Condition (S)
A HIGH to LOW transition on the SDA line while SCL is HIGH
indicates a START condition. Every transaction in I2C begins
with the master generating a START condition.
STOP Condition (P)
A LOW to HIGH transition on the SDA line while SCL is HIGH
indicates a STOP condition. This condition indicates the end of
the ongoing transaction.
START and STOP conditions are always generated by the
master. The bus is considered to be busy after the START
condition. The bus is considered to be free again after the STOP
condition.
Repeated START (Sr)
If an Repeated START condition is generated instead of a Stop
condition the bus continues to be busy. The ongoing transaction
on the I2C lines is stopped and the bus waits for the master to
send a slave ID for communication to restart.
Byte Format
Each operation in I2C is done using 8 bit words. The bits are sent in MSB first format on SDA line and each byte is followed by an
ACK signal by the receiver.
An operation continues till a NACK is sent by the receiver or STOP or Repeated START condition is generated by the master The
SDA line must remain stable when the clock (SCL) is HIGH except for a START or STOP condition.
Figure 4. START and STOP Conditions
Figure 5. Data Transfer on the I2C Bus
full pagewidth
SDA
SCL
P
STOP Condition
SDA
SCL
S
START Condition
handbook, full pagewidth
Sr
or
P
SDA
Sr
P
SCL
STOP or
Repeated START
condition
S
or
Sr
START or
Repeated START
condition
1
2
3 - 8
9
ACK
9
ACK
78
12
MSB
Acknowledgement
signal from slave
Byte complete,
interrupt within slave
Clock line held LOW while
interrupts are serviced
Acknowledgement
signal from receiver
[+] Feedback


Similar Part No. - CY14E101J1-SXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14E101J CYPRESS-CY14E101J Datasheet
1Mb / 31P
   1-Mbit (128 K x 8) Serial (I2C) nvSRAM Infinite read, write, and RECALL cycles
CY14E101J CYPRESS-CY14E101J Datasheet
1Mb / 31P
   1-Mbit (128 K x 8) Serial (I2C) nvSRAM
CY14E101J2-SXI CYPRESS-CY14E101J2-SXI Datasheet
1Mb / 31P
   1-Mbit (128 K x 8) Serial (I2C) nvSRAM
CY14E101J2-SXIT CYPRESS-CY14E101J2-SXIT Datasheet
1Mb / 31P
   1-Mbit (128 K x 8) Serial (I2C) nvSRAM
More results

Similar Description - CY14E101J1-SXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14C101J CYPRESS-CY14C101J_12 Datasheet
1Mb / 31P
   1-Mbit (128 K 횞 8) Serial (I2C) nvSRAM
CY14C101Q CYPRESS-CY14C101Q_12 Datasheet
1Mb / 33P
   1-Mbit (128 K 횞 8) Serial (SPI) nvSRAM
CY14V101Q3 CYPRESS-CY14V101Q3 Datasheet
1Mb / 24P
   1 Mbit (128 K 횞 8) Serial SPI nvSRAM
CY14C101J CYPRESS-CY14C101J_13 Datasheet
1Mb / 31P
   1-Mbit (128 K x 8) Serial (I2C) nvSRAM
CY14C101I CYPRESS-CY14C101I_12 Datasheet
1Mb / 41P
   1-Mbit (128 K 횞 8) Serial (I2C) nvSRAM with Real Time Clock
CY14B101LA CYPRESS-CY14B101LA_12 Datasheet
725Kb / 29P
   1-Mbit (128 K 횞 8/64 K 횞 16) nvSRAM
CY14B101LA CYPRESS-CY14B101LA_11 Datasheet
1,013Kb / 26P
   1-Mbit (128 K 횞 8/64 K 횞 16) nvSRAM
CY14B101Q1 CYPRESS-CY14B101Q1_13 Datasheet
1Mb / 27P
   1-Mbit (128 K x 8) Serial SPI nvSRAM
CY14B101P CYPRESS-CY14B101P_12 Datasheet
934Kb / 36P
   1-Mbit (128 K 횞 8) Serial SPI nvSRAM with Real Time Clock
CY14C101PA CYPRESS-CY14C101PA_12 Datasheet
1Mb / 43P
   1-Mbit (128 K 횞 8) Serial (SPI) nvSRAM with Real Time Clock
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com