Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T86D107M010CBAS Datasheet(PDF) 3 Page - Vishay Siliconix

Part # T86D107M010CBAS
Description  Solid Tantalum Surface Mount TANTAMOUNT짰, Molded Case, Hi-Rel COTS, Low ESR, Built-In-Fuse
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

T86D107M010CBAS Datasheet(HTML) 3 Page - Vishay Siliconix

  T86D107M010CBAS Datasheet HTML 1Page - Vishay Siliconix T86D107M010CBAS Datasheet HTML 2Page - Vishay Siliconix T86D107M010CBAS Datasheet HTML 3Page - Vishay Siliconix T86D107M010CBAS Datasheet HTML 4Page - Vishay Siliconix T86D107M010CBAS Datasheet HTML 5Page - Vishay Siliconix T86D107M010CBAS Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Document Number: 40145
For technical questions, contact: tantalum@vishay.com
www.vishay.com
Revision: 31-Jan-11
3
T86
Solid Tantalum Surface Mount TANTAMOUNT®,
Molded Case, Hi-Rel COTS, Low ESR, Built-In-Fuse
Vishay Sprague
RATINGS AND PART NUMBER REFERENCE
CAPACITANCE
(μF)
CASE CODE
PART NUMBER
MAX. DC
LEAKAGE
at + 25 °C
(μA)
MAX. DF
at + 25 °C
120 Hz
(%)
STANDARD (S)
MAX. ESR
at + 25 °C
100 kHz
(
)
LOW (L)
MAX. ESR
at + 25 °C
100 kHz
(
)
4 VDC AT + 85 °C, 2.7 VDC AT + 125 °C
68
C
T86C686(1)004(2)(3)(4)(5)
2.7
8
1.40
0.40
100
C
T86C107(1)004(2)(3)(4)(5)
4.0
8
0.80
0.40
150
D
T86D157(1)004(2)(3)(4)(5)
6.0
8
0.60
0.30
220
D
T86D227(1)004(2)(3)(4)(5)
8.8
8
0.60
0.40
330
D
T86D337(1)004(2)(3)(4)(5)
13.2
15
0.60
0.30
330
E
T86E337(1)004(2)(3)(4)(5)
13.2
8
0.50
0.30
470
E
T86E477(1)004(2)(3)(4)(5)
18.8
16
0.50
0.25
6.3 VDC AT + 85 °C, 4 VDC AT + 125 °C
15
C
T86C156(1)6R3(2)(3)(4)(5)
0.9
6
1.80
0.60
22
C
T86C226(1)6R3(2)(3)(4)(5)
1.1
6
1.80
0.60
33
C
T86C336(1)6R3(2)(3)(4)(5)
1.6
6
1.40
0.60
47
C
T86C476(1)6R3(2)(3)(4)(5)
2.3
6
1.30
0.60
47
D
T86D476(1)6R3(2)(3)(4)(5)
2.3
6
0.90
0.45
68
C
T86C686(1)6R3(2)(3)(4)S
3.3
6
0.80
N/A
68
D
T86D686(1)6R3(2)(3)(4)(5)
3.3
6
0.70
0.35
100
D
T86D107(1)6R3(2)(3)(4)(5)
6.0
8
0.70
0.35
100
E
T86E107(1)6R3(2)(3)(4)(5)
6.0
8
0.70
0.30
150
D
T86D157(1)6R3(2)(3)(4)(5)
9.0
8
0.60
0.30
220
D
T86D227(1)6R3(2)(3)(4)(5)
13.2
8
0.60
0.30
220
E
T86E227(1)6R3(2)(3)(4)(5)
13.2
8
0.50
0.30
330
E
T86E337(1)6R3(2)(3)(4)(5)
19.8
8
0.50
0.30
10 VDC AT + 85 °C, 7 VDC AT + 125 °C
10
C
T86C106(1)010(2)(3)(4)S
1.0
6
1.80
N/A
15
C
T86C156(1)010(2)(3)(4)(5)
1.5
6
1.80
0.60
22
C
T86C226(1)010(2)(3)(4)(5)
2.2
6
1.40
0.50
33
C
T86C336(1)010(2)(3)(4)(5)
3.3
6
1.30
0.40
33
D
T86D336(1)010(2)(3)(4)(5)
3.3
6
0.90
0.40
47
C
T86C476(1)010(2)(3)(4)S
4.7
6
1.00
N/A
47
D
T86D476(1)010(2)(3)(4)(5)
4.7
6
0.70
0.40
68
D
T86D686(1)010(2)(3)(4)(5)
6.8
6
0.70
0.35
68
E
T86E686(1)010(2)(3)(4)(5)
6.8
6
0.70
0.35
100
D
T86D107(1)010(2)(3)(4)(5)
10.0
8
0.60
0.30
150
D
T86D157(1)010(2)(3)(4)(5)
15.0
8
0.60
0.30
150
E
T86E157(1)010(2)(3)(4)(5)
15.0
8
0.50
0.40
220
E
T86E227(1)010(2)(3)(4)(5)
22.0
8
0.50
0.30
16 VDC AT + 85 °C, 10 VDC AT + 125 °C
6.8
C
T86C685(1)016(2)(3)(4)(5)
1.1
6
2.00
0.60
10
C
T86C106(1)016(2)(3)(4)(5)
1.6
6
1.80
0.70
15
C
T86C156(1)016(2)(3)(4)S
2.4
6
1.40
N/A
22
C
T86C226(1)016(2)(3)(4)(5)
3.5
6
1.30
0.70
22
D
T86D226(1)016(2)(3)(4)(5)
3.5
6
0.90
0.45
33
C
T86C336(1)016(2)(3)(4)(5)
5.3
6
1.00
0.50
33
D
T86D336(1)016(2)(3)(4)(5)
5.3
6
0.70
0.35
47
D
T86D476(1)016(2)(3)(4)(5)
7.5
6
0.70
0.35
47
E
T86E476(1)016(2)(3)(4)(5)
7.5
6
0.70
0.35
68
D
T86D686(1)016(2)(3)(4)(5)
10.9
6
0.60
0.30
100
E
T86E107(1)016(2)(3)(4)(5)
16.0
8
0.60
0.30
150
E
T86E157(1)016(2)(3)(4)S
24.0
10
0.40
N/A


Similar Part No. - T86D107M010CBAS

ManufacturerPart #DatasheetDescription
logo
Taiwan Memory Technolog...
T8601 TMT-T8601 Datasheet
189Kb / 2P
   The T8601 is a low cost, simple, high-efficiency off-line LED driver IC.
logo
Integrated Technology F...
T86051B ITF-T86051B Datasheet
159Kb / 2P
   860.0 MHz SAW Filter
logo
List of Unclassifed Man...
T860N ETC-T860N Datasheet
1Mb / 3P
   PHASE CONTROL THYRISTORS
logo
Infineon Technologies A...
T860N INFINEON-T860N Datasheet
298Kb / 10P
   Netz-Thyristor Phase Control Thyristor
2009-03-17 revision:2.0
logo
Taiwan Memory Technolog...
T8611 TMT-T8611 Datasheet
189Kb / 2P
   The T8611 is a simple, high voltage, linear current regulator.
More results

Similar Description - T86D107M010CBAS

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
T96 VISHAY-T96_17 Datasheet
283Kb / 18P
   Solid Tantalum Chip Capacitors TANTAMOUNT™, Hi-Rel COTS, Low ESR, Built-in-Fuse, Conformal Coated Case
Revision: 22-Jun-17
TR3 VISHAY-TR3 Datasheet
149Kb / 12P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT짰 Molded Case, Low ESR
Revision: 22-Apr-08
T98 VISHAY-T98_17 Datasheet
284Kb / 18P
   Solid Tantalum Chip Capacitors TANTAMOUNT™, Hi-Rel COTS, Ultra-Low ESR, Built-in-Fuse, Conformal Coated Case
Revision: 22-Jun-17
T96 VISHAY-T96 Datasheet
93Kb / 4P
   TANTAMOUNT® Low ESR, Hi-Rel COTS, Built-In Fuse Conformal Coated
Revision: 25-Jun-08
T98 VISHAY-T98 Datasheet
86Kb / 4P
   TANTAMOUNT® Low ESR, Hi-Rel COTS, Built-In Fuse Conformal Coated
Revision: 25-Jun-08
TMCTX VISHAY-TMCTX Datasheet
247Kb / 13P
   Solid Tantalum Surface-Mount Chip Capacitors, Molded Case, Built-In Fuse
Revision: 26-Oct-17
T97 VISHAY-T97_1 Datasheet
86Kb / 5P
   Solid Tantalum Chip Capacitors TANTAMOUNT Hi-Rel COTS, Ultra-Low ESR, Conformal Coated Case
Revision: 21-Jun-10
TF3 VISHAY-TF3 Datasheet
631Kb / 23P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT?? Molded Case, Built-In-Fuse
Revision: 13-Sep-16
TH3 VISHAY-TH3 Datasheet
127Kb / 7P
   Solid Tantalum Surface Mount Capacitors Tantamount짰 Molded Case, High Temperature
Revision: 14-Oct-08
T97R106K075LSA VISHAY-T97R106K075LSA Datasheet
103Kb / 7P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Hi-Rel COTS, Ultra-Low ESR, Conformal Coated Case
Revision: 25-Jun-13
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com