Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY3692 Datasheet(PDF) 11 Page - Cypress Semiconductor

Part # CY3692
Description  200 MHz Field Programmable Zero Delay Buffer
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY3692 Datasheet(HTML) 11 Page - Cypress Semiconductor

Back Button CY3692 Datasheet HTML 7Page - Cypress Semiconductor CY3692 Datasheet HTML 8Page - Cypress Semiconductor CY3692 Datasheet HTML 9Page - Cypress Semiconductor CY3692 Datasheet HTML 10Page - Cypress Semiconductor CY3692 Datasheet HTML 11Page - Cypress Semiconductor CY3692 Datasheet HTML 12Page - Cypress Semiconductor CY3692 Datasheet HTML 13Page - Cypress Semiconductor CY3692 Datasheet HTML 14Page - Cypress Semiconductor CY3692 Datasheet HTML 15Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
CY23FP12
Document #: 38-07246 Rev. *G
Page 11 of 15
Ordering Code Definition
Ordering Information
Ordering Code
Package Type
Operating Range
Pb-free
CY23FP12OXC
28-pin SSOP
Commercial, 0 °C to 70 °C
CY23FP12OXCT
28-pin SSOP – Tape and Reel
Commercial, 0 °C to 70 °C
CY23FP12OXI
28-pin SSOP
Industrial, –40 °C to 85 °C
CY23FP12OXIT
28-pin SSOP – Tape and Reel
Industrial, –40 °C to 85 °C
Programmer
CY3672-USB
Programmer with USB Interface
CY3692
CY23FP12 Socket Adapter for CY3672-USB Programmer (Labeled CY3672 ADP006)
Package type: T = tape and reel, blank = tube
Temperature code: C = Commercial, I = Industrial
Package: 28-pin SSOP, Pb-free
Device number
CY23FP12
OX
X
(T)
[+] Feedback


Similar Part No. - CY3692

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY3692 CYPRESS-CY3692 Datasheet
201Kb / 10P
   200-MHz Field Programmable Zero Delay Buffer
CY3692 CYPRESS-CY3692 Datasheet
212Kb / 10P
   200-MHz Field Programmable Zero Delay Buffer
CY3692 CYPRESS-CY3692 Datasheet
234Kb / 6P
   PTG Programming Kit
CY3692 CYPRESS-CY3692 Datasheet
525Kb / 14P
   200-MHz Field Programmable Zero Delay Buffer
CY3692 CYPRESS-CY3692 Datasheet
408Kb / 15P
   200 MHz Field Programmable Zero Delay Buffer
More results

Similar Description - CY3692

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY23FP12-002 CYPRESS-CY23FP12-002 Datasheet
212Kb / 10P
   200-MHz Field Programmable Zero Delay Buffer
CY23FP12-002 CYPRESS-CY23FP12-002_11 Datasheet
525Kb / 14P
   200-MHz Field Programmable Zero Delay Buffer
CY23FP12 CYPRESS-CY23FP12 Datasheet
201Kb / 10P
   200-MHz Field Programmable Zero Delay Buffer
CY23FP12 CYPRESS-CY23FP12_12 Datasheet
408Kb / 15P
   200 MHz Field Programmable Zero Delay Buffer
CY23020-1 CYPRESS-CY23020-1 Datasheet
121Kb / 10P
   20-output, 200-MHz Zero Delay Buffer
Z9960 CYPRESS-Z9960 Datasheet
253Kb / 7P
   2.5V/3.3V, 200 MHz Multi-Output Zero Delay Buffer
CY2V9950 CYPRESS-CY2V9950 Datasheet
251Kb / 9P
   2.5/3.3V 200-MHz Multi-Output Zero Delay Buffer
CY2V995 CYPRESS-CY2V995 Datasheet
281Kb / 10P
   S2.5/3.3V 200-MHz Multi-Output Zero Delay Buffer
logo
Alliance Semiconductor ...
ASM5I9352 ALSC-ASM5I9352 Datasheet
475Kb / 12P
   2.5V or 3.3V, 200 MHz, 11 Output Zero Delay Buffer
ASM5I9351 ALSC-ASM5I9351 Datasheet
522Kb / 13P
   2.5V or 3.3V, 200 MHz, 9-Output Zero Delay Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com