Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


LC78011E Datasheet(PDF) 12 Page - Sanyo Semicon Device

Part No. LC78011E
Description  Digital RGB Encoder IC for Video CD and CD-G
Download  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SANYO [Sanyo Semicon Device]
Homepage  http://www.ssdc-jp.com/eng/
Logo 

 
 12 page
background image
• Data input timing
RGB input (24 bits)
YCbCr (YUV) input (24 bits)
Y (8 bits), CbCr (8 bits) multiplexed input
5. OSD input (on-screen display data input)
The LC78011E provides an OSD signal RGB input function. Four input signals are required: the 3 bits of R, G, and B
data and the BLANK pin input signal, which is used for OSD switching.
Note: The white luminance level is 162, and the black and framing luminance level is 66. (When converted from the As 8-bit data values.)
• OSD timing
When no framing is used
When a frame is used (Frame color: black)
6. Signal format switching (NTSC, PAL, or PAL-M)
The NPSEL and PMSEL pin (pin 31 and 32) are used to switch the signal format.
No. 5755-12/13
LC78011E
R (OSRIN: pin 38)
G (OSGIN: pin 37)
B (OSBIN: pin 36)
OSBLK (pin 39)
OSD display color
L = 0
L = 0
L = 0
L = 0
Display off
L = 0
L = 0
L = 0
H = 1
Black
H = 1
L = 0
L = 0
H = 1
Red
L = 0
H = 1
L = 0
H = 1
Green
L = 0
L = 0
H = 1
H = 1
Blue
H = 1
L = 0
H = 1
H = 1
Magenta
H = 1
H = 1
L = 0
H = 1
Yellow
L = 0
H = 1
H = 1
H = 1
Cyan
H = 1
H = 1
H = 1
H = 1
White
NPSEL (pin 31)
PMSEL (pin 32)
Signal format
L = 0
L = 0
NTSC
H = 1
L = 0
PAL
L = 0
H = 1
PAL-M
H = 1
H = 1
Illegal value
Character
Character
Frame
Frame




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
LC78010EVideo CD and CD-G Digital RGB Encoder LSI 1 2 3 4 5 MoreSanyo Semicon Device
BT856YCrCb or RGB to NTSC/PAL Digital Video Encoder 1 2 3 4 5 MoreList of Unclassifed Manufacturers
BCM7038DUAL HD DIGITAL VIDEO SYSTEM ON CHIP SOLUTION FOR CABLE SATELLITE AND DTV 1 Broadcom Corporation.
SPCA701ADIGITAL VIDEO ENCODER FOR VIDEOCD 1 2 3 4 5 MoreList of Unclassifed Manufacturers
MAX74464-Channel Video Filter for RGB and CVBS Video 1 2 3 4 5 MoreMaxim Integrated Products
SAA7327Digital servo processor and Compact Disc decoder with integrated DAC for video CD CD7 II 1 2 3 4 5 MoreNXP Semiconductors
SPCA711ADIGITAL VIDEO ENCODER FOR VIDEOCD 1 2 3 4 5 MoreList of Unclassifed Manufacturers
ADA4410-6Integrated Video Filter with Selectable Cutoff Frequencies for RGB HD/SD Y C and CV 1 2 3 4 5 MoreAnalog Devices
STV8247Digital Audio Decoder/Processor for A2 and NICAM Television/Video Recorders 1 2 3 4 5 MoreSTMicroelectronics
FMS6408Triple Video Filter Driver for RGB and YUV Signals 1 2 3 4 5 MoreFairchild Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl