Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


LC78011E Datasheet(PDF) 11 Page - Sanyo Semicon Device

Part No. LC78011E
Description  Digital RGB Encoder IC for Video CD and CD-G
Download  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SANYO [Sanyo Semicon Device]
Homepage  http://www.ssdc-jp.com/eng/
Logo 

 
 11 page
background image
Functional Description
1. Clocks
The system clock operates at 4fsc and is input to the CLKI pin (pin 6). A feedback (bias) resistor is built in.
Input clock frequencies:
NTSC mode: 14.31818 MHz
PAL mode:
17.734475 MHz
PAL-M mode: 14.30244596 MHz
2. Video signal output formats
The LC78011E can provide either a Y/C (luminance signal/chrominance signal) separated signal output or a
composite video signal output.
The CCSEL pin (pin 30) selects the output format.
3. Digital video input switching
The LC78011E supports both input from an MPEG decoder (24 bits, 8 bits each of R, G, and B data) and a 12-bit
CD-G input (4 bits each of R, G, and B data). The CDGSEL pin (pin 33) switches the input.
• Sample CD-G (LC7874E) connection
4. Digital video input format selection
The LC78011E supports both RGB and YUV formats. The YUVSEL1 and YUVSEL2 pins (pins 43 and 44) are
used to select the input video format.
No. 5755-11/13
LC78011E
CCSEL (pin 30) setting
High = 1
Low = 0
CROUT (pin 26) output
Composite video signal
Chroma signal (C)
YOUT (pin 28) output
Fixed low-level output
Luminance signal (Y)
(The D/A converter is stopped.)
CDGSEL (pin 33)
Low = 0
High = 1
Digital input selection
12-bit input (CD-G)
24-bit input (Video CD)
LC78011E
LC7874E
RYIN7 (pin 45)
ROUT3 (pin 36)
R
RYIN6 (pin 46)
ROUT2 (pin 37)
RYIN5 (pin 47)
ROUT1 (pin 38)
RYIN4 (pin 48)
ROUT0 (pin 39)
GUIN7 (pin 9)
GOUT3 (pin 42)
G
GUIN6 (pin 10)
GOUT2 (pin 43)
GUIN5 (pin 11)
GOUT1 (pin 44)
GUIN4 (pin 12)
GOUT0 (pin 45)
BVIN7 (pin 17)
BOUT3 (pin 46)
B
BVIN6 (pin 18)
BOUT2 (pin 47)
BVIN5 (pin 19)
BOUT1 (pin 48)
BVIN4 (pin 20)
BOUT0 (pin 49)
YUVSEL2 (pin 44)
YUVSEL1 (pin 43)
Input format
Low = 0
Low = 0
RGB input
Low = 0
High = 1
YUV input
High = 1
Low = 0
Y/UV input*
High = 1
High = 1
Illegal value
Note :* GUIN0 to GUIN7 are not used in the Y/UV input mode.
The U/V discrimination for the UV input is performed by starting acquisition of the U input data with a timing referenced to the falling edge of
the BLANK pin (pin 40) input signal. In this mode, the input pins GUIN0 to GUIN7 must be left open or tied to DVSS. (These inputs include
built-in pull-down resistors.)




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
LC78010EVideo CD and CD-G Digital RGB Encoder LSI 1 2 3 4 5 MoreSanyo Semicon Device
BT856YCrCb or RGB to NTSC/PAL Digital Video Encoder 1 2 3 4 5 MoreList of Unclassifed Manufacturers
BCM7038DUAL HD DIGITAL VIDEO SYSTEM ON CHIP SOLUTION FOR CABLE SATELLITE AND DTV 1 Broadcom Corporation.
SPCA701ADIGITAL VIDEO ENCODER FOR VIDEOCD 1 2 3 4 5 MoreList of Unclassifed Manufacturers
MAX74464-Channel Video Filter for RGB and CVBS Video 1 2 3 4 5 MoreMaxim Integrated Products
SAA7327Digital servo processor and Compact Disc decoder with integrated DAC for video CD CD7 II 1 2 3 4 5 MoreNXP Semiconductors
SPCA711ADIGITAL VIDEO ENCODER FOR VIDEOCD 1 2 3 4 5 MoreList of Unclassifed Manufacturers
ADA4410-6Integrated Video Filter with Selectable Cutoff Frequencies for RGB HD/SD Y C and CV 1 2 3 4 5 MoreAnalog Devices
STV8247Digital Audio Decoder/Processor for A2 and NICAM Television/Video Recorders 1 2 3 4 5 MoreSTMicroelectronics
FMS6408Triple Video Filter Driver for RGB and YUV Signals 1 2 3 4 5 MoreFairchild Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl