Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY3672-USB Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # CY3672-USB
Description  200 MHz Field Programmable Zero Delay Buffer
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY3672-USB Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button CY3672-USB Datasheet HTML 4Page - Cypress Semiconductor CY3672-USB Datasheet HTML 5Page - Cypress Semiconductor CY3672-USB Datasheet HTML 6Page - Cypress Semiconductor CY3672-USB Datasheet HTML 7Page - Cypress Semiconductor CY3672-USB Datasheet HTML 8Page - Cypress Semiconductor CY3672-USB Datasheet HTML 9Page - Cypress Semiconductor CY3672-USB Datasheet HTML 10Page - Cypress Semiconductor CY3672-USB Datasheet HTML 11Page - Cypress Semiconductor CY3672-USB Datasheet HTML 12Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
CY23FP12
Document #: 38-07246 Rev. *G
Page 8 of 15
IDD
Supply current
VDDA = VDDB = 2.5 V, Unloaded outputs at 166 MHz
40
65
mA
VDDA = VDDB = 2.5 V, Loaded outputs at 166 MHz,
CL = 15 pF
–65
100
VDDA = VDDB = 3.3 V, Unloaded outputs at 166 MHz
50
80
VDDA = VDDB = 3.3 V, Loaded outputs at166 MHz,
CL = 15 pF
–100
120
DC Electrical Specifications
Parameter
Description
Test Conditions
Min
Typ
Max
Unit
Notes
5. All parameters are specified with loaded outputs.
6. When the device is configured as a non-PLL fanout buffer (PLL Power-down enabled), the reference frequency can be lower than 10MHz. With auto power-down
disabled and PLL power-down enabled, the reference frequency can be as low as DC level.
7. When the device is configured as a non-PLL fanout buffer (PLL Power-down enabled), the output frequency can be lower than 10MHz. With auto power-down
disabled and PLL power-down enabled, the output frequency can be as low as DC level.
Switching Characteristics [5]
Parameter
Description
Test Conditions
Min
Typ
Max
Unit
fREF
Reference frequency[6]
Commercial temperature
10
200
MHz
Industrial temperature
10
166.7
ERREF
Reference edge rate
1
V/ns
DCREF
Reference duty cycle
25
75
%
fOUT
Output frequency[7]
CL = 15 pF, Commercial temperature
10
200
MHz
CL = 15 pF, Industrial temperature
10
166.7
CL = 30 pF, Commercial temperature
10
100
CL = 30 pF, Industrial temperature
10
83.3
DCOUT
Output duty cycle[5]
VDDA/B = 3.3 V, measured at VDD/2
45
50
55
%
VDDA/B = 2.5 V, measured at VDD/2
40
50
60
t3
Rise time[5]
VDDA/B = 3.3 V, 0.8 V to 2.0 V,
CL = 30 pF (standard drive and high drive)
––
1.6
ns
VDDA/B = 3.3 V, 0.8 V,10 V to 2.0 V,
CL = 15 pF (standard drive and high drive)
––
0.8
VDDA/B = 2.5 V, 0.6 V to 1.8 V,
CL = 30 pF (high drive only)
––
2.0
VDDA/B = 2.5 V, 0.6 V to 1.8 V,
CL = 15 pF (high drive only)
––
1.0
t4
Fall time[5]
VDDA/B = 3.3 V, 0.8 V to 2.0 V,
CL = 30 pF (standard drive and high drive)
––
1.6
ns
VDDA/B = 3.3 V, 0.8 V to 2.0 V,
CL = 15 pF (standard drive and high drive)
––
0.8
VDDA/B = 2.5 V, 0.6 V to 1.8 V,
CL = 30 pF (high drive only)
––
1.6
VDDA/B = 2.5 V, 0.6 V to 1.8 V,
CL = 15 pF (high drive only)
––
0.8
[+] Feedback


Similar Part No. - CY3672-USB

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY3672-USB CYPRESS-CY3672-USB Datasheet
256Kb / 8P
   Very Low Jitter Field and Factory Programmable Clock Generator
CY3672-USB CYPRESS-CY3672-USB Datasheet
583Kb / 15P
   Programmable Spread Spectrum Clock Generator for EMI Reduction
CY3672-USB CYPRESS-CY3672-USB Datasheet
234Kb / 6P
   PTG Programming Kit
CY3672-USB CYPRESS-CY3672-USB Datasheet
504Kb / 13P
   Three-PLL General Purpose Flash Programmable Clock Generator
CY3672-USB CYPRESS-CY3672-USB Datasheet
346Kb / 9P
   Three-PLL General Purpose FLASH Programmable Clock Generator
More results

Similar Description - CY3672-USB

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY23FP12-002 CYPRESS-CY23FP12-002 Datasheet
212Kb / 10P
   200-MHz Field Programmable Zero Delay Buffer
CY23FP12-002 CYPRESS-CY23FP12-002_11 Datasheet
525Kb / 14P
   200-MHz Field Programmable Zero Delay Buffer
CY23FP12 CYPRESS-CY23FP12 Datasheet
201Kb / 10P
   200-MHz Field Programmable Zero Delay Buffer
CY23FP12 CYPRESS-CY23FP12_12 Datasheet
408Kb / 15P
   200 MHz Field Programmable Zero Delay Buffer
CY23020-1 CYPRESS-CY23020-1 Datasheet
121Kb / 10P
   20-output, 200-MHz Zero Delay Buffer
Z9960 CYPRESS-Z9960 Datasheet
253Kb / 7P
   2.5V/3.3V, 200 MHz Multi-Output Zero Delay Buffer
CY2V9950 CYPRESS-CY2V9950 Datasheet
251Kb / 9P
   2.5/3.3V 200-MHz Multi-Output Zero Delay Buffer
CY2V995 CYPRESS-CY2V995 Datasheet
281Kb / 10P
   S2.5/3.3V 200-MHz Multi-Output Zero Delay Buffer
logo
Alliance Semiconductor ...
ASM5I9352 ALSC-ASM5I9352 Datasheet
475Kb / 12P
   2.5V or 3.3V, 200 MHz, 11 Output Zero Delay Buffer
ASM5I9351 ALSC-ASM5I9351 Datasheet
522Kb / 13P
   2.5V or 3.3V, 200 MHz, 9-Output Zero Delay Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com