Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY14E101I-SFXI Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CY14E101I-SFXI
Description  1 Mbit (128K x 8) Serial (I2C) nvSRAM with Real Time Clock
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY14E101I-SFXI Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button CY14E101I-SFXI Datasheet HTML 3Page - Cypress Semiconductor CY14E101I-SFXI Datasheet HTML 4Page - Cypress Semiconductor CY14E101I-SFXI Datasheet HTML 5Page - Cypress Semiconductor CY14E101I-SFXI Datasheet HTML 6Page - Cypress Semiconductor CY14E101I-SFXI Datasheet HTML 7Page - Cypress Semiconductor CY14E101I-SFXI Datasheet HTML 8Page - Cypress Semiconductor CY14E101I-SFXI Datasheet HTML 9Page - Cypress Semiconductor CY14E101I-SFXI Datasheet HTML 10Page - Cypress Semiconductor CY14E101I-SFXI Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 42 page
background image
PRELIMINARY
CY14C101I
CY14B101I, CY14E101I
Document #: 001-54391 Rev. *C
Page 7 of 42
High-Speed Mode (Hs-mode)
In Hs-mode, nvSRAM can transfer data at bit rates of up to
3.4 Mbit/s. A master code (0000 1XXXb) must be issued to place
the device in high-speed mode. This enables master/slave
communication for speeds up to 3.4 MHz. A stop condition will
exit Hs-mode.
Serial Data Format in Hs-mode
Serial data transfer format in Hs-mode meets the standard-mode
I2C-bus specification. Hs-mode can only commence after the
following conditions (all of which are in F/S-modes):
1. START condition (S)
2. 8-bit master code (0000 1XXXb)
3. No-acknowledge bit (A)
Single and multiple-byte reads and writes are supported. After
the device enters Hs-mode, data transfer continues in Hs-mode
until stop condition is sent by master device. The slave switches
back to F/S-mode after a STOP condition (P). To continue data
transfer in Hs-mode, the master sends Repeated START (Sr).
See Figure 13 on page 12 and Figure 16 on page 13 for
HS-mode timings for read and write operation.
Slave Device Address
Every slave device on an I2C bus has a device select address.
The first byte after START condition contains the slave device
address with which the master intends to communicate. The
seven MSBs are the device address and the LSB (R/W bit) is
used for indicating Read or Write operation. The CY14X101I
reserves three sets of upper 4 MSBs [7:4] in the slave device
address field for accessing the Memory, RTC Registers, and
Control Registers. The accessing mechanism is described in the
following section.
The nvSRAM product provides three different functionalities:
Memory, RTC Registers and Control Registers functions (such
as serial number and product ID). The three functions of the
device are accessed through different slave device addresses.
The first four most significant bits [7:4] in the device address
register are used to select between the nvSRAM functions.
Figure 6. Data Transfer Format in Hs-mode
handbook, full pagewidth
F/S-mode
Hs-mode
F/S-mode
AA
/
A
A
DATA
n (bytes
+ack.)
W
/
R
S
MASTER CODE
Sr SLAVE ADD.
Hs-mode continues
Sr SLAVE ADD.
P
Table 2. Slave Device Addressing
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
nvSRAM
Function Select
CY14X101I Slave Devices
1
0
1
0
Device select ID
A16
R/W Selects Memory
Memory, 128K x 8
1
1
0
1
Device select ID
X
R/W Selects RTC
Registers
RTC Registers, 16 x 8
0
0
1
1
Device select ID
X
R/W Selects Control
Registers
Control Registers
- Memory Control Register, 1 × 8
- Serial Number, 8 × 8
- Device ID, 4 × 8
- Command Register, 1 × 8
[+] Feedback


Similar Part No. - CY14E101I-SFXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14E101I-SFXI CYPRESS-CY14E101I-SFXI Datasheet
1Mb / 41P
   1-Mbit (128 K 횞 8) Serial (I2C) nvSRAM with Real Time Clock
CY14E101I-SFXIT CYPRESS-CY14E101I-SFXIT Datasheet
1Mb / 41P
   1-Mbit (128 K 횞 8) Serial (I2C) nvSRAM with Real Time Clock
More results

Similar Description - CY14E101I-SFXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14B101P CYPRESS-CY14B101P Datasheet
1Mb / 33P
   1 Mbit (128K x 8) Serial SPI nvSRAM with Real Time Clock
CY14B101K CYPRESS-CY14B101K_09 Datasheet
796Kb / 28P
   1 Mbit (128K x 8) nvSRAM With Real Time Clock
CY14B101K_0711 CYPRESS-CY14B101K_0711 Datasheet
717Kb / 24P
   1 Mbit (128K x 8) nvSRAM With Real Time Clock
CY14B101K CYPRESS-CY14B101K Datasheet
1Mb / 24P
   1 Mbit (128K x 8) nvSRAM With Real-Time Clock
CY14C101I CYPRESS-CY14C101I_13 Datasheet
1Mb / 42P
   1-Mbit (128 K x 8) Serial (I2C) nvSRAM with Real Time Clock
CY14B101KA CYPRESS-CY14B101KA Datasheet
972Kb / 29P
   1 Mbit (128K x 8/64K x 16) nvSRAM with Real Time Clock
CY14B101KA CYPRESS-CY14B101KA_11 Datasheet
1Mb / 34P
   1 Mbit (128K x 8/64K x 16) nvSRAM with Real Time Clock
CY14C101I CYPRESS-CY14C101I_12 Datasheet
1Mb / 41P
   1-Mbit (128 K 횞 8) Serial (I2C) nvSRAM with Real Time Clock
CY14C101PA_1105 CYPRESS-CY14C101PA_1105 Datasheet
1Mb / 44P
   1-Mbit (128 K x 8) Serial (SPI) nvSRAM with Real Time Clock
CY14B101P CYPRESS-CY14B101P_13 Datasheet
1Mb / 36P
   1-Mbit (128 K x 8) Serial SPI nvSRAM with Real Time Clock
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com