Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY14B101I-SFXI Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # CY14B101I-SFXI
Description  1 Mbit (128K x 8) Serial (I2C) nvSRAM with Real Time Clock
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY14B101I-SFXI Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button CY14B101I-SFXI Datasheet HTML 4Page - Cypress Semiconductor CY14B101I-SFXI Datasheet HTML 5Page - Cypress Semiconductor CY14B101I-SFXI Datasheet HTML 6Page - Cypress Semiconductor CY14B101I-SFXI Datasheet HTML 7Page - Cypress Semiconductor CY14B101I-SFXI Datasheet HTML 8Page - Cypress Semiconductor CY14B101I-SFXI Datasheet HTML 9Page - Cypress Semiconductor CY14B101I-SFXI Datasheet HTML 10Page - Cypress Semiconductor CY14B101I-SFXI Datasheet HTML 11Page - Cypress Semiconductor CY14B101I-SFXI Datasheet HTML 12Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 42 page
background image
PRELIMINARY
CY14C101I
CY14B101I, CY14E101I
Document #: 001-54391 Rev. *C
Page 8 of 42
Memory Slave Device
The nvSRAM device is selected for read/write if the master
issues the slave address as 1010b followed by two bits of device
select. If slave address sent by the master matches with the
Memory Slave device address then depending on the R/W bit of
the slave address, data will be either read from (R/W = ‘1’) or
written to (R/W = ‘0’) the nvSRAM.
The address length for CY14X101I is 17 bits, and thus it requires
three address bytes to map the entire memory address location.
To save an extra byte for memory addressing, the 17th bit (A16)
is mapped to the slave address select bit (A0). The dedicated
two address bytes represent bit A0 to A15.
RTC Registers Slave Device
The RTC Registers is selected for read/write if the master issues
the slave address as 1101b followed by two bits of device select.
Then, depending on the R/W bit of the slave address, data is
either read from (R/W = ‘1’) or written to (R/W = ‘0’) the RTC
Registers. The RTC Registers slave address is followed by one
byte address of RTC Register for read/write operation. The RTC
Registers map is explained in the Table 11.
Control Registers Slave Device
The Control Registers Slave device includes the serial number,
product ID, Memory Control, and Command Register.
The nvSRAM Control Register Slave device is selected for
read/write if the master issues the slave address as 0011b
followed by two bits of device select. Then, depending on the
R/W bit of the slave address, data is either read from (R/W = ‘1’)
or written to (R/W = ‘0’) the device.
Memory Control Register
The Memory Control Register contains the following bits:
BP1:BP0: Block protect bits are used to protect 1/4, 1/2 or full
memory array. These bits can be written through a write
instruction to the 0x00 location of the Control Register Slave
device. However, any STORE cycle transfers SRAM data into
a nonvolatile cell regardless of whether or not the block is
protected. The default value shipped from the factory for BP0
and BP1 is ‘0’.
SNL (S/N Lock) Bit: Serial Number Lock bit (SNL) is used to
lock the serial number. Once the bit is set to ‘1’, the serial
number registers are locked and no modification is allowed.
This bit cannot be cleared to ‘0’. The serial number is secured
on the next STORE operation (Software STORE or AutoStore).
If AutoStore is not enabled, user must perform Software
STORE operation to secure the lock bit status. If a STORE was
not performed, the serial number lock bit will not survive power
cycle. The default value shipped from the factory for SNL is ‘0’.
Figure 7. Memory Slave Device Address
Figure 8. RTC Registers Slave Device Address
Figure 9. Control Registers Slave Device Address
handbook, halfpage
R/W
LSB
MSB
Slave ID
10
1
0
A2
A16
A1
Device
Select
MSB of
Address
handbook, halfpage
R/W
LSB
MSB
Slave ID
11
0
1
A2
X
A1
Device
Select
handbook, halfpage
R/W
LSB
MSB
Slave ID
00
1
1
A2
X
A1
Device
Select
Table 3. Control Registers Map
Address
Description Read/Write
Details
0x00
Memory
Control
Register
Read/Write Contains Block
Protect bits and Serial
Number lock bit
0x01
Serial Number
8 bytes
Read/Write
(Read only
when SNL
is set)
Programmable Serial
Number. Locked by
setting the Serial
Number lock bit in the
Memory Control
Register to ‘1’.
0x02
0x03
0x04
0x05
0x06
0x07
0x08
0x09
Device ID
Read only Device ID is factory
programmed
0x0A
0x0B
0x0C
0x0D
Reserved
Reserved Reserved
0xAA
Command
Register
Write only Allows commands for
STORE, RECALL,
AutoStore
Enable/Disable,
SLEEP Mode
Table 4. Memory Control Register Bits
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0SNL
(0)
00
BP1
(0)
BP0
(0)
00
Table 5. Block Protection
Level
BP1:BP0
Block Protection
0
00
None
1/4
01
0x18000-0x1FFFF
1/2
10
0x10000-0x1FFFF
1
11
0x00000-0x1FFFF
[+] Feedback


Similar Part No. - CY14B101I-SFXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14B101I-SFXI CYPRESS-CY14B101I-SFXI Datasheet
1Mb / 41P
   1-Mbit (128 K 횞 8) Serial (I2C) nvSRAM with Real Time Clock
CY14B101I-SFXI CYPRESS-CY14B101I-SFXI Datasheet
1Mb / 42P
   1-Mbit (128 K x 8) Serial (I2C) nvSRAM with Real Time Clock
CY14B101I-SFXIT CYPRESS-CY14B101I-SFXIT Datasheet
1Mb / 41P
   1-Mbit (128 K 횞 8) Serial (I2C) nvSRAM with Real Time Clock
CY14B101I-SFXIT CYPRESS-CY14B101I-SFXIT Datasheet
1Mb / 42P
   1-Mbit (128 K x 8) Serial (I2C) nvSRAM with Real Time Clock
More results

Similar Description - CY14B101I-SFXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14B101P CYPRESS-CY14B101P Datasheet
1Mb / 33P
   1 Mbit (128K x 8) Serial SPI nvSRAM with Real Time Clock
CY14B101K CYPRESS-CY14B101K_09 Datasheet
796Kb / 28P
   1 Mbit (128K x 8) nvSRAM With Real Time Clock
CY14B101K_0711 CYPRESS-CY14B101K_0711 Datasheet
717Kb / 24P
   1 Mbit (128K x 8) nvSRAM With Real Time Clock
CY14B101K CYPRESS-CY14B101K Datasheet
1Mb / 24P
   1 Mbit (128K x 8) nvSRAM With Real-Time Clock
CY14C101I CYPRESS-CY14C101I_13 Datasheet
1Mb / 42P
   1-Mbit (128 K x 8) Serial (I2C) nvSRAM with Real Time Clock
CY14B101KA CYPRESS-CY14B101KA Datasheet
972Kb / 29P
   1 Mbit (128K x 8/64K x 16) nvSRAM with Real Time Clock
CY14B101KA CYPRESS-CY14B101KA_11 Datasheet
1Mb / 34P
   1 Mbit (128K x 8/64K x 16) nvSRAM with Real Time Clock
CY14C101I CYPRESS-CY14C101I_12 Datasheet
1Mb / 41P
   1-Mbit (128 K 횞 8) Serial (I2C) nvSRAM with Real Time Clock
CY14C101PA_1105 CYPRESS-CY14C101PA_1105 Datasheet
1Mb / 44P
   1-Mbit (128 K x 8) Serial (SPI) nvSRAM with Real Time Clock
CY14B101P CYPRESS-CY14B101P_13 Datasheet
1Mb / 36P
   1-Mbit (128 K x 8) Serial SPI nvSRAM with Real Time Clock
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com