Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY14B512Q1 Datasheet(PDF) 11 Page - Cypress Semiconductor

Part # CY14B512Q1
Description  512-Kbit (64 K 횞 8) Serial (SPI) nvSRAM
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY14B512Q1 Datasheet(HTML) 11 Page - Cypress Semiconductor

Back Button CY14B512Q1 Datasheet HTML 7Page - Cypress Semiconductor CY14B512Q1 Datasheet HTML 8Page - Cypress Semiconductor CY14B512Q1 Datasheet HTML 9Page - Cypress Semiconductor CY14B512Q1 Datasheet HTML 10Page - Cypress Semiconductor CY14B512Q1 Datasheet HTML 11Page - Cypress Semiconductor CY14B512Q1 Datasheet HTML 12Page - Cypress Semiconductor CY14B512Q1 Datasheet HTML 13Page - Cypress Semiconductor CY14B512Q1 Datasheet HTML 14Page - Cypress Semiconductor CY14B512Q1 Datasheet HTML 15Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
CY14B512Q1
CY14B512Q2
CY14B512Q3
Document #: 001-53873 Rev. *E
Page 11 of 27
Write Protection and Block Protection
CY14B512Q1/CY14B512Q2/CY14B512Q3 provides features
for both software and hardware write protection using WRDI
instruction and WP. Additionally, this device also provides block
protection mechanism through BP0 and BP1 pins of the Status
Register.
The Write Enable and disable status of the device is indicated by
WEN bit of the Status Register. The write instructions (WRSR
and WRITE) and nvSRAM special instruction (STORE,
RECALL, ASENB, and ASDISB) need the write to be enabled
(WEN bit = ‘1’) before they can be issued.
Write Enable (WREN) Instruction
On power-up, the device is always in the Write Disable state. The
following WRITE, WRSR, or nvSRAM special instruction must
therefore be preceded by a Write Enable instruction. If the device
is not Write Enabled (WEN = ‘0’), it ignores the write instructions
and returns to the standby state when CS is brought HIGH. A
new CS falling edge is required to re-initiate serial
communication. The instruction is issued following the falling
edge of CS. When this instruction is used, the WEN bit of Status
Register is set to ‘1’. WEN bit defaults to ‘0’ on power-up.
Note After completion of a write instruction (WRSR or WRITE)
or nvSRAM special instruction (STORE, RECALL, ASENB, and
ASDISB) instruction, WEN bit is cleared to ‘0’. This is done to
provide protection from any inadvertent writes. Therefore,
WREN instruction must be used before a new write instruction is
issued.
Write Disable (WRDI) Instruction
Write Disable instruction disables the write by clearing the WEN
bit to ‘0’ in order to protect the device against inadvertent writes.
This instruction is issued following the falling edge of CS followed
by opcode for WRDI instruction. The WEN bit is cleared on the
rising edge of CS following a WRDI instruction.
Block Protection
Block protection is provided using the BP0 and BP1 pins of the
Status Register. These bits can be set using WRSR instruction
and probed using the RDSR instruction. The nvSRAM is divided
into four array segments. One-quarter, one-half, or all of the
memory segments can be protected. Any data within the
protected segment is read only. Table 6 shows the function of
block protect bits.
Figure 8. Write Status Register (WRSR) Instruction Timing
CS
SCK
SO
0
1
2
3
4567
SI
0000
0
0
0
1
MSB
LSB
D2
D3
D7
HI-Z
0
12345
67
Opcode
Data in
X
X
X
X
X
Figure 9. WREN Instruction
0
0
0
00
1
10
CS
SCK
SI
SO
HI-Z
0
1
2
3
4
5
6
7
Figure 10. WRDI Instruction
Table 6. Block Write Protect Bits
Level
Status Register
Bits
Array Addresses Protected
BP1
BP0
00
0
None
1 (1/4)
0
1
0xC000-0xFFFF
2 (1/2)
1
0
0x8000-0xFFFF
3 (All)
1
1
0x0000-0xFFFF
0
0
0
0
0
1
0
0
CS
SCK
SI
SO
HI-Z
0
1
2
3
4
5
6
7
[+] Feedback
[+] Feedback


Similar Part No. - CY14B512Q1

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14B512Q1 CYPRESS-CY14B512Q1 Datasheet
1Mb / 27P
   512-Kbit (64 K x 8) Serial (SPI) nvSRAM
CY14B512Q1A-SXI CYPRESS-CY14B512Q1A-SXI Datasheet
1Mb / 32P
   512-Kbit (64 K 횞 8) SPI nvSRAM
CY14B512Q1A-SXIT CYPRESS-CY14B512Q1A-SXIT Datasheet
1Mb / 32P
   512-Kbit (64 K 횞 8) SPI nvSRAM
CY14B512Q1 CYPRESS-CY14B512Q1_12 Datasheet
1Mb / 27P
   512-Kbit (64 K 횞 8) Serial (SPI) nvSRAM
CY14B512Q1 CYPRESS-CY14B512Q1_13 Datasheet
1Mb / 27P
   512-Kbit (64 K x 8) Serial (SPI) nvSRAM
More results

Similar Description - CY14B512Q1

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14B512Q1 CYPRESS-CY14B512Q1_12 Datasheet
1Mb / 27P
   512-Kbit (64 K 횞 8) Serial (SPI) nvSRAM
CY14C512Q CYPRESS-CY14C512Q_12 Datasheet
1Mb / 32P
   512-Kbit (64 K 횞 8) SPI nvSRAM
CY14C512J CYPRESS-CY14C512J_12 Datasheet
1Mb / 30P
   512-Kbit (64 K 횞 8) Serial (I2C) nvSRAM
CY14B512Q1 CYPRESS-CY14B512Q1_13 Datasheet
1Mb / 27P
   512-Kbit (64 K x 8) Serial (SPI) nvSRAM
CY14B512P CYPRESS-CY14B512P Datasheet
1Mb / 36P
   512-Kbit (64 K 횞 8) Serial (SPI) nvSRAM with Real Time Clock
CY14MB064Q CYPRESS-CY14MB064Q_12 Datasheet
1Mb / 30P
   64-Kbit (8 K 횞 8) SPI nvSRAM
CY14MB064Q1B CYPRESS-CY14MB064Q1B Datasheet
913Kb / 28P
   64-Kbit (8 K 횞 8) SPI nvSRAM
CY14B512P CYPRESS-CY14B512P_12 Datasheet
1Mb / 34P
   512-Kbit (64 K 횞 8) Serial (SPI) nvSRAM with Real Time Clock
CY14C512PA CYPRESS-CY14C512PA_13 Datasheet
1Mb / 42P
   512-Kbit (64 K x 8) SPI nvSRAM
CY14MB064J1A CYPRESS-CY14MB064J1A Datasheet
1Mb / 28P
   64-Kbit (8 K 횞 8) Serial (I2C) nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com