Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC75884 Datasheet(PDF) 11 Page - Sanyo Semicon Device

Part # LC75884
Description  1/4 Duty LCD Display Drivers with Key Input Function
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC75884 Datasheet(HTML) 11 Page - Sanyo Semicon Device

Back Button LC75884 Datasheet HTML 7Page - Sanyo Semicon Device LC75884 Datasheet HTML 8Page - Sanyo Semicon Device LC75884 Datasheet HTML 9Page - Sanyo Semicon Device LC75884 Datasheet HTML 10Page - Sanyo Semicon Device LC75884 Datasheet HTML 11Page - Sanyo Semicon Device LC75884 Datasheet HTML 12Page - Sanyo Semicon Device LC75884 Datasheet HTML 13Page - Sanyo Semicon Device LC75884 Datasheet HTML 14Page - Sanyo Semicon Device LC75884 Datasheet HTML 15Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
No. 6086-11/27
LC75884E, LC75884W
However, note that when the segments are turned off by setting SC to 1, the segments are turned off by outputting segment off waveforms from the segment
output pins.
SC
Display state
0
on
1
off
4. SC : Segment on/off control data
This control data bit controls the on/off state of the segments.
DR
Drive scheme
0
1/3 bias drive
1
1/2 bias drive
5. DR : 1/2 bias or 1/3 bias drive selection data
This control data bit switches between LCD 1/2 bias or 1/3 bias drive.
Display Data and Output Pin Correspondence
Note: This is for the case where the output pins S1/P1 to S4/P4, KS1/S54 and KS2/S55 are selected for use as segment outputs.
Output pin
COM1
COM2
COM3
COM4
S1/P1
D1
D2
D3
D4
S2/P2
D5
D6
D7
D8
S3/P3
D9
D10
D11
D12
S4/P4
D13
D14
D15
D16
S5
D17
D18
D19
D20
S6
D21
D22
D23
D24
S7
D25
D26
D27
D28
S8
D29
D30
D31
D32
S9
D33
D34
D35
D36
S10
D37
D38
D39
D40
S11
D41
D42
D43
D44
S12
D45
D46
D47
D48
S13
D49
D50
D51
D52
S14
D53
D54
D55
D56
S15
D57
D58
D59
D60
S16
D61
D62
D63
D64
S17
D65
D66
D67
D68
S18
D69
D70
D71
D72
S19
D73
D74
D75
D76
S20
D77
D78
D79
D80
S21
D81
D82
D83
D84
S22
D85
D86
D87
D88
S23
D89
D90
D91
D92
S24
D93
D94
D95
D96
S25
D97
D98
D99
D100
S26
D101
D102
D103
D104
S27
D105
D106
D107
D108
S28
D109
D110
D111
D112
Output pin
COM1
COM2
COM3
COM4
S29
D113
D114
D115
D116
S30
D117
D118
D119
D120
S31
D121
D122
D123
D124
S32
D125
D126
D127
D128
S33
D129
D130
D131
D132
S34
D133
D134
D135
D136
S35
D137
D138
D139
D140
S36
D141
D142
D143
D144
S37
D145
D146
D147
D148
S38
D149
D150
D151
D152
S39
D153
D154
D155
D156
S40
D157
D158
D159
D160
S41
D161
D162
D163
D164
S42
D165
D166
D167
D168
S43
D169
D170
D171
D172
S44
D173
D174
D175
D176
S45
D177
D178
D179
D180
S46
D181
D182
D183
D184
S47
D185
D186
D187
D188
S48
D189
D190
D191
D192
S49
D193
D194
D195
D196
S50
D197
D198
D199
D200
S51
D201
D202
D203
D204
S52
D205
D206
D207
D208
S53
D209
D210
D211
D212
KS1/S54
D213
D214
D215
D216
KS2/S55
D217
D218
D219
D220


Similar Part No. - LC75884

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC75883 SANYO-LC75883 Datasheet
522Kb / 24P
   1/3 Duty LCD Display Drivers with Key Input Function?
LC75883E SANYO-LC75883E Datasheet
522Kb / 24P
   1/3 Duty LCD Display Drivers with Key Input Function?
LC75883W SANYO-LC75883W Datasheet
522Kb / 24P
   1/3 Duty LCD Display Drivers with Key Input Function?
logo
ON Semiconductor
LC75886PW ONSEMI-LC75886PW Datasheet
436Kb / 36P
   1/4 and 1/3-Duty LCD Display Driver
July, 2013
LC75886PW ONSEMI-LC75886PW Datasheet
495Kb / 36P
   Duty LCD Driver
July 2017 - Rev. 1
More results

Similar Description - LC75884

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC75854E SANYO-LC75854E Datasheet
520Kb / 24P
   1/4 Duty LCD Display Drivers with Key Input Function???
LC75864E SANYO-LC75864E Datasheet
188Kb / 26P
   1/4 Duty LCD Display Drivers with Key Input Function
LC75804E SANYO-LC75804E Datasheet
297Kb / 37P
   1/3, 1/4 Duty LCD Display Drivers with Key Input Function
logo
Princeton Technology Co...
PT16557 PTC-PT16557 Datasheet
617Kb / 8P
   1/3, 1/4 Duty LCD Display Drivers with Key Input Function
logo
Sanyo Semicon Device
LC75853NE SANYO-LC75853NE Datasheet
486Kb / 23P
   1/3 Duty LCD Display Drivers with Key Input Function?
LC75863E SANYO-LC75863E Datasheet
230Kb / 24P
   1/3 Duty LCD Display Drivers with Key Input Function
LC75883E SANYO-LC75883E Datasheet
522Kb / 24P
   1/3 Duty LCD Display Drivers with Key Input Function?
LC75857E SANYO-LC75857E Datasheet
428Kb / 39P
   CMOS IC 1/3, 1/4 Duty LCD Display Drivers with Key Input Function
LC75808E SANYO-LC75808E Datasheet
981Kb / 39P
   1/8 to 1/10 Duty LCD Display Drivers with Key Input Function
LC75893M SANYO-LC75893M Datasheet
389Kb / 23P
   1/3 Duty LCD Display Driver with Key Input Function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com