Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T86D107K010CAAS Datasheet(PDF) 4 Page - Vishay Siliconix

Part # T86D107K010CAAS
Description  Solid Tantalum Surface Mount TANTAMOUNT짰, Molded Case, Hi-Rel COTS, Low ESR, Built-In-Fuse
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

T86D107K010CAAS Datasheet(HTML) 4 Page - Vishay Siliconix

  T86D107K010CAAS Datasheet HTML 1Page - Vishay Siliconix T86D107K010CAAS Datasheet HTML 2Page - Vishay Siliconix T86D107K010CAAS Datasheet HTML 3Page - Vishay Siliconix T86D107K010CAAS Datasheet HTML 4Page - Vishay Siliconix T86D107K010CAAS Datasheet HTML 5Page - Vishay Siliconix T86D107K010CAAS Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
www.vishay.com
For technical questions, contact: tantalum@vishay.com
Document Number: 40145
4
Revision: 31-Jan-11
T86
Vishay Sprague
Solid Tantalum Surface Mount TANTAMOUNT®,
Molded Case, Hi-Rel COTS, Low ESR, Built-In-Fuse
Notes
(1) Capacitance tolerance codes: K, M
(2) Terminations and packaging codes: C, H, E, L
(3) Reliability level: A, B, S, Z
(4) Surge current: A, B, S
(5) ESR: L, S
20 VDC AT + 85 °C, 13 VDC AT + 125 °C
4.7
C
T86C475(1)020(2)(3)(4)(5)
0.9
6
2.00
1.00
6.8
C
T86C685(1)020(2)(3)(4)(5)
1.4
6
1.90
0.60
10
C
T86C106(1)020(2)(3)(4)(5)
2.0
6
1.60
0.80
15
C
T86C156(1)020(2)(3)(4)S
3.0
6
1.40
N/A
15
D
T86D156(1)020(2)(3)(4)(5)
3.0
6
0.90
0.45
22
D
T86D226(1)020(2)(3)(4)(5)
4.4
6
0.70
0.35
33
D
T86D336(1)020(2)(3)(4)(5)
6.6
6
0.70
0.40
33
E
T86E336(1)020(2)(3)(4)(5)
6.6
6
0.70
0.40
47
E
T86E476(1)020(2)(3)(4)(5)
9.4
6
0.60
0.30
68
E
T86E686(1)020(2)(3)(4)(5)
13.6
6
0.60
0.30
25 VDC AT + 85 °C, 17 VDC AT + 125 °C
2.2
C
T86C225(1)025(2)(3)(4)S
0.6
6
2.80
N/A
3.3
C
T86C335(1)025(2)(3)(4)(5)
0.8
6
2.30
2.10
4.7
C
T86C475(1)025(2)(3)(4)(5)
1.2
6
1.90
1.00
6.8
C
T86C685(1)025(2)(3)(4)(5)
1.7
6
1.60
0.60
10
C
T86C106(1)025(2)(3)(4)(5)
2.5
6
1.40
0.60
10
D
T86D106(1)025(2)(3)(4)(5)
2.5
6
1.00
0.50
15
D
T86D156(1)025(2)(3)(4)(5)
3.8
6
0.80
0.40
22
D
T86D226(1)025(2)(3)(4)(5)
5.5
6
0.70
0.35
22
E
T86E226(1)025(2)(3)(4)(5)
5.5
6
0.70
0.35
33
E
T86E336(1)025(2)(3)(4)(5)
8.3
6
0.60
0.30
35 VDC AT + 85 °C, 23 VDC AT + 125 °C
1.5
C
T86C155(1)035(2)(3)(4)(5)
0.5
6
3.80
2.60
2.2
C
T86C225(1)035(2)(3)(4)S
0.8
6
2.90
N/A
3.3
C
T86C335(1)035(2)(3)(4)S
1.2
6
2.00
N/A
4.7
C
T86C475(1)035(2)(3)(4)S
1.6
6
1.80
N/A
4.7
D
T86D475(1)035(2)(3)(4)(5)
1.6
6
1.20
0.60
6.8
D
T86D685(1)035(2)(3)(4)(5)
2.4
6
1.00
0.50
10
D
T86D106(1)035(2)(3)(4)(5)
3.5
6
0.80
0.50
10
E
T86E106(1)035(2)(3)(4)(5)
3.5
6
0.80
0.50
15
D
T86D156(1)035(2)(3)(4)(5)
5.3
6
0.70
0.50
15
E
T86E156(1)035(2)(3)(4)(5)
5.3
6
0.70
0.50
22
E
T86E226(1)035(2)(3)(4)S
7.7
6
0.60
N/A
50 VDC AT + 85 °C, 33 VDC AT + 125 °C
0.47
C
T86C474(1)050(2)(3)(4)S
0.5
4
6.70
N/A
0.68
C
T86C684(1)050(2)(3)(4)S
0.5
4
5.90
N/A
1.0
C
T86C105(1)050(2)(3)(4)(5)
0.5
4
4.40
2.70
1.5
C
T86C155(1)050(2)(3)(4)(5)
0.8
6
5.00
3.20
2.2
C
T86C225(1)050(2)(3)(4)S
1.1
6
2.80
N/A
2.2
D
T86D225(1)050(2)(3)(4)(5)
1.1
6
2.10
0.90
3.3
C
T86C335(1)050(2)(3)(4)(5)
1.7
6
2.40
1.60
3.3
D
T86D335(1)050(2)(3)(4)S
1.7
6
2.00
N/A
4.7
D
T86D475(1)050(2)(3)(4)S
2.4
6
1.10
N/A
6.8
D
T86D685(1)050(2)(3)(4)S
3.4
6
0.90
N/A
6.8
E
T86E685(1)050(2)(3)(4)S
3.4
6
0.90
N/A
RATINGS AND PART NUMBER REFERENCE
CAPACITANCE
(μF)
CASE CODE
PART NUMBER
MAX. DC
LEAKAGE
at + 25 °C
(μA)
MAX. DF
at + 25 °C
120 Hz
(%)
STANDARD (S)
MAX. ESR
at + 25 °C
100 kHz
(
)
LOW (L)
MAX. ESR
at + 25 °C
100 kHz
(
)


Similar Part No. - T86D107K010CAAS

ManufacturerPart #DatasheetDescription
logo
Taiwan Memory Technolog...
T8601 TMT-T8601 Datasheet
189Kb / 2P
   The T8601 is a low cost, simple, high-efficiency off-line LED driver IC.
logo
Integrated Technology F...
T86051B ITF-T86051B Datasheet
159Kb / 2P
   860.0 MHz SAW Filter
logo
List of Unclassifed Man...
T860N ETC-T860N Datasheet
1Mb / 3P
   PHASE CONTROL THYRISTORS
logo
Infineon Technologies A...
T860N INFINEON-T860N Datasheet
298Kb / 10P
   Netz-Thyristor Phase Control Thyristor
2009-03-17 revision:2.0
logo
Taiwan Memory Technolog...
T8611 TMT-T8611 Datasheet
189Kb / 2P
   The T8611 is a simple, high voltage, linear current regulator.
More results

Similar Description - T86D107K010CAAS

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
T96 VISHAY-T96_17 Datasheet
283Kb / 18P
   Solid Tantalum Chip Capacitors TANTAMOUNT™, Hi-Rel COTS, Low ESR, Built-in-Fuse, Conformal Coated Case
Revision: 22-Jun-17
TR3 VISHAY-TR3 Datasheet
149Kb / 12P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT짰 Molded Case, Low ESR
Revision: 22-Apr-08
T98 VISHAY-T98_17 Datasheet
284Kb / 18P
   Solid Tantalum Chip Capacitors TANTAMOUNT™, Hi-Rel COTS, Ultra-Low ESR, Built-in-Fuse, Conformal Coated Case
Revision: 22-Jun-17
T96 VISHAY-T96 Datasheet
93Kb / 4P
   TANTAMOUNT® Low ESR, Hi-Rel COTS, Built-In Fuse Conformal Coated
Revision: 25-Jun-08
T98 VISHAY-T98 Datasheet
86Kb / 4P
   TANTAMOUNT® Low ESR, Hi-Rel COTS, Built-In Fuse Conformal Coated
Revision: 25-Jun-08
TMCTX VISHAY-TMCTX Datasheet
247Kb / 13P
   Solid Tantalum Surface-Mount Chip Capacitors, Molded Case, Built-In Fuse
Revision: 26-Oct-17
T97 VISHAY-T97_1 Datasheet
86Kb / 5P
   Solid Tantalum Chip Capacitors TANTAMOUNT Hi-Rel COTS, Ultra-Low ESR, Conformal Coated Case
Revision: 21-Jun-10
TF3 VISHAY-TF3 Datasheet
631Kb / 23P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT?? Molded Case, Built-In-Fuse
Revision: 13-Sep-16
TH3 VISHAY-TH3 Datasheet
127Kb / 7P
   Solid Tantalum Surface Mount Capacitors Tantamount짰 Molded Case, High Temperature
Revision: 14-Oct-08
T97R106K075LSA VISHAY-T97R106K075LSA Datasheet
103Kb / 7P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Hi-Rel COTS, Ultra-Low ESR, Conformal Coated Case
Revision: 25-Jun-13
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com