Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC75874 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # LC75874
Description  1/4-Duty General-Purpose LCD Display Driver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC75874 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  LC75874 Datasheet HTML 1Page - Sanyo Semicon Device LC75874 Datasheet HTML 2Page - Sanyo Semicon Device LC75874 Datasheet HTML 3Page - Sanyo Semicon Device LC75874 Datasheet HTML 4Page - Sanyo Semicon Device LC75874 Datasheet HTML 5Page - Sanyo Semicon Device LC75874 Datasheet HTML 6Page - Sanyo Semicon Device LC75874 Datasheet HTML 7Page - Sanyo Semicon Device LC75874 Datasheet HTML 8Page - Sanyo Semicon Device LC75874 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Note: *1 Excluding the bias voltage generation divider resistors built in the VLCD1 and VLCD2. (See Figure 1.)
No. 4465No. 5800-3/16
LC75874E, 75874W
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Hysteresis
VH
CE, CL, DI, INH
0.1 VDD
V
Input high-level current
IIH
CE, CL, DI, INH: VI = 6.0 V
5.0
µA
Input low-level current
IIL
CE, CL, DI, INH: VI = 0 V
–5.0
µA
VOH1
S1 to S66: IO = –20 µA
VLCD – 0.9
Output high-level voltage
VOH2
COM1 to COM4: IO = –100 µA
VLCD – 0.9
V
VOH3
P1 to P8: IO = –1 mA
VLCD – 0.9
VOL1
S1 to S66: IO = 20 µA
0.9
Output low-level voltage
VOL2
COM1 to COM4: IO = 100 µA
0.9
V
VOL3
P1 to P8: IO = 1 mA
0.9
V
MID1
COM1 to COM4: 1/2 bias, I
O = ±100 µA
1/2 VLCD
1/2 VLCD +
0.9
0.9
V
MID2
S1 to S66: 1/3 bias, I
O = ±20 µA
2/3 VLCD
2/3 VLCD +
0.9
0.9
Output middle-level voltage*1
V
MID3
S1 to S66: 1/3 bias, I
O = ±20 µA
1/3 VLCD
1/3 VLCD +
V
0.9
0.9
V
MID4
COM1 to COM4: 1/3 bias, I
O = ±100 µA
2/3 VLCD
2/3 VLCD +
0.9
0.9
V
MID5
COM1 to COM4: 1/3 bias, I
O = ±100 µA
1/3 VLCD
1/3 VLCD +
0.9
0.9
Oscillator frequency
fOSC
OSC: ROSC = 43 kΩ, COSC = 680 pF
40
50
60
kHz
IDD1
VDD: Power-saving mode
5
IDD2
VDD: VDD = 6.0 V, outputs open, fOSC = 50 kHz
230
460
Current drain
ILCD1
VLCD: Power-saving mode
5
µA
ILCD2
VLCD: VLCD = 6.0 V, outputs open, 1/2 bias, fOSC = 50 kHz
200
400
ILCD3
VLCD: VLCD = 6.0 V, outputs open, 1/3 bias, fOSC = 50 kHz
120
240
Electrical Characteristics for the Allowable Operating Ranges
Figure 1
VLCD
VLCD1
VLCD2


Similar Part No. - LC75874

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC75873NE SANYO-LC75873NE Datasheet
279Kb / 15P
   1/3 Duty General-Purpose LCD Display Driver????
LC75873NW SANYO-LC75873NW Datasheet
279Kb / 15P
   1/3 Duty General-Purpose LCD Display Driver????
LC75878E SANYO-LC75878E Datasheet
669Kb / 33P
   1/8 to 1/10 Duty General-Purpose LCD Display Drivers
LC75878W SANYO-LC75878W Datasheet
669Kb / 33P
   1/8 to 1/10 Duty General-Purpose LCD Display Drivers
LC75878W SANYO-LC75878W Datasheet
263Kb / 35P
   General-Purpose LCD Display Driver
More results

Similar Description - LC75874

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC75824E SANYO-LC75824E Datasheet
336Kb / 16P
   1/4 Duty General-Purpose LCD Display Driver???
logo
ON Semiconductor
LC75836W ONSEMI-LC75836W Datasheet
149Kb / 18P
   1/4-Duty General-Purpose LCD Display Driver
July, 2013
logo
Sanyo Semicon Device
LC75844M SANYO-LC75844M_08 Datasheet
207Kb / 15P
   1/4-Duty General-Purpose LCD Display Driver
logo
ON Semiconductor
EN6235 ONSEMI-EN6235 Datasheet
180Kb / 15P
   1/4-Duty General-Purpose LCD Display Driver
July, 2013
logo
Sanyo Semicon Device
LC75836W SANYO-LC75836W Datasheet
145Kb / 18P
   1/4-Duty General-Purpose LCD Display Driver
LC75879PT SANYO-LC75879PT Datasheet
274Kb / 35P
   1/4, 1/3-Duty General-Purpose LCD Display Driver
LC75897PW SANYO-LC75897PW Datasheet
318Kb / 34P
   1/3, 1/4-Duty General-Purpose LCD Display Driver
logo
Princeton Technology Co...
PT16517 PTC-PT16517 Datasheet
563Kb / 5P
   1/4, 1/3-Duty General-Purpose LCD Display Driver
logo
Sanyo Semicon Device
LC75829PE SANYO-LC75829PE Datasheet
172Kb / 22P
   1/4 and 1/3-Duty General-Purpose LCD Display Driver
LC75839PW SANYO-LC75839PW Datasheet
229Kb / 27P
   1/4 and 1/3-Duty General-Purpose LCD Display Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com