Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY14B256LA-SZ25XI Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY14B256LA-SZ25XI
Description  256-Kbit (32 K 횞 8) nvSRAM
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY14B256LA-SZ25XI Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY14B256LA-SZ25XI Datasheet HTML 1Page - Cypress Semiconductor CY14B256LA-SZ25XI Datasheet HTML 2Page - Cypress Semiconductor CY14B256LA-SZ25XI Datasheet HTML 3Page - Cypress Semiconductor CY14B256LA-SZ25XI Datasheet HTML 4Page - Cypress Semiconductor CY14B256LA-SZ25XI Datasheet HTML 5Page - Cypress Semiconductor CY14B256LA-SZ25XI Datasheet HTML 6Page - Cypress Semiconductor CY14B256LA-SZ25XI Datasheet HTML 7Page - Cypress Semiconductor CY14B256LA-SZ25XI Datasheet HTML 8Page - Cypress Semiconductor CY14B256LA-SZ25XI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
CY14B256LA
Document Number: 001-54707 Rev. *F
Page 3 of 22
Pinouts
Figure 1. Pin Diagram - 44-Pin TSOP II/48 Pin SSOP
Figure 2. Pin Diagram - 32-Pin SOIC
NC
A8
NC
NC
VSS
DQ6
DQ5
DQ4
VCC
A13
DQ3
A12
DQ2
DQ1
DQ0
OE
A9
CE
NC
A0
A1
A2
A3
A4
A5
A6
A11
A7
A14
NC
NC
NC
NC
NC
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
44 - TSOP II
Top View
(not to scale)
A10
NC
WE
DQ7
HSB
NC
VSS
VCC
VCAP
NC
[4]
[5]
[2]
[3]
[1]
[1]
NC
A8
NC
NC
VSS
DQ6
DQ5
DQ4
VCC
A13
DQ3
A12
DQ2
DQ1
DQ0
OE
A9
CE
NC
A0
A1
A2
A3
A4
A5
A6
A11
A7
A14
NC
NC
NC
NC
NC
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
A10
NC
WE
DQ7
HSB
NC
VSS
VCC
VCAP
NC
45
46
47
48
NC
NC
NC
NC
(not to scale)
Top View
48 - SSOP
(x8)
(x8)
DQ6
DQ5
DQ1
DQ0
A2
NC
OE
A12
A7
A6
A5
A4
A14
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
32 - SOIC
Top View
(not to scale)
NC
VCC
VCAP
(x8)
A3
A1
A0
DQ2
VSS
HSB
WE
A13
A8
A9
A11
A10
CE
DQ7
DQ4
DQ3
Notes
1. Address expansion for 1 Mbit. NC pin not connected to die.
2. Address expansion for 2 Mbit. NC pin not connected to die.
3. Address expansion for 4 Mbit. NC pin not connected to die.
4. Address expansion for 8 Mbit. NC pin not connected to die.
5. Address expansion for 16 Mbit. NC pin not connected to die.
[+] Feedback


Similar Part No. - CY14B256LA-SZ25XI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14B256LA-SZ25XI CYPRESS-CY14B256LA-SZ25XI Datasheet
648Kb / 21P
   256 Kbit (32K x 8) nvSRAM
CY14B256LA-SZ25XI CYPRESS-CY14B256LA-SZ25XI Datasheet
863Kb / 22P
   256-Kbit (32 K 횞 8) nvSRAM
CY14B256LA-SZ25XIT CYPRESS-CY14B256LA-SZ25XIT Datasheet
648Kb / 21P
   256 Kbit (32K x 8) nvSRAM
CY14B256LA-SZ25XIT CYPRESS-CY14B256LA-SZ25XIT Datasheet
863Kb / 22P
   256-Kbit (32 K 횞 8) nvSRAM
More results

Similar Description - CY14B256LA-SZ25XI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14U256LA CYPRESS-CY14U256LA Datasheet
499Kb / 22P
   256-Kbit (32 K 횞 8) nvSRAM
CY14B256LA CYPRESS-CY14B256LA_12 Datasheet
863Kb / 22P
   256-Kbit (32 K 횞 8) nvSRAM
CY14E256LA CYPRESS-CY14E256LA_12 Datasheet
834Kb / 19P
   256-Kbit (32 K 횞 8) nvSRAM
CY14C256Q CYPRESS-CY14C256Q_12 Datasheet
1Mb / 32P
   256-Kbit (32 K 횞 8) SPI nvSRAM
CY14B256Q1 CYPRESS-CY14B256Q1 Datasheet
1Mb / 26P
   256-Kbit (32 K 횞 8) Serial (SPI) nvSRAM
CY14MC256J CYPRESS-CY14MC256J_12 Datasheet
1Mb / 30P
   256-Kbit (32 K 횞 8) Serial (I2C) nvSRAM
CY14V256LA CYPRESS-CY14V256LA_13 Datasheet
497Kb / 22P
   256-Kbit (32 K x 8) nvSRAM
CY14B256KA CYPRESS-CY14B256KA_12 Datasheet
934Kb / 27P
   256-Kbit (32 K 횞 8) nvSRAM with Real Time Clock
CY14B256KA CYPRESS-CY14B256KA_11 Datasheet
913Kb / 27P
   256-Kbit (32 K 횞 8) nvSRAM with Real Time Clock
CY14V256LA CYPRESS-CY14V256LA Datasheet
491Kb / 22P
   256-Kbit (32K 횞 8) nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com