Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY14B104NA-ZS45XIT Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CY14B104NA-ZS45XIT
Description  4-Mbit (512 K 횞 8/256 K 횞 16) nvSRAM
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY14B104NA-ZS45XIT Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button CY14B104NA-ZS45XIT Datasheet HTML 3Page - Cypress Semiconductor CY14B104NA-ZS45XIT Datasheet HTML 4Page - Cypress Semiconductor CY14B104NA-ZS45XIT Datasheet HTML 5Page - Cypress Semiconductor CY14B104NA-ZS45XIT Datasheet HTML 6Page - Cypress Semiconductor CY14B104NA-ZS45XIT Datasheet HTML 7Page - Cypress Semiconductor CY14B104NA-ZS45XIT Datasheet HTML 8Page - Cypress Semiconductor CY14B104NA-ZS45XIT Datasheet HTML 9Page - Cypress Semiconductor CY14B104NA-ZS45XIT Datasheet HTML 10Page - Cypress Semiconductor CY14B104NA-ZS45XIT Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
CY14B104LA, CY14B104NA
Document #: 001-49918 Rev. *H
Page 7 of 24
Preventing AutoStore
The AutoStore function is disabled by initiating an AutoStore
disable sequence. A sequence of read operations is performed
in a manner similar to the software STORE initiation. To initiate
the AutoStore disable sequence, the following sequence of CE
or OE controlled read operations must be performed:
1. Read address 0x4E38 Valid READ
2. Read address 0xB1C7 Valid READ
3. Read address 0x83E0 Valid READ
4. Read address 0x7C1F Valid READ
5. Read address 0x703F Valid READ
6. Read address 0x8B45 AutoStore Disable
The AutoStore is re-enabled by initiating an AutoStore enable
sequence. A sequence of read operations is performed in a
manner similar to the software RECALL initiation. To initiate the
AutoStore enable sequence, the following sequence of CE or OE
controlled read operations must be performed:
1. Read address 0x4E38 Valid READ
2. Read address 0xB1C7 Valid READ
3. Read address 0x83E0 Valid READ
4. Read address 0x7C1F Valid READ
5. Read address 0x703F Valid READ
6. Read address 0x4B46 AutoStore Enable
If the AutoStore function is disabled or re-enabled, a manual
STORE operation (hardware or software) must be issued to save
the AutoStore state through subsequent power-down cycles.
The part comes from the factory with AutoStore enabled.
Data Protection
The CY14B104LA/CY14B104NA protects data from corruption
during low voltage conditions by inhibiting all externally initiated
STORE and write operations. The low voltage condition is
detected
when
VCC
<
VSWITCH.
If
the
CY14B104LA/CY14B104NA is in a write mode (both CE and WE
are LOW) at power-up, after a RECALL or STORE, the write is
inhibited until the SRAM is enabled after tLZHSB (HSB to output
active). This protects against inadvertent writes during power-up
or brown out conditions.
Noise Considerations
Refer to CY application note AN1064.
L
H
L
X
0x4E38
0xB1C7
0x83E0
0x7C1F
0x703F
0x4B46
Read SRAM
Read SRAM
Read SRAM
Read SRAM
Read SRAM
AutoStore
Enable
Output data
Output data
Output data
Output data
Output data
Output data
Active[11]
L
H
L
X
0x4E38
0xB1C7
0x83E0
0x7C1F
0x703F
0x8FC0
Read SRAM
Read SRAM
Read SRAM
Read SRAM
Read SRAM
Nonvolatile
STORE
Output data
Output data
Output data
Output data
Output data
Output high-Z
Active ICC2[11]
L
H
L
X
0x4E38
0xB1C7
0x83E0
0x7C1F
0x703F
0x4C63
Read SRAM
Read SRAM
Read SRAM
Read SRAM
Read SRAM
Nonvolatile
RECALL
Output data
Output data
Output data
Output data
Output data
Output high-Z
Active[11]
Table 2. Mode Selection (continued)
CE
WE
OE
BHE, BLE[9]
A15 - A0[10]
Mode
I/O
Power
[+] Feedback
[+] Feedback


Similar Part No. - CY14B104NA-ZS45XIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14B104NA-ZS45XIT CYPRESS-CY14B104NA-ZS45XIT Datasheet
863Kb / 23P
   4 Mbit (512K x 8/256K x 16) nvSRAM
CY14B104NA-ZS45XIT CYPRESS-CY14B104NA-ZS45XIT Datasheet
961Kb / 25P
   4-Mbit (512 K x 8/256 K x 16) nvSRAM 20 ns, 25 ns, and 45 ns access times
CY14B104NA-ZS45XIT CYPRESS-CY14B104NA-ZS45XIT Datasheet
977Kb / 26P
   4-Mbit (512 K 횞 8/256 K 횞 16) nvSRAM
CY14B104NA-ZS45XIT CYPRESS-CY14B104NA-ZS45XIT Datasheet
988Kb / 26P
   4-Mbit (512 K x 8/256 K x 16) nvSRAM
More results

Similar Description - CY14B104NA-ZS45XIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14B104LA CYPRESS-CY14B104LA_12 Datasheet
977Kb / 26P
   4-Mbit (512 K 횞 8/256 K 횞 16) nvSRAM
CY14B108L CYPRESS-CY14B108L_11 Datasheet
889Kb / 24P
   8-Mbit (1024 K 횞 8/512 K 횞 16) nvSRAM
CY14B104K CYPRESS-CY14B104K_12 Datasheet
1Mb / 34P
   4-Mbit (512 K 횞 8/256 K 횞 16) nvSRAM with Real Time Clock
CG7501AA CYPRESS-CG7501AA Datasheet
498Kb / 20P
   4-Mbit (512 K 횞 8) nvSRAM
CY14B104K CYPRESS-CY14B104K Datasheet
1Mb / 33P
   4-Mbit (512 K 횞 8/256 K 횞 16) nvSRAM with Real Time Clock
CY14B108K CYPRESS-CY14B108K_12 Datasheet
1Mb / 34P
   8-Mbit (1024 K 횞 8/512 K 횞 16) nvSRAM with Real Time Clock
CY14B101LA CYPRESS-CY14B101LA_12 Datasheet
725Kb / 29P
   1-Mbit (128 K 횞 8/64 K 횞 16) nvSRAM
CY14B101LA CYPRESS-CY14B101LA_11 Datasheet
1,013Kb / 26P
   1-Mbit (128 K 횞 8/64 K 횞 16) nvSRAM
CY14B104NA-ZS25XI CYPRESS-CY14B104NA-ZS25XI Datasheet
988Kb / 26P
   4-Mbit (512 K x 8/256 K x 16) nvSRAM
CY14V116N CYPRESS-CY14V116N Datasheet
1Mb / 25P
   16-Mbit (1024 K 횞 16) nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com