Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC75878E Datasheet(PDF) 7 Page - Sanyo Semicon Device

Part # LC75878E
Description  1/8 to 1/10 Duty General-Purpose LCD Display Drivers
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC75878E Datasheet(HTML) 7 Page - Sanyo Semicon Device

Back Button LC75878E Datasheet HTML 3Page - Sanyo Semicon Device LC75878E Datasheet HTML 4Page - Sanyo Semicon Device LC75878E Datasheet HTML 5Page - Sanyo Semicon Device LC75878E Datasheet HTML 6Page - Sanyo Semicon Device LC75878E Datasheet HTML 7Page - Sanyo Semicon Device LC75878E Datasheet HTML 8Page - Sanyo Semicon Device LC75878E Datasheet HTML 9Page - Sanyo Semicon Device LC75878E Datasheet HTML 10Page - Sanyo Semicon Device LC75878E Datasheet HTML 11Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 33 page
background image
No. 6473 -7/39
LC75878E, 75878W
Pin
Pin No.
Function
Active
I/O
Handling
LC75878E
LC75878W
when unused
S1 to S73
3 to 75
1 to 73
Segment driver outputs.
S74/COM10
76
74
The S74/COM10 and S75/COM9 pins can be used as common
q
q
Open
S75/COM9
77
75
driver outputs under the control data.
COM1 to COM8
85 to 78
83 to 76
Common driver outputs.
q
q
Open
P1 to P4
86 to 89
84 to 87
General-purpose output ports.
q
q
Open
OSC
98
96
I/O
VDD
CE
100
98
HI
CL
1
99
I
GND
DI
2
100
—I
INH
99
97
L
I
GND
VLCD092
90
O
Open
VLCD193
91
I
Open
VLCD294
92
I
Open
VLCD395
93
I
Open
VLCD496
94
I
GND
VDD
90
88
——
VLCD
91
89
——
VSS
97
95
Power supply connection. Connect to ground.
Pin Functions
Oscillator connection.
An oscillator circuit is formed by connecting an external resistor and
capacitor at this pin.
Serial data transfer inputs.
These pins are connected to the microcontroller.
CE :Chip enable
CL :Synchronization clock
DI :Transfer data
v
Input that turns the display off and forces the general-purpose output
ports low.
• When INH is low (VSS)
• Display off
S1 to S73 = “L” (VLCD4).
S74/COM10, S75/COM9 = “L” (VLCD4)
COM1 to COM8 = “L” (VLCD4).
• General-purpose output ports P1 to P4 = low (VSS)
• When INH is high (VDD)
• Display on
• The states of the general-purpose output ports can be set by
the PC1 to PC4 control data.
However, serial data can be transferred when the INH pin is low.
LCD drive 3/4 bias voltage (middle level) supply pin. This pin can be
used to supply the 3/4 (VLCD0 – VLCD4) voltage level externally.
LCD drive 2/4 bias voltage (middle level) supply pin. This pin can be
used to supply the 2/4 (VLCD0 – VLCD4) voltage level externally.
LCD drive 1/4 bias voltage (middle level) supply pin. This pin can be
used to supply the 1/4 (VLCD0 – VLCD4) voltage level externally.
LCD drive 0/4 bias voltage (low level) supply pin. Fine adjustment of the
display contrast can be implemented by connecting an external variable
resistor to this pin.
However, (VLCD0 – VLCD4) must be greater than or equal to 4.5 V, and
VLCD4 must be in the range 0 V to 1.5 V, inclusive.
Logic block power supply connection. Provide a voltage of between 2.7
and 6.0V.
LCD driver block power supply connection. Provide a voltage of between
7.0 and 11.0 V when the display contrast adjustment circuit is used and
provide a voltage of between 4.5 and 11.0 V when the circuit is not used.
LCD drive 4/4 bias voltage (high level) supply pin. The level on this pin
can be changed by the display contrast adjustment circuit.
However, (VLCD0 – VLCD4) must be greater than or equal to 4.5 V.
Also,external power must not be applied to this pin since the pin circuit
includes the display contrast adjustment circuit.


Similar Part No. - LC75878E

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC75878W SANYO-LC75878W Datasheet
263Kb / 35P
   General-Purpose LCD Display Driver
logo
ON Semiconductor
LC75878W ONSEMI-LC75878W Datasheet
355Kb / 35P
   General-Purpose LCD Display Driver
July, 2013
LC75878W ONSEMI-LC75878W Datasheet
370Kb / 36P
   Duty General-Purpose LCD Driver
July 2017 - Rev. 1
LC75878W-E ONSEMI-LC75878W-E Datasheet
370Kb / 36P
   Duty General-Purpose LCD Driver
July 2017 - Rev. 1
LC75878WS-E ONSEMI-LC75878WS-E Datasheet
370Kb / 36P
   Duty General-Purpose LCD Driver
July 2017 - Rev. 1
More results

Similar Description - LC75878E

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC75838E SANYO-LC75838E Datasheet
341Kb / 32P
   1/8 to 1/10 Duty General-Purpose LCD Display Drivers
LC75833E SANYO-LC75833E Datasheet
137Kb / 19P
   1/3 Duty General-Purpose LCD Display Drivers
LC75833E-E SANYO-LC75833E-E Datasheet
142Kb / 19P
   1/3 Duty General-Purpose LCD Display Drivers
LC75810E SANYO-LC75810E Datasheet
981Kb / 54P
   1/8 to 1/10 Duty Dot Matrix LCD Display Controllers/Drivers
logo
ON Semiconductor
LC75810T-8725-E ONSEMI-LC75810T-8725-E Datasheet
1Mb / 54P
   1/8 to 1/10 Duty Dot Matrix LCD Display Controllers/Drivers
July, 2013
LC75818PT ONSEMI-LC75818PT Datasheet
452Kb / 43P
   1/8 to 1/10 Duty Dot Matrix LCD Display Controllers/Drivers
July, 2013
logo
Sanyo Semicon Device
LC75808E SANYO-LC75808E Datasheet
981Kb / 39P
   1/8 to 1/10 Duty LCD Display Drivers with Key Input Function
LC75834E SANYO-LC75834E Datasheet
344Kb / 18P
   1/4 Duty General-Purpose LCD Drivers
LC75850E SANYO-LC75850E Datasheet
199Kb / 11P
   1/3 Duty General Purpose LCD Drivers???
LC75823E SANYO-LC75823E Datasheet
229Kb / 12P
   1/3 Duty General-Purpose LCD Drivers?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com