Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY8C27643 Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CY8C27643
Description  PSoC짰 Programmable System-on-Chip?
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C27643 Datasheet(HTML) 5 Page - Cypress Semiconductor

  CY8C27643 Datasheet HTML 1Page - Cypress Semiconductor CY8C27643 Datasheet HTML 2Page - Cypress Semiconductor CY8C27643 Datasheet HTML 3Page - Cypress Semiconductor CY8C27643 Datasheet HTML 4Page - Cypress Semiconductor CY8C27643 Datasheet HTML 5Page - Cypress Semiconductor CY8C27643 Datasheet HTML 6Page - Cypress Semiconductor CY8C27643 Datasheet HTML 7Page - Cypress Semiconductor CY8C27643 Datasheet HTML 8Page - Cypress Semiconductor CY8C27643 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 63 page
background image
CY8C27143, CY8C27243
CY8C27443, CY8C27543
CY8C27643
Document Number: 38-12012 Rev. *T
Page 5 of 63
Additional System Resources
System resources, some of which have been previously listed,
provide additional capability useful to complete systems.
Additional resources include a multiplier, decimator, switch mode
pump, low voltage detection, and power on reset.
Digital clock dividers provide three customizable clock
frequencies for use in applications. The clocks can be routed
to both the digital and analog systems. Additional clocks can
be generated using digital PSoC blocks as clock dividers.
Multiply accumulate (MAC) provides fast 8-bit multiplier with
32-bit accumulate, to assist in general math and digital filters.
The decimator provides a custom hardware filter for digital
signal processing applications including the creation of Delta
Sigma ADCs.
The I2C module provides 100 and 400 kHz communication over
two wires. Slave, master, and multi-master modes are all
supported.
LVD interrupts can signal the application of falling voltage
levels, while the advanced power-on reset (POR) circuit
eliminates the need for a system supervisor.
An internal 1.3-V reference provides an absolute reference for
the analog system, including ADCs and DACs.
An integrated switch mode pump (SMP) generates normal
operating voltages from a single 1.2-V battery cell, providing a
low cost boost converter.
PSoC Device Characteristics
Depending on your PSoC device characteristics, the digital and analog systems can have 16, 8, or 4 digital blocks and 12, 6, or 4
analog blocks. The following table lists the resources available for specific PSoC device groups.The PSoC device covered by this
datasheet is highlighted in Table 1.
Table 1. PSoC Device Characteristics
PSoC Part
Number
Digital
I/O
Digital
Rows
Digital
Blocks
Analog
Inputs
Analog
Outputs
Analog
Columns
Analog
Blocks
SRAM
Size
Flash
Size
CY8C29x66
up to 64
4
16
up to 12
4
4
12
2 K
32 K
CY8C28xxx
up to 44
up to 3
up to 12
up to 44
up to 4
up to 6
up to
12 + 4[1]
1 K
16 K
CY8C27x43
up to 44
2
8
up to 12
4
4
12
256
16 K
CY8C24x94
up to 56
1
4
up to 48
2
2
6
1 K
16 K
CY8C24x23A
up to 24
1
4
up to 12
2
2
6
256
4 K
CY8C23x33
up to 26
1
4
up to 12
2
2
4
256
8 K
CY8C22x45
up to 38
2
8
up to 38
0
4
6[1]
1 K
16 K
CY8C21x45
up to 24
1
4
up to 24
0
4
6[1]
512
8 K
CY8C21x34
up to 28
1
4
up to 28
0
2
4[1]
512
8 K
CY8C21x23
up to 16
1
4
up to 8
0
2
4[1]
256
4 K
CY8C20x34
up to 28
0
0
up to 28
0
0
3[1, 2]
512
8 K
CY8C20xx6
up to 36
0
0
up to 36
0
0
3[1, 2]
up to 2 K
up to 32 K
Notes
1. Limited analog functionality.
2. Two analog blocks and one CapSense®.
[+] Feedback


Similar Part No. - CY8C27643

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C27643 CYPRESS-CY8C27643 Datasheet
542Kb / 44P
   PSoC Mixed Signal Array
CY8C27643 CYPRESS-CY8C27643 Datasheet
809Kb / 51P
   PSoC짰 Mixed-Signal Array
CY8C27643 CYPRESS-CY8C27643 Datasheet
510Kb / 34P
   PSoC짰 Mixed-Signal Array
CY8C27643 CYPRESS-CY8C27643 Datasheet
1Mb / 53P
   PSoC Programmable System-on-Chip
CY8C27643 CYPRESS-CY8C27643 Datasheet
1Mb / 64P
   PSoC짰 Programmable System-on-Chip?
More results

Similar Description - CY8C27643

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C24633 CYPRESS-CY8C24633_10 Datasheet
1Mb / 51P
   PSoC짰 Programmable System-on-Chip
CY8C21234 CYPRESS-CY8C21234_12 Datasheet
1Mb / 50P
   PSoC짰 Programmable System-on-Chip?
CY8C28243 CYPRESS-CY8C28243_13 Datasheet
2Mb / 80P
   PSoC짰 Programmable System-on-Chip?
CY8C3244LTI-123T CYPRESS-CY8C3244LTI-123T Datasheet
11Mb / 128P
   Programmable System-on-Chip (PSoC짰)
CY8C5888LTQ-LP097 CYPRESS-CY8C5888LTQ-LP097 Datasheet
738Kb / 52P
   PSoC짰 Programmable System-on-Chip
PSOC4200DS CYPRESS-PSOC4200DS Datasheet
633Kb / 28P
   Programmable System-on-Chip (PSoC짰)
CY8C3245LTI-163T CYPRESS-CY8C3245LTI-163T Datasheet
11Mb / 128P
   Programmable System-on-Chip (PSoC짰)
CY8C3246LTI-149 CYPRESS-CY8C3246LTI-149 Datasheet
11Mb / 128P
   Programmable System-on-Chip (PSoC짰)
CY8C24633-24PVXIT CYPRESS-CY8C24633-24PVXIT Datasheet
738Kb / 52P
   PSoC짰 Programmable System-on-Chip
CY8C24994 CYPRESS-CY8C24994 Datasheet
1Mb / 46P
   PSoC짰 Programmable System-on-Chip?
PSOC4200D CYPRESS-PSOC4200D Datasheet
620Kb / 28P
   Programmable System-on-Chip (PSoC짰)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com