Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP6012 Datasheet(PDF) 4 Page - SYNC POWER Crop.

Part # SP6012
Description  Synchronous Rectifier Driver
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNC-POWER [SYNC POWER Crop.]
Direct Link  http://www.syncpower.com
Logo SYNC-POWER - SYNC POWER Crop.

SP6012 Datasheet(HTML) 4 Page - SYNC POWER Crop.

  SP6012 Datasheet HTML 1Page - SYNC POWER Crop. SP6012 Datasheet HTML 2Page - SYNC POWER Crop. SP6012 Datasheet HTML 3Page - SYNC POWER Crop. SP6012 Datasheet HTML 4Page - SYNC POWER Crop. SP6012 Datasheet HTML 5Page - SYNC POWER Crop. SP6012 Datasheet HTML 6Page - SYNC POWER Crop. SP6012 Datasheet HTML 7Page - SYNC POWER Crop.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
2010/01/ 05
Ver.2
Page 4
SP6012
Synchronous Rectifier Driver
ABSOULTE MAXIMUM RATINGS (TA=25 , unless otherwise specified.)
The following ratings designate persistent limits beyond which damage to the device may occur
.
Symbol
Parameter
Value
Unit
Vdd
DC Supply Voltage
17
V
SYNC
SYNC Voltage
7
V
IOUT
Peak Source Current (Pulsed)
3
A
Peak Sink Current (Pulsed)
3
A
PD
Power Dissipation @ TA=85
(*)
0.25
W
TJ
Operating Junction Temperature Range
-40 to125
TSTG
Storage Temperature Range
-40 to 150
TLEAD
Lead Soldering Temperature for 5 sec.
260
THERMAL RESISTANCE
Symbol
Parameter
Value
Unit
RӨJC
Thermal Resistance Junction – Case (*)
45
/W
(*) The power dissipation and thermal resistance are evaluated under copper board mounted with free air conditions.
ELECTRICAL CHARACTERISTICS
(TA=25 , V
dd=12V, Freq. =300 KHz, Duty Cycle=50%, unless otherwise specified.)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
SUPPLY INPUT
No load
10
mA
IDD
Supply current
VSYNC=0V, No load
10
15
mA
Vonth
Vdd turn on threshold
9.5
10
V
Voffth
Vdd turn off threshold
8
8.5
V
SYNC REFERENCE (SYNC)
Vshth
SYNC high threshold
3.9
5.0
V
Vslth
SYNC low threshold
0.9
1.2
V
MOSFET GATE DRIVER (MOSG-C)
Voh
Output high voltage
Io = -200mA
11.5
11.8
V
Vol
Output low voltage
Io = 200mA
0.1
0.2
V
Td
Propagation delay
No load
50
ns
Tpred
No load
120
ns
Tr
Rise time
Load = 1nF (*)
50
100
ns
Tf
Fall time
Load = 1nF (*)
35
60
ns
(*) Tr & Tf are measured among 10% and 90% of starting and final voltage.


Similar Part No. - SP6012

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
SP601 INTERSIL-SP601 Datasheet
671Kb / 7P
   Half Bridge 500VDC Driver
logo
SYNC POWER Crop.
SP6013 SYNC-POWER-SP6013 Datasheet
204Kb / 7P
   Synchronous Rectifier Driver
SP6013A SYNC-POWER-SP6013A Datasheet
237Kb / 7P
   Synchronous Rectifier Driver
SP6013AS8RG SYNC-POWER-SP6013AS8RG Datasheet
237Kb / 7P
   Synchronous Rectifier Driver
SP6013AS8RG SYNC-POWER-SP6013AS8RG Datasheet
161Kb / 7P
   Synchronous Rectifier Driver
More results

Similar Description - SP6012

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR1176 IRF-IR1176 Datasheet
417Kb / 12P
   SYNCHRONOUS RECTIFIER DRIVER
logo
SYNC POWER Crop.
SP6018E SYNC-POWER-SP6018E Datasheet
236Kb / 7P
   Synchronous Rectifier Driver
SP6003A SYNC-POWER-SP6003A_12 Datasheet
125Kb / 7P
   Synchronous Rectifier Driver
SP6016E SYNC-POWER-SP6016E Datasheet
727Kb / 8P
   Synchronous Rectifier Driver
SP6019D SYNC-POWER-SP6019D Datasheet
358Kb / 8P
   Synchronous Rectifier Driver
SP6003A SYNC-POWER-SP6003A Datasheet
196Kb / 7P
   Synchronous Rectifier Driver
SP6013A SYNC-POWER-SP6013A_12 Datasheet
161Kb / 7P
   Synchronous Rectifier Driver
SP6019 SYNC-POWER-SP6019_13 Datasheet
133Kb / 7P
   Synchronous Rectifier Driver
logo
Advanced Power Electron...
APE6019 A-POWER-APE6019 Datasheet
209Kb / 6P
   SYNCHRONOUS RECTIFIER DRIVER
logo
SYNC POWER Crop.
SP6003 SYNC-POWER-SP6003 Datasheet
192Kb / 7P
   Synchronous Rectifier Driver
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com