Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OKL-T1-W12 Datasheet(PDF) 7 Page - Murata Manufacturing Co., Ltd.

Part # OKL-T1-W12
Description  Programmable Output 1-Amp iLGA SMT PoLs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

OKL-T1-W12 Datasheet(HTML) 7 Page - Murata Manufacturing Co., Ltd.

Back Button OKL-T1-W12 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. OKL-T1-W12 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. OKL-T1-W12 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. OKL-T1-W12 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. OKL-T1-W12 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. OKL-T1-W12 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. OKL-T1-W12 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. OKL-T1-W12 Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. OKL-T1-W12 Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
For best performance, we recommend installing a low-ESR capacitor
immediately adjacent to the converter’s input terminals. The capacitor
should be a ceramic type such as the Murata GRM32 series or a polymer
type. Initial suggested capacitor values are 10 to 22 μF, rated at twice the
expected maximum input voltage. Make sure that the input terminals do
not go below the undervoltage shutdown voltage at all times. More input
bulk capacitance may be added in parallel (either electrolytic or tantalum)
if needed.
Recommended Output Filtering
The converter will achieve its rated output ripple and noise with no
additional external capacitor. However, the user may install more exter-
nal output capacitance to reduce the ripple even further or for improved
dynamic response. Again, use low-ESR ceramic (Murata GRM32 series)
or polymer capacitors. Initial values of 10 to 47 μF may be tried, either
single or multiple capacitors in parallel. Mount these close to the converter.
Measure the output ripple under your load conditions.
Use only as much capacitance as required to achieve your ripple and
noise objectives. Excessive capacitance can make step load recovery
sluggish or possibly introduce instability. Do not exceed the maximum rated
output capacitance listed in the specifications.
Input Ripple Current and Output Noise
All models in this converter series are tested and specified for input
reflected ripple current and output noise using designated external input/
output components, circuits and layout as shown in the figures below. The
Cbus and Lbus components simulate a typical DC voltage bus. Please note
that the values of Cin, Lbus and Cbus will vary according to the specific
converter model.
In figure 5, the two copper strips simulate real-world printed circuit
impedances between the power supply and its load. In order to minimize
circuit errors and standardize tests between units, scope measurements
should be made using BNC connectors or the probe ground should not
exceed one half inch and soldered directly to the test circuit.
CIN
VIN
CBUS
LBUS
CIN = 2 x 100μF, ESR < 700mΩ @ 100kHz
CBUS = 1000μF, ESR < 100mΩ @ 100kHz
LBUS = 1μH
+INPUT
-INPUT
CURRENT
PROBE
TO
OSCILLOSCOPE
+
+
Figure 4: Measuring Input Ripple Current
Minimum Output Loading Requirements
All models regulate within specification and are stable under no load to full
load conditions. Operation under no load might however slightly increase
output ripple and noise.
Temperature Derating Curves
The graphs in the next section illustrate typical operation under a variety of
conditions. The Derating curves show the maximum continuous ambient air
temperature and decreasing maximum output current which is accept-
able under increasing forced airflow measured in Linear Feet per Minute
(“LFM”). Note that these are AVERAGE measurements. The converter will
accept brief increases in current or reduced airflow as long as the average
is not exceeded.
Note that the temperatures are of the ambient airflow, not the converter
itself which is obviously running at higher temperature than the outside
air. Also note that very low flow rates (below about 25 LFM) are similar to
“natural convection”, that is, not using fan-forced airflow.
Murata Power Solutions makes Characterization measurements in a
closed cycle wind tunnel with calibrated airflow. We use both thermocou-
ples and an infrared camera system to observe thermal performance.
CAUTION: These graphs are all collected at slightly above Sea Level
altitude. Be sure to reduce the derating for higher density altitude.
C1
C1 = 1μF CERAMIC
C2 = 10μF CERAMIC
LOAD 2-3 INCHES (51-76mm) FROM MODULE
C2
RLOAD
COPPER STRIP
COPPER STRIP
SCOPE
+OUTPUT
-OUTPUT
Figure 5: Measuring Output Ripple and Noise (PARD)
OKL-T/1-W12 Series
Programmable Output 1-Amp iLGA SMT PoLs
www.murata-ps.com
email: sales@murata-ps.com
04 Mar 2011
MDC_OKL-T/1-W12 Series.A02 Page 7 of 16


Similar Part No. - OKL-T1-W12

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
OKL-T1-W12 MURATA-PS-OKL-T1-W12 Datasheet
1Mb / 16P
   Programmable Output 1-Amp iLGA SMT PoLs
OKL-T1-W12N-C MURATA-PS-OKL-T1-W12N-C Datasheet
1Mb / 16P
   Programmable Output 1-Amp iLGA SMT PoLs
OKL-T1-W12P-C MURATA-PS-OKL-T1-W12P-C Datasheet
1Mb / 16P
   Programmable Output 1-Amp iLGA SMT PoLs
More results

Similar Description - OKL-T1-W12

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
OKL-T1-W12 MURATA-PS-OKL-T1-W12 Datasheet
1Mb / 16P
   Programmable Output 1-Amp iLGA SMT PoLs
OKL-T MURATA-PS-OKL-T Datasheet
1Mb / 17P
   Programmable Output 3-Amp iLGA SMT PoLs
OKL-T3-W12 MURATA-PS-OKL-T3-W12 Datasheet
175Kb / 4P
   Programmable Output 3-Amp iLGA SMT PoLs
OKL2-T MURATA-PS-OKL2-T Datasheet
1Mb / 17P
   Programmable Output 3-Amp iLGA SMT PoLs
logo
Murata Manufacturing Co...
OKL-T-3-W5 MURATA-OKL-T-3-W5 Datasheet
1Mb / 15P
   Programmable Output 3-Amp iLGA SMT PoLs
logo
Murata Power Solutions ...
OKL-T3-W12 MURATA-PS-OKL-T3-W12_10 Datasheet
978Kb / 15P
   Programmable Output 3-Amp iLGA SMT PoLs
logo
Murata Manufacturing Co...
OKL-T-6-W5 MURATA-OKL-T-6-W5 Datasheet
985Kb / 15P
   Programmable Output 6-Amp iLGA SMT PoLs
logo
Murata Power Solutions ...
OKL-T6-W5 MURATA-PS-OKL-T6-W5 Datasheet
985Kb / 15P
   Programmable Output 6-Amp iLGA SMT PoLs
OKL-T6-W12 MURATA-PS-OKL-T6-W12 Datasheet
1Mb / 15P
   Programmable Output 6-Amp ILGA SMT PoLs
OKL-T3-W5 MURATA-PS-OKL-T3-W5 Datasheet
1Mb / 15P
   Programmable Output 3-Amp iLGA SMT PoLs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com