Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MTU1S0509MC Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd.

Part # MTU1S0509MC
Description  Isolated 1W Single Output SM DC/DC Converters
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

MTU1S0509MC Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd.

  MTU1S0509MC Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. MTU1S0509MC Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. MTU1S0509MC Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. MTU1S0509MC Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. MTU1S0509MC Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. MTU1S0509MC Datasheet HTML 6Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Technical enquiries email: mk@murata-ps.com, tel: +44 (0)1908 615232
MTU1 Series
Isolated 1W Single Output SM DC/DC Converters
2011-02-01
KDC_MTU.A03 Page 2 of 6
www.murata-ps.com
TECHNICAL NOTES
ISOLATION VOLTAGE
‘Hi Pot Test’, ‘Flash Tested’, ‘Withstand Voltage’, ‘Proof Voltage’, ‘Dielectric Withstand Voltage’ & ‘Isolation Test Voltage’ are all terms that relate to the same thing, a test voltage,
applied for a specified time, across a component designed to provide electrical isolation, to verify the integrity of that isolation.
Murata Power Solutions MTU1 series of DC/DC converters are all 100% production tested at their stated isolation voltage. This is 1kVDC for 1 second.
A question commonly asked is, “What is the continuous voltage that can be applied across the part in normal operation?”
For a part holding no specific agency approvals, such as the MTU1 series, both input and output should normally be maintained within SELV limits i.e. less than 42.4V peak, or
60VDC. The isolation test voltage represents a measure of immunity to transient voltages and the part should never be used as an element of a safety isolation system. The part
could be expected to function correctly with several hundred volts offset applied continuously across the isolation barrier; but then the circuitry on both sides of the barrier must
be regarded as operating at an unsafe voltage and further isolation/insulation systems must form a barrier between these circuits and any user-accessible circuitry according to
safety standard requirements.
REPEATED HIGH-VOLTAGE ISOLATION TESTING
It is well known that repeated high-voltage isolation testing of a barrier component can actually degrade isolation capability, to a lesser or greater degree depending on materials,
construction and environment. The MTU1 series has toroidal isolation transformers, with no additional insulation between primary and secondary windings of enameled wire. While
parts can be expected to withstand several times the stated test voltage, the isolation capability does depend on the wire insulation. Any material, including this enamel (typically
polyurethane) is susceptible to eventual chemical degradation when subject to very high applied voltages thus implying that the number of tests should be strictly limited. We
therefore strongly advise against repeated high voltage isolation testing, but if it is absolutely required, that the voltage be reduced by 20% from specified test voltage.
This consideration equally applies to agency recognized parts rated for better than functional isolation where the wire enamel insulation is always supplemented by a further
insulation system of physical spacing or barriers.
1. Measured on centre of input side PCB.
TEMPERATURE DERATING GRAPH
150
100
50
0
-40
0
0.5
1.0
1.5
Safe Operating Area
85°C
Ambient Temperature (°C)
RoHS COMPLIANCE INFORMATION
This series is compatible with RoHS soldering systems with a peak reflow solder temperature of 245ºC as per J-STD-020D.
The pin termination finish on this product series is Matte Tin over Nickel Preplate. The series is backward compatible with Sn/Pb soldering
systems. The series has a Moisture Sensitivity Level (MSL) 1.
Samples of the product series were tested in accordance with the conditioning described for MSL level 1 in IPS/JEDEC STD-020D.
The product series passed electrical tests and visual inspection criteria.
For further information, please visit: www.murata-ps.com/rohs
TOLERANCE ENVELOPES
The voltage tolerance envelope shows typical load regulation characteristics for this product series. The tolerance
envelope is the maximum output voltage variation due to changes in output loading.
Output Load Current (%)
VNOM
5%
0%
-4%
1%
100
75
50
25
10
Output Load Current (%)
VNOM
5.5%
0%
-4%
1.5%
100
75
50
25
10
5V output types
All other types


Similar Part No. - MTU1S0509MC

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
MTU1S0509MC MURATA-PS-MTU1S0509MC Datasheet
159Kb / 6P
   Isolated 1W Single Output SM DC/DC Converters
MTU1S0509MC MURATA-PS-MTU1S0509MC Datasheet
261Kb / 7P
   Isolated 1W Single & Dual Output SM DC/DC Converters
MTU1S0509MC MURATA-PS-MTU1S0509MC Datasheet
284Kb / 10P
   Isolated 1W Single & Dual Output SM DC-DC Converters
2023
More results

Similar Description - MTU1S0509MC

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
NTE0505MC-R MURATA-NTE0505MC-R Datasheet
221Kb / 6P
   Isolated 1W Single Output SM DC/DC Converters
NTE MURATA-NTE Datasheet
224Kb / 6P
   Isolated 1W Single Output SM DC/DC Converters
logo
C&D Technologies
NTE CANDD-NTE Datasheet
373Kb / 2P
   Isolated 1W Single Output SM DC/DC Converters
logo
Murata Manufacturing Co...
NXJ1 MURATA-NXJ1 Datasheet
343Kb / 10P
   Isolated 1W Single Output SM DC/DC Converters
MTE1S0303MC MURATA-MTE1S0303MC Datasheet
200Kb / 7P
   Isolated 1W Single Output SM DC/DC Converters
NTE0305MC-R MURATA-NTE0305MC-R Datasheet
221Kb / 6P
   Isolated 1W Single Output SM DC/DC Converters
logo
Murata Power Solutions ...
MTU1 MURATA-PS-MTU1 Datasheet
159Kb / 6P
   Isolated 1W Single Output SM DC/DC Converters
NXE1 MURATA-PS-NXE1 Datasheet
1Mb / 8P
   Isolated 1W Single Output SM DC/DC Converters
MTU1S0305MC MURATA-PS-MTU1S0305MC Datasheet
261Kb / 7P
   Isolated 1W Single & Dual Output SM DC/DC Converters
logo
Murata Manufacturing Co...
KDC_NTA MURATA-KDC_NTA Datasheet
159Kb / 4P
   Isolated 1W Dual Output SM DC/DC Converters
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com