Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HPQ-12-D48 Datasheet(PDF) 7 Page - Murata Manufacturing Co., Ltd.

Part # HPQ-12-D48
Description  Isolated 300-Watt Quarter Brick DC/DC Converters
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

HPQ-12-D48 Datasheet(HTML) 7 Page - Murata Manufacturing Co., Ltd.

Back Button HPQ-12-D48_11 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. HPQ-12-D48_11 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. HPQ-12-D48_11 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. HPQ-12-D48_11 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. HPQ-12-D48_11 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. HPQ-12-D48_11 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. HPQ-12-D48_11 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. HPQ-12-D48_11 Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. HPQ-12-D48_11 Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
TYPICAL PERFORMANCE DATA
Max = 81A, Period = 1.180s, Pulse width = 6.4ms
Step Load Transient Response (Vin = 48V, Cload = 1μF ceramic and 10μF tantalum,
Iout = 50-75-50% lmax, Slew = 0.1A/μSec., Ta = +25°C)
Output Ripple and Noise (Vin=36V, Iout=25A, Cload=0, Ta=+25˚C., ScopeBW=20MHz)
Output Ripple and Noise (Vin=36V, Iout=0A, Cload=0, Ta=+25˚C., ScopeBW=20MHz)
Power On Startup Delay Output
(Vin = 0 to 48V, Iout = 0A, Cload = 0, Ta = +25°C)
Output Short Circuit Hiccup
(Vin = Nom., Iout = Imax, Cload = 0, Ta = +25°C)
HPQ-12/25-D48 Series
Isolated 300-Watt Quarter Brick DC/DC Converters
www.murata-ps.com
email: sales@murata-ps.com
21 Feb 2011
MDC_HPQ-12/25-D48 Series.A07 Page 7 of 14


Similar Part No. - HPQ-12-D48_11

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
HPQ-12-25-D48 MURATA-HPQ-12-25-D48 Datasheet
577Kb / 12P
   Isolated 300-Watt Quarter Brick DC/DC Converters
logo
Murata Power Solutions ...
HPQ-12-25-D48 MURATA-PS-HPQ-12-25-D48 Datasheet
1Mb / 16P
   Isolated 300-Watt Quarter Brick DC-DC Converters
2019
HPQ-12-25-D48 MURATA-PS-HPQ-12-25-D48_V01 Datasheet
1Mb / 16P
   Isolated 300-Watt Quarter Brick DC-DC Converters
2019
More results

Similar Description - HPQ-12-D48_11

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
HPQ-12 MURATA-PS-HPQ-12 Datasheet
577Kb / 12P
   Isolated 300-Watt Quarter Brick DC/DC Converters
logo
Murata Manufacturing Co...
HPQ-12-25-D48 MURATA-HPQ-12-25-D48 Datasheet
577Kb / 12P
   Isolated 300-Watt Quarter Brick DC/DC Converters
logo
Murata Power Solutions ...
RBQ-12-33-D48 MURATA-PS-RBQ-12-33-D48 Datasheet
688Kb / 15P
   Quarter-Brick 400-Watt Isolated DC-DC Converters
logo
Murata Manufacturing Co...
RBQ-12 MURATA-RBQ-12 Datasheet
691Kb / 15P
   Quarter-Brick 400-Watt Isolated DC-DC Converters
782482 MURATA-782482 Datasheet
106Kb / 2P
   Isolated High Power Quarter Brick DC/DC Converters
HPQ-3.3 MURATA-HPQ-3.3 Datasheet
272Kb / 10P
   Isolated High Power Quarter Brick DC/DC Converters
HPQ MURATA-HPQ Datasheet
1Mb / 10P
   Isolated High Power Quarter Brick DC/DC Converters
HPQ_SERIES MURATA-HPQ_SERIES Datasheet
269Kb / 10P
   Isolated High Power Quarter Brick DC/DC Converters
UWQ-12-Q48 MURATA-UWQ-12-Q48 Datasheet
1,003Kb / 18P
   Wide Input, Isolated DOSA Quarter Brick DC/DC Converters
UWQ-1217-Q48NB-C MURATA-UWQ-1217-Q48NB-C Datasheet
982Kb / 17P
   Wide Input, Isolated DOSA Quarter Brick DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com