Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC75852 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # LC75852
Description  Asynchronous Silicon Gate 1/2 Duty LCD Driver with On-Chip Key Input Function
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC75852 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  LC75852 Datasheet HTML 1Page - Sanyo Semicon Device LC75852 Datasheet HTML 2Page - Sanyo Semicon Device LC75852 Datasheet HTML 3Page - Sanyo Semicon Device LC75852 Datasheet HTML 4Page - Sanyo Semicon Device LC75852 Datasheet HTML 5Page - Sanyo Semicon Device LC75852 Datasheet HTML 6Page - Sanyo Semicon Device LC75852 Datasheet HTML 7Page - Sanyo Semicon Device LC75852 Datasheet HTML 8Page - Sanyo Semicon Device LC75852 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
CMOS LSI
Ordering number : EN4828A
63096HA (OT)/N1594TH (OT) B8-1326, 1328 No. 4828-1/16
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquarters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110 JAPAN
Asynchronous Silicon Gate 1/2 Duty LCD Driver
with On-Chip Key Input Function
LC75852E, 75852W
Overview
The LC75852E and LC75852W are 1/2 duty dynamic
LCD display drivers. In addition to being able to directly
drive LCD panels with up to 90 segments, they can also
control up to four general-purpose output ports. These
products also include a key scan circuit which allows
them to accept input from keypads with up to 30 keys.
This allows end product front panel wiring to be
simplified.
Features
• Up to 30 key inputs (Key scan is only performed when a
key is pressed.)
• 1/2 duty – 1/2 bias (up to 90 segments)
• Sleep mode and the all segments off function can be
controlled from serial data.
• Segment output port/general-purpose output port usage
can be controlled from serial data.
• Serial data I/O supports CCB format communication
with the system controller.
• High generality since display data is displayed directly
without decoder intervention
• Reset pin that can establish the initial state.
Package Dimensions
unit: mm
3159-QFP64E
unit: mm
3190-SQFP64
Specifications
Absolute Maximum Ratings at Ta = 25°C, V
SS = 0 V
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage
V
DD max
V
DD
–0.3 to +7.0
V
Input voltage
V
IN
OSC, CE, CL, DI, RES, KI1 to KI5
–0.3 to V
DD + 0.3
V
Output voltage
V
OUT
OSC, DO, S1 to S45, COM1, COM2, KS1 to KS6, P1 to P4
–0.3 to V
DD + 0.3
V
I
OUT1
S1 to S45
100
µA
Output current
I
OUT2
COM1, COM2, KS1 to KS6
1
mA
I
OUT3
P1 to P4
5
mA
Allowable power dissipation
Pd max
Ta = 85°C
200
mW
Operating temperature
Topr
–40 to +85
°C
Storage temperature
Tstg
–55 to +125
°C
• CCB is a trademark of SANYO ELECTRIC CO., LTD.
• CCB is SANYO’s original bus format and all the bus
addresses are controlled by SANYO.
[LC75852E]
SANYO: QIP64E
SANYO: SQFP64
[LC75852W]


Similar Part No. - LC75852

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LC75852E ONSEMI-LC75852E Datasheet
669Kb / 19P
   1/2-Duty LCD Driver with Key Input Function
July 2017 - Rev. 1
LC75852E-E ONSEMI-LC75852E-E Datasheet
669Kb / 19P
   1/2-Duty LCD Driver with Key Input Function
July 2017 - Rev. 1
LC75852EHS-E ONSEMI-LC75852EHS-E Datasheet
669Kb / 19P
   1/2-Duty LCD Driver with Key Input Function
July 2017 - Rev. 1
LC75852W-E ONSEMI-LC75852W-E Datasheet
669Kb / 19P
   1/2-Duty LCD Driver with Key Input Function
July 2017 - Rev. 1
LC75852W-TML-E ONSEMI-LC75852W-TML-E Datasheet
669Kb / 19P
   1/2-Duty LCD Driver with Key Input Function
July 2017 - Rev. 1
More results

Similar Description - LC75852

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LC75852E ONSEMI-LC75852E Datasheet
669Kb / 19P
   1/2-Duty LCD Driver with Key Input Function
July 2017 - Rev. 1
logo
Princeton Technology Co...
PT6552 PTC-PT6552 Datasheet
898Kb / 22P
   쩍 Duty LCD Driver with On-Chip Key Input Function
logo
ON Semiconductor
EN4828 ONSEMI-EN4828 Datasheet
355Kb / 16P
   Asynchronous Silicon Gate 1/2 Duty LCD Driver
July, 2013
EN7980 ONSEMI-EN7980 Datasheet
431Kb / 39P
   Duty LCD Driver with Key Input Function
July, 2013
LC75857W ONSEMI-LC75857W Datasheet
738Kb / 42P
   Duty LCD Driver with Key Input Function
July 2017 - Rev. 1
logo
Sanyo Semicon Device
LC75742E SANYO-LC75742E Datasheet
308Kb / 18P
   1/2 Duty VFD Driver with Key Input Function
LC75893M SANYO-LC75893M Datasheet
389Kb / 23P
   1/3 Duty LCD Display Driver with Key Input Function
logo
ON Semiconductor
ENA1425 ONSEMI-ENA1425 Datasheet
424Kb / 35P
   Duty LCD Display Driver with Key Input Function
July, 2013
LC75863W ONSEMI-LC75863W Datasheet
170Kb / 25P
   Duty LCD Display Driver with Key Input Function
October, 2013
logo
Toshiba Semiconductor
TC9298F TOSHIBA-TC9298F Datasheet
806Kb / 20P
   LCD DRIVER WITH ON-CHIP KEY INPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com