Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY8C5386AXI-105 Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY8C5386AXI-105
Description  Programmable System-on-Chip (PSoC )
Download  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C5386AXI-105 Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY8C5386AXI-105 Datasheet HTML 1Page - Cypress Semiconductor CY8C5386AXI-105 Datasheet HTML 2Page - Cypress Semiconductor CY8C5386AXI-105 Datasheet HTML 3Page - Cypress Semiconductor CY8C5386AXI-105 Datasheet HTML 4Page - Cypress Semiconductor CY8C5386AXI-105 Datasheet HTML 5Page - Cypress Semiconductor CY8C5386AXI-105 Datasheet HTML 6Page - Cypress Semiconductor CY8C5386AXI-105 Datasheet HTML 7Page - Cypress Semiconductor CY8C5386AXI-105 Datasheet HTML 8Page - Cypress Semiconductor CY8C5386AXI-105 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 102 page
background image
PRELIMINARY
PSoC® 5: CY8C53 Family Datasheet
Programmable System-on-Chip (PSoC®)
Cypress Semiconductor Corporation
198 Champion Court
San Jose
, CA 95134-1709
408-943-2600
Document Number: 001-55035 Rev. *G
Revised September 2, 2010
General Description
With its unique array of configurable blocks, PSoC® 5 is a true system level solution providing microcontroller unit (MCU), memory,
analog, and digital peripheral functions in a single chip. The CY8C53 family offers a modern method of signal acquisition, signal
processing, and control with high accuracy, high bandwidth, and high flexibility. Analog capability spans the range from thermocouples
(near DC voltages) to ultrasonic signals. The CY8C53 family can handle dozens of data acquisition channels and analog inputs on
every GPIO pin. The CY8C53 family is also a high-performance configurable digital system with some part numbers including
interfaces such as USB, multi-master I2C, and controller area network (CAN). In addition to communication interfaces, the CY8C53
family has an easy to configure logic array, flexible routing to all I/O pins, and a high-performance 32-bit ARM® Cortex™-M3
microprocessor core. Designers can easily create system-level designs using a rich library of prebuilt components and boolean
primitives using PSoC® Creator™, a hierarchical schematic design entry tool. The CY8C53 family provides unparalleled opportunities
for analog and digital bill of materials integration while easily accommodating last minute design changes through simple firmware
updates.
Features
32-bit ARM Cortex-M3 CPU core
DC to 80 MHz operation
Flash program memory, up to 256 KB, 100,000 write cycles,
20-year retention, multiple security features
Up to 64 KB SRAM memory
2-KB electrically erasable programmable read-only memory
(EEPROM) memory, 1 million cycles, and 20 years retention
24-channel direct memory access (DMA) with multilayer
AMBA high-performance bus (AHB) bus access
• Programmable chained descriptors and priorities
• High bandwidth 32-bit transfer support
Low voltage, ultra low power
Wide operating voltage range: 0.5 V to 5.5 V
High efficiency boost regulator from 0.5 V input to 1.8 V to
5.0 V output
2 mA at 6 MHz
Low power modes including:
• 2-µA sleep mode with real time clock (RTC) and
low-voltage detect (LVD) interrupt
• 300-nA hibernate mode with RAM retention
Versatile I/O system
28 to 72 I/Os (62 GPIOs, 8 SIOs, 2 USBIOs[1])
Any GPIO to any digital or analog peripheral routability
LCD direct drive from any GPIO, up to 46x16 segments
CapSense® support from any GPIO[2]
1.2 V to 5.5 V I/O interface voltages, up to 4 domains
Maskable, independent IRQ on any pin or port
Schmitt-trigger transistor-transistor logic (TTL) inputs
All GPIOs configurable as open drain high/low,
pull-up/pull-down, High-Z, or strong output
Configurable GPIO pin state at power-on reset (POR)
25 mA sink on SIO
Digital peripherals
20 to 24 programmable logic device (PLD) based universal
digital blocks (UDBs)
Full CAN 2.0b 16 RX, 8 TX buffers[1]
Full-Speed (FS) USB 2.0 12 Mbps using internal oscillator[1]
Up to four 16-bit configurable timer, counter, and PWM blocks
Library of standard peripherals
• 8-, 16-, 24-, and 32-bit timers, counters, and PWMs
• SPI, UART, and I2C
• Many others available in catalog
Library of advanced peripherals
• Cyclic redundancy check (CRC)
• Pseudo random sequence (PRS) generator
• Local interconnect network (LIN) bus 2.0
• Quadrature decoder
Analog peripherals (1.71 V
 VDDA  5.5 V)
1.024 V ± 0.1% internal voltage reference across –40 °C to
+85 °C (14 ppm/°C)
Successive approximation register (SAR)
analog-to-digital
converter (ADC), 12-bit at 1 Msps
Two 8-bit 8 Msps current digital-to-analog converters (DAC)
(IDACs) or 1 Msps voltage DACs (VDACs)
Four comparators with 95-ns response time
Two uncommitted opamps with 25-mA drive capability
Two configurable multifunction analog blocks. Example
configurations are programmable gain amplifier (PGA),
transimpedance amplifier (TIA), mixer, and sample and hold
CapSense support
Programming, debug, and trace
JTAG (4-wire), serial wire debug (SWD) (2-wire), single-wire
viewer (SWV), and TRACEPORT interfaces
Cortex-M3 flash patch and breakpoint (FPB) block
Cortex-M3 Embedded Trace Macrocell™ (ETM™)
generates an instruction trace stream.
Cortex-M3 data watchpoint and trace (DWT) generates data
trace information
Cortex-M3 instrumentation trace macrocell (ITM) can be
used for printf-style debugging
DWT, ETM, and ITM blocks communicate with off-chip debug
and trace systems via the SWV or TRACEPORT
Bootloader programming supportable through I2C, SPI,
UART, USB, and other interfaces
Precision, programmable clocking
3- to 74-MHz internal oscillator over full temperature and
voltage range
4- to 33-MHz crystal oscillator for crystal PPM accuracy
Internal PLL clock generation up to 80 MHz
32.768-kHz watch crystal oscillator
Low power internal oscillator at 1, 33, and 100 kHz
Temperature and packaging
–40°C to +85°C degrees industrial temperature
48-pin SSOP, 68-pin QFN, and 100-pin TQFP package
options
Notes
1. This feature on select devices only. See Ordering Information on page 91 for details.
2. GPIOs with opamp outputs are not recommended for use with CapSense
[+] Feedback


Similar Part No. - CY8C5386AXI-105

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C53 CYPRESS-CY8C53 Datasheet
3Mb / 106P
   Programmable System-on-Chip (PSoC) DC to 67 MHz operation
CY8C5365AXI-043 CYPRESS-CY8C5365AXI-043 Datasheet
3Mb / 106P
   Programmable System-on-Chip (PSoC) DC to 67 MHz operation
CY8C5365LTI-104 CYPRESS-CY8C5365LTI-104 Datasheet
3Mb / 106P
   Programmable System-on-Chip (PSoC) DC to 67 MHz operation
CY8C5366AXI-001 CYPRESS-CY8C5366AXI-001 Datasheet
3Mb / 106P
   Programmable System-on-Chip (PSoC) DC to 67 MHz operation
CY8C5366LTI-053 CYPRESS-CY8C5366LTI-053 Datasheet
3Mb / 106P
   Programmable System-on-Chip (PSoC) DC to 67 MHz operation
More results

Similar Description - CY8C5386AXI-105

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C21345 CYPRESS-CY8C21345_11 Datasheet
945Kb / 35P
   PSoC Programmable System-on-Chip
CY8C29466 CYPRESS-CY8C29466_09 Datasheet
1Mb / 46P
   PSoC Programmable System-on-Chip
CY8C27143 CYPRESS-CY8C27143_09 Datasheet
1Mb / 53P
   PSoC Programmable System-on-Chip
CY8C34 CYPRESS-CY8C34 Datasheet
3Mb / 99P
   Programmable System-on-Chip (PSoC)
CY8C52 CYPRESS-CY8C52 Datasheet
2Mb / 85P
   Programmable System-on-Chip (PSoC)
PSOC4100S CYPRESS-PSOC4100S Datasheet
733Kb / 42P
   Programmable System-on-Chip (PSoC)
CY8C21123 CYPRESS-CY8C21123_09 Datasheet
968Kb / 36P
   PSoC Programmable System-on-Chip
CY8C36 CYPRESS-CY8C36 Datasheet
2Mb / 99P
   Programmable System-on-Chip (PSoC)
CY8C54 CYPRESS-CY8C54 Datasheet
2Mb / 93P
   Programmable System-on-Chip (PSoC)
CY8C28243 CYPRESS-CY8C28243_11 Datasheet
2Mb / 78P
   PSoC Programmable System-on-Chip
CY8C38 CYPRESS-CY8C38 Datasheet
3Mb / 100P
   Programmable System-on-Chip (PSoC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com