Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY8C5386PVI-057 Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # CY8C5386PVI-057
Description  Programmable System-on-Chip (PSoC )
Download  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C5386PVI-057 Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button CY8C5386PVI-057 Datasheet HTML 2Page - Cypress Semiconductor CY8C5386PVI-057 Datasheet HTML 3Page - Cypress Semiconductor CY8C5386PVI-057 Datasheet HTML 4Page - Cypress Semiconductor CY8C5386PVI-057 Datasheet HTML 5Page - Cypress Semiconductor CY8C5386PVI-057 Datasheet HTML 6Page - Cypress Semiconductor CY8C5386PVI-057 Datasheet HTML 7Page - Cypress Semiconductor CY8C5386PVI-057 Datasheet HTML 8Page - Cypress Semiconductor CY8C5386PVI-057 Datasheet HTML 9Page - Cypress Semiconductor CY8C5386PVI-057 Datasheet HTML 10Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 102 page
background image
PRELIMINARY
PSoC® 5: CY8C53 Family Datasheet
Document Number: 001-55035 Rev. *G
Page 6 of 102
Figure 2-1. 48-pin SSOP Part Pinout [3]
Figure 2-2. 68-pin QFN Part Pinout[4]
SSOP
Vssa
(SIO) P12[3]
247
Vcca
(OpAmp2out, GPIO) P0[0]
346
P15[3] (GPIO, kHz XTAL: Xi)
(OpAmp0out, GPIO) P0[1]
445
P12[0] (SIO, I2C1: SCL)
Vddio0
742
P12[1] (SIO, I2C1: SDA)
643
(OpAmp0-/Extref0, GPIO) P0[3]
P15[1] (GPIO, MHz XTAL: Xi)
(OpAmp2-, GPIO) P0[5]
940
P15[0] (GPIO, MHz XTAL: Xo)
(IDAC0, GPIO) P0[6]
10
39
Vccd
(IDAC2, GPIO) P0[7]
11
38
Vssd
Vccd
12
37
Vddd
Vssd
13
36
P15[7] (USBIO, D-, SWDCK)
Vddd
14
35
P15[6] (USBIO, D+, SWDIO)
(TRACECLK, GPIO) P2[3]
15
34
P1[7] (GPIO)
(TRACEDATA[0], GPIO) P2[4]
16
33
P1[6] (GPIO)
Vddio2
17
32
Vddio1
(TRACEDATA[1], GPIO) P2[5]
18
31
P1[5] (GPIO, nTRST)
(TRACEDATA[2], GPIO) P2[6]
19
30
P1[4] (GPIO, TDI)
(TRACEDATA[3], GPIO) P2[7]
20
29
P1[3] (GPIO, TDO, SWV)
Vssb
21
28
Ind
22
27
P1[1] (GPIO, TCK, SWDCK)
Vboost
23
26
P1[0] (GPIO, TMS, SWDIO)
Vbat
24
25
Vdda
(SIO) P12[2]
148
Vddio3
(OpAmp2+, GPIO) P0[4]
841
P15[2] (GPIO, kHz XTAL: Xo)
(OpAmp0+, GPIO) P0[2]
544
Lines show
Vddio to I/O
supply
association
P1[2] (GPIO, configurable XRES)
[3]
[3]
(TRACEDATA[2], GPIO) P2[6]
(TRACEDATA[3], GPIO) P2[7]
(I2C0: SCL, SIO) P12[4]
(I2C0: SDA, SIO) P12[5]
Vssb
Ind
Vboost
Vbat
Vssd
XRES
(TMS, SWDIO, GPIO) P1[0]
(TCK, SWDCK, GPIO) P1[1]
(configurable XRES, GPIO) P1[2]
(TDO, SWV, GPIO) P1[3]
(TDI, GPIO) P1[4]
(nTRST, GPIO) P1[5]
Vddio1
P0[3] (GPIO, OpAmp0-/Extref0)
P0[2] (GPIO, OpAmp0+)
P0[1] (GPIO, OpAmp0out)
P0[0] (GPIO, OpAmp2out)
P12[3] (SIO)
P12[2] (SIO)
Vssd
Vdda
Vssa
Vcca
P15[3] (GPIO, kHz XTAL: Xi)
P15[2] (GPIO, kHz XTAL: Xo)
P12[1] (SIO, I2C1: SDA)
P12[0] (SIO, 12C1: SCL)
P3[7] (GPIO)
P3[6] (GPIO)
Vddio3
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
10
11
12
13
14
15
16
17
1
2
3
4
5
6
7
8
9
QFN
(Top View)
Lines show Vddio
to IO supply
association
Notes
3. Pins are No Connect (NC) on devices without USB. NC means that the pin has no electrical connection. The pin can be left floating or tied to a supply voltage or ground.
4. The center pad on the QFN package should be connected to digital ground (VSSD) for best mechanical, thermal, and electrical performance. If not connected to
ground, it should be electrically floated and not connected to any other signal.
[+] Feedback


Similar Part No. - CY8C5386PVI-057

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C53 CYPRESS-CY8C53 Datasheet
3Mb / 106P
   Programmable System-on-Chip (PSoC) DC to 67 MHz operation
CY8C5365AXI-043 CYPRESS-CY8C5365AXI-043 Datasheet
3Mb / 106P
   Programmable System-on-Chip (PSoC) DC to 67 MHz operation
CY8C5365LTI-104 CYPRESS-CY8C5365LTI-104 Datasheet
3Mb / 106P
   Programmable System-on-Chip (PSoC) DC to 67 MHz operation
CY8C5366AXI-001 CYPRESS-CY8C5366AXI-001 Datasheet
3Mb / 106P
   Programmable System-on-Chip (PSoC) DC to 67 MHz operation
CY8C5366LTI-053 CYPRESS-CY8C5366LTI-053 Datasheet
3Mb / 106P
   Programmable System-on-Chip (PSoC) DC to 67 MHz operation
More results

Similar Description - CY8C5386PVI-057

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C21345 CYPRESS-CY8C21345_11 Datasheet
945Kb / 35P
   PSoC Programmable System-on-Chip
CY8C29466 CYPRESS-CY8C29466_09 Datasheet
1Mb / 46P
   PSoC Programmable System-on-Chip
CY8C27143 CYPRESS-CY8C27143_09 Datasheet
1Mb / 53P
   PSoC Programmable System-on-Chip
CY8C34 CYPRESS-CY8C34 Datasheet
3Mb / 99P
   Programmable System-on-Chip (PSoC)
CY8C52 CYPRESS-CY8C52 Datasheet
2Mb / 85P
   Programmable System-on-Chip (PSoC)
PSOC4100S CYPRESS-PSOC4100S Datasheet
733Kb / 42P
   Programmable System-on-Chip (PSoC)
CY8C21123 CYPRESS-CY8C21123_09 Datasheet
968Kb / 36P
   PSoC Programmable System-on-Chip
CY8C36 CYPRESS-CY8C36 Datasheet
2Mb / 99P
   Programmable System-on-Chip (PSoC)
CY8C54 CYPRESS-CY8C54 Datasheet
2Mb / 93P
   Programmable System-on-Chip (PSoC)
CY8C28243 CYPRESS-CY8C28243_11 Datasheet
2Mb / 78P
   PSoC Programmable System-on-Chip
CY8C38 CYPRESS-CY8C38 Datasheet
3Mb / 100P
   Programmable System-on-Chip (PSoC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com