Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC75844 Datasheet(PDF) 6 Page - Sanyo Semicon Device

Part # LC75844
Description  1/4 Duty General-Purpose LCD Driver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC75844 Datasheet(HTML) 6 Page - Sanyo Semicon Device

Back Button LC75844 Datasheet HTML 2Page - Sanyo Semicon Device LC75844 Datasheet HTML 3Page - Sanyo Semicon Device LC75844 Datasheet HTML 4Page - Sanyo Semicon Device LC75844 Datasheet HTML 5Page - Sanyo Semicon Device LC75844 Datasheet HTML 6Page - Sanyo Semicon Device LC75844 Datasheet HTML 7Page - Sanyo Semicon Device LC75844 Datasheet HTML 8Page - Sanyo Semicon Device LC75844 Datasheet HTML 9Page - Sanyo Semicon Device LC75844 Datasheet HTML 10Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
No. 6235-6/14
LC75844M
2. When CL is stopped at the high level
Note: DD ... Direction data
• CCB address...............44H
• D1 to D88...................Display data
• P0 to P2 ......................Segment output port/general-purpose output port switching control data
• DR ..............................1/2 bias drive or 1/3 bias drive switching control data
• SC...............................Segments on/off control data
• BU ..............................Normal mode/power-saving mode control data
CE
CL
DI
A12601
0010001
0
B0 B1 B2 B3 A0 A1 A2
A3
D2
D1
D3
D37 D38 D39 D40 D41 D42 D43 D44 00000
P0 P1 P2 DR SC BU
0
0010001
0
B0 B1 B2 B3 A0 A1 A2
A3
D46
D45
D47
D81 D82 D83 D84 D85 D86 D87 D88 000000000001
CCB address
8 bits
CCB address
8 bits
Display data
44 bits
Display data
44 bits
Control data
11 bits
Fixed data
11 bits
DD
1 bit
DD
1 bit
Serial Data Transfer Examples
• When 45 or more segments are used, all 112 bits of the serial data must be sent.
• When fewer than 45 segments are used, only 56 bits of serial data need to be sent. However, the display data D1 to D44
and the control data must be sent.
A12602
00100010
B0 B1 B2 B3 A0 A1 A2 A3
D1 D2 D3
D37 D38 D39 D40 D41 D42 D43 D44
00000
P0 P1 P2 DR SC BU
0
00100010
B0 B1 B2 B3 A0 A1 A2 A3
D45 D46 D47
D81 D82 D83 D84 D85 D86 D87 D88
000000000001
A12603
00100010
B0 B1 B2 B3 A0 A1 A2 A3
D1 D2 D3
D37 D38 D39 D40 D41 D42 D43 D44
00000
P0 P1 P2 DR SC BU
0
Note: When fewer than 45 segments are used, transfers such as that shown in the figure below cannot be used.
A12604
00100010
B0 B1 B2 B3 A0 A1 A2 A3
D45 D46 D47
D81 D82 D83 D84 D85 D86 D87 D88
000000000001
8 bits
8 bits
8 bits
56 bits
56 bits
56 bits


Similar Part No. - LC75844

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC75844M SANYO-LC75844M Datasheet
207Kb / 15P
   1/4-Duty General-Purpose LCD Display Driver
LC75844M SANYO-LC75844M_08 Datasheet
207Kb / 15P
   1/4-Duty General-Purpose LCD Display Driver
More results

Similar Description - LC75844

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC75814V SANYO-LC75814V Datasheet
101Kb / 14P
   1/4 Duty General-Purpose LCD Driver
logo
ON Semiconductor
LC75836WS-T ONSEMI-LC75836WS-T_17 Datasheet
263Kb / 17P
   1/4-Duty General-Purpose LCD Driver
June 2017 - Rev. 1
logo
Sanyo Semicon Device
LC75824E SANYO-LC75824E Datasheet
336Kb / 16P
   1/4 Duty General-Purpose LCD Display Driver???
LC75874E SANYO-LC75874E Datasheet
431Kb / 16P
   1/4-Duty General-Purpose LCD Display Driver
LC75844M SANYO-LC75844M_08 Datasheet
207Kb / 15P
   1/4-Duty General-Purpose LCD Display Driver
LC75836W SANYO-LC75836W Datasheet
145Kb / 18P
   1/4-Duty General-Purpose LCD Display Driver
logo
ON Semiconductor
LC75836W ONSEMI-LC75836W Datasheet
149Kb / 18P
   1/4-Duty General-Purpose LCD Display Driver
July, 2013
logo
Sanyo Semicon Device
LC75813E SANYO-LC75813E Datasheet
295Kb / 26P
   1/3, 1/4 Duty General-Purpose LCD Driver
logo
ON Semiconductor
EN6235 ONSEMI-EN6235 Datasheet
180Kb / 15P
   1/4-Duty General-Purpose LCD Display Driver
July, 2013
logo
Sanyo Semicon Device
LC75813T-E SANYO-LC75813T-E Datasheet
295Kb / 26P
   1/3, 1/4 Duty General-Purpose LCD Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com