Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCJ Datasheet(PDF) 2 Page - Tyco Electronics

Part # PCJ
Description  Miniature PCB Relay PCJ
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

PCJ Datasheet(HTML) 2 Page - Tyco Electronics

  PCJ Datasheet HTML 1Page - Tyco Electronics PCJ Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Datasheet Rev. IJ1
Issued 2009/10
www.tycoelectronics.com
www.schrackrelays.com
Dimensions are in mm unless
otherwise specified and are
shown for reference purposes
only.
Product specification
according to IEC 61810-1.
Product data, technical para-
meters, test conditions and
processing information only
to be used together with the
'Definitions' section in the cat-
alogue or at schrackrelays.com
in the ‘Schrack’ section.
Specifications subject to
change.
General Purpose Relays
SCHRACK
2
Miniature PCB Relay PCJ (Continued)
Insulation
Dielectric strength coil-contact circuit
4000 Vrms
open contact circuit
750 Vrms
Clearance / creepage coil-contact circuit
W 8 / 8 mm
Material group of insulation parts
W IIIa
Tracking index of relay base, standard version
PTI 175
WG-version
PTI 250
Insulation to IEC 61810-1
Type of insulation coil-contact circuit
reinforced
open contact circuit
micro disconnection
Rated insulation voltage
250 V
Pollution degree
3
Rated voltage system
230 / 400 V
Overvoltage category
III
Other data
Mechanical endurance
10x106 cycles
Material
RoHS - Directive 2002/95/EC
compliant as per product date code 0424
Resistance to heat and fire, WG-version
according EN60335, par.30
Environment
Ambient temperature range
-40...+90°C (105°C)
Vibration resistance (function) NO / NC contact
>10 g
Shock resistance (function) NO / NC contact
>10 g
Shock resistance (destruction)
>100 g
Category of protection
RTII - flux proof / RTIII - wash tight
Processing
Resistance to soldering heat flux-proof version
270°C / 10 s
wash-tight version
260°C / 5 s
Relay weight
4 g
Packaging unit
100 pcs
Dimensions
S=511-AA
S0511-AB
S0512-C
Product key
Typical product key
PCJ
-1
12
D
3
M
-WG
Type
PCJ
Miniature PCB Relay PCJ
Version
1
single contact
Coil
Coil code: please refer to coil versions table
Coil power
D
standard 200 mW
Contact material
3
AgNi
Contact configuration
M
1 NO contact (1 form A)
Enclosure
Blank
flux proof
H
wash tight
Version
Blank
standard version, 3 A, class A
WG
Product in accordance with IEC 60335-1 (domestic appliances), 5 A version only, flux proof, class F
Other types on request
PCB layout / terminal assignment
Bottom view on solder pins
Product key
Version
Contacts
Contact material
Coil
Part number
PCJ-105D3M
flux proof
1 NO contact
AgNi
5 VDC
1721081-2
PCJ-109D3M
3 A
Class A
9 VDC
1721081-4
PCJ-112D3M
12 VDC
1721081-5
PCJ-124D3M
24 VDC
1721081-7
PCJ-105D3MH
wash tight
5 VDC
1721081-9
PCJ-109D3MH
9 VDC
1-1721081-1
PCJ-112D3MH
12 VDC
1-1721081-2
PCJ-124D3MH
24 VDC
1-1721081-4
PCJ-105D3M-WG
flux proof
1 NO contact
AgNi
5 VDC
1721547-2
PCJ-109D3M-WG
5 A
Class F
9 VDC
1721547-4
PCJ-112D3M-WG
WG version
12 VDC
1721547-5
PCJ-124D3M-WG
24 VDC
1721547-7


Similar Part No. - PCJ

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
PCJ MACOM-PCJ Datasheet
123Kb / 2P
   Miniature PCB Relay
logo
Nichicon corporation
PCJ NICHICON-PCJ Datasheet
1,001Kb / 2P
   Chip Type, Low ESR, Higher Capacitance
logo
Tyco Electronics
PCJ-105D2M-WG MACOM-PCJ-105D2M-WG Datasheet
128Kb / 2P
   Miniature PCB Relay PCJ
PCJ-105D2MH-WG MACOM-PCJ-105D2MH-WG Datasheet
128Kb / 2P
   Miniature PCB Relay PCJ
PCJ-105D3M MACOM-PCJ-105D3M Datasheet
123Kb / 2P
   Miniature PCB Relay
More results

Similar Description - PCJ

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
PCJ-105D3M MACOM-PCJ-105D3M_05 Datasheet
128Kb / 2P
   Miniature PCB Relay PCJ
RE030005 MACOM-RE030005 Datasheet
142Kb / 2P
   Miniature PCB Relay
PCJ MACOM-PCJ Datasheet
123Kb / 2P
   Miniature PCB Relay
PE014005 MACOM-PE014005 Datasheet
147Kb / 2P
   Miniature PCB Relay
OJE MACOM-OJE Datasheet
98Kb / 2P
   Miniature PCB Relay
PCH MACOM-PCH Datasheet
127Kb / 3P
   Miniature Power PCB Relay
logo
Picker Components
PC459 PICKER-PC459_17 Datasheet
456Kb / 2P
   Miniature PCB Power Relay
logo
Willow Technologies Ltd
DG6L WILLOW-DG6L Datasheet
230Kb / 3P
   miniature pcb power relay
logo
Sanyou Corporation Limi...
SARDN SANYOU-SARDN Datasheet
176Kb / 3P
   Miniature PCB Automotive Relay
SARM SANYOU-SARM Datasheet
190Kb / 3P
   Miniature PCB Automotive Relay
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com