Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCFN-112H2MG Datasheet(PDF) 1 Page - Tyco Electronics

Part # PCFN-112H2MG
Description  Power PCB Relay PCFN Solar
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

PCFN-112H2MG Datasheet(HTML) 1 Page - Tyco Electronics

  PCFN-112H2MG Datasheet HTML 1Page - Tyco Electronics PCFN-112H2MG Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Datasheet Rev. IJ1
Issued 2009/10
www.tycoelectronics.com
www.schrackrelays.com
Dimensions are in mm unless
otherwise specified and are
shown for reference purposes
only.
Product specification
according to IEC 61810-1.
Product data, technical para-
meters, test conditions and
processing information only
to be used together with the
'Definitions' section in the cat-
alogue or at schrackrelays.com
in the ‘Schrack’ section.
Specifications subject to
change.
General Purpose Relays
1
SCHRACK
Power PCB Relay PCFN Solar
n 1 pole, 26 A, 1 NO Contact
n Contact gap > 1.5 mm
n 200 mW hold power
n Ambient temperature up to 75°C, 85°C at 22 A
n The appliance is able to meet VDE V0126-1-1
Applications
Photovoltaic inverter
F_PCFN_B
Approvals
VREG.-Nr. A951, Z E58304
Technical data of approved types on request
Contact data
Contact configuration
1 NO
Contact set
single contact
Contact gap
> 1.5 mm
Rated voltage
277 VAC
Rated current
26 A
Maximum breaking capacity AC
7200 VA
Contact material
AgSnO2
Rated frequency of operation with / without load
6 / 300 min-1
Operate- / release time
max 20 / 10 ms
Bounce time
max 3 ms
Contact ratings
Type
Contact
Load
Ambient
Cycles
temp. [°C]
IEC 61810
PCFN-1..H2MG
NO
26 A, 277 VAC, cos
ϕ=1
75°C
30x103
PCFN-1..H2MG
NO
22 A, 250 VAC, cos
ϕ=1
85°C
30x103
PCFN-1..H2MG
NO
14 A, 250 VAC, cos
ϕ=1
85°C
100x103
UL 508
PCFN-1..H2MG
NO
26 A, 277 VAC, resistive
75°C
30x103
PCFN-1..H2MG
NO
22 A, 277 VAC, resistive
85°C
30x103
Coil data
Rated coil voltage
12 VDC
Coil insulation system according UL 1446
class F
Coil version, DC-coil
Coil
Rated
Operate
Release
Coil
Rated coil
code
voltage
voltage
voltage
resistance
power
VDC
VDC
VDC
Ohm
W
12
12
7.8
1.2
96
+10%
1.51)
All figures are given for coil without preenergization, at ambient temperature +23°C
Hold voltage
W 4.4 V at ambient temperature w 85°C
1)
Ambient temperature > 23°C requires reduction of coil voltage to 4.4...< 6 V after
100ms


Similar Part No. - PCFN-112H2MG

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
PCFN-112D2M MACOM-PCFN-112D2M Datasheet
268Kb / 2P
   25A Miniature Power PC Board Relay
PCFN-112D2M000 MACOM-PCFN-112D2M000 Datasheet
268Kb / 2P
   25A Miniature Power PC Board Relay
More results

Similar Description - PCFN-112H2MG

ManufacturerPart #DatasheetDescription
logo
Hongfa Technology
HF172F-140 HONGFA-HF172F-140 Datasheet
56Kb / 2P
   SOLAR RELAY
HF161F-W HONGFA-HF161F-W_V01 Datasheet
590Kb / 3P
   SOLAR RELAY
HF116F-G HONGFA-HF116F-G Datasheet
75Kb / 4P
   SOLAR RELAY
HF167F HONGFA-HF167F Datasheet
57Kb / 2P
   SOLAR RELAY
HF170F HONGFA-HF170F Datasheet
63Kb / 2P
   SOLAR RELAY
HF172F-100 HONGFA-HF172F-100 Datasheet
57Kb / 2P
   SOLAR RELAY
HF176F HONGFA-HF176F Datasheet
54Kb / 2P
   SOLAR RELAY
HF165F HONGFA-HF165F Datasheet
55Kb / 3P
   SOLAR RELAY
HF161F-W HONGFA-HF161F-W Datasheet
73Kb / 3P
   SOLAR RELAY
logo
ZETTLER Electronics
AZSR216 ZETTLER-AZSR216 Datasheet
288Kb / 2P
   16 AMP 3-POLE SOLAR POWER RELAY
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com